Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7M6125NLETA3E Datasheet(PDF) 10 Page - Pericom Semiconductor Corporation

Part # PT7M6125NLETA3E
Description  Low Power Voltage Detector
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7M6125NLETA3E Datasheet(HTML) 10 Page - Pericom Semiconductor Corporation

Back Button PT7M6125NLETA3E Datasheet HTML 3Page - Pericom Semiconductor Corporation PT7M6125NLETA3E Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7M6125NLETA3E Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7M6125NLETA3E Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7M6125NLETA3E Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7M6125NLETA3E Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7M6125NLETA3E Datasheet HTML 9Page - Pericom Semiconductor Corporation PT7M6125NLETA3E Datasheet HTML 10Page - Pericom Semiconductor Corporation PT7M6125NLETA3E Datasheet HTML 11Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| |||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-12-0005
PT0181-15
01/18/16
10
PT7M6118-6150 CL/CH /NL
Low Power Voltage Detector
Ordering Information
Part Number
Package Code
Package
PT7M61xxCLTA3E
TA3
Lead free and Green SOT23-3
PT7M61xxCLTA5E
TA5
Lead free and Green SOT23-5
PT7M61xxCLC3E
C3
Lead free and Green SC70-3
PT7M61xxCLC4E
C4
Lead free and Green SC70-4
PT7M61xxCHTA3E
TA3
Lead free and Green SOT23-3
PT7M61xxCHTA5E
TA5
Lead free and Green SOT23-5
PT7M61xxCHC3E
C3
Lead free and Green SC70-3
PT7M61xxCHC4E
C4
Lead free and Green SC70-4
PT7M61xxNLTA3E
TA3
Lead free and Green SOT23-3
PT7M61xxNLTA5E
TA5
Lead free and Green SOT23-5
PT7M61xxNLC3E
C3
Lead free and Green SC70-3
PT7M61xxNLC4E
C4
Lead free and Green SC70-4
PT7M61xxCLETA3E
TA3
Lead free and Green SOT23-3
PT7M61xxCLETA5E
TA5
Lead free and Green SOT23-5
PT7M61xxCLEC3E
C3
Lead free and Green SC70-3
PT7M61xxCLEC4E
C4
Lead free and Green SC70-4
PT7M61xxCHETA3E
TA3
Lead free and Green SOT23-3
PT7M61xxCHETA5E
TA5
Lead free and Green SOT23-5
PT7M61xxCHEC3E
C3
Lead free and Green SC70-3
PT7M61xxCHEC4E
C4
Lead free and Green SC70-4
PT7M61xxNLETA3E
TA3
Lead free and Green SOT23-3
PT7M61xxNLETA5E
TA5
Lead free and Green SOT23-5
PT7M61xxNLEC3E
C3
Lead free and Green SC70-3
PT7M61xxNLEC4E
C4
Lead free and Green SC70-4
PT7M61xxNLEXVE
XV
Lead Free and Green DFN1.6X1.6-4L
PT7M61xxNLXVE
XV
Lead Free and Green DFN1.6X1.6-4L
PT7M61xxCLXVE
XV
Lead Free and Green DFN1.6X1.6-4L
PT7M61xxCLEXVE
XV
Lead Free and Green DFN1.6X1.6-4L
PT7M61xxCHXVE
XV
Lead Free and Green DFN1.6X1.6-4L
PT7M61xxCHEXVE
XV
Lead Free and Green DFN1.6X1.6-4L
Notes:
1: “xx” refer to voltage range, see below table 1.
2: Adding E suffix=1% Hysteresis. For example: PT7M61xxCLETA3E.
3: None E suffix=5% Hysteresis. For example:PT7M61xxCLTA3E.
4: E = Pb-free and Green
5: Adding X Suffix= Tape/Reel
6: Contact Pericom for availability
Table 1 Function comparison
Table 2 Suffix “xx” definition of PT7M61xx
Item
Part No.
Reset Output
Threshold
Open-Drain
Push-Pull
Active high
Active low
Active high
Active low
1
PT7M61xxCL
-
-
-
1.8V to 5.0V in 100mV
increments
2
PT7M61xxCH
-
-
-
3
PT7M61xxNL
-
-
-


Similar Part No. - PT7M6125NLETA3E

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7M6101 PERICOM-PT7M6101 Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
PT7M6101CH PERICOM-PT7M6101CH Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
PT7M6101CHC4E PERICOM-PT7M6101CHC4E Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
PT7M6101CHNE PERICOM-PT7M6101CHNE Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
PT7M6101CHTAE PERICOM-PT7M6101CHTAE Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
More results

Similar Description - PT7M6125NLETA3E

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7M6418 PERICOM-PT7M6418 Datasheet
393Kb / 12P
   Low Power Voltage Detector
logo
Shenzhen Huazhimei Semi...
HM70XX HMSEMI-HM70XX Datasheet
1Mb / 11P
   Low Power Voltage Detector
HM61XX HMSEMI-HM61XX Datasheet
1Mb / 12P
   Low Power Voltage Detector
logo
STMicroelectronics
STM1061 STMICROELECTRONICS-STM1061 Datasheet
289Kb / 21P
   Low Power Voltage Detector
STM1061 STMICROELECTRONICS-STM1061_06 Datasheet
193Kb / 23P
   Low Power Voltage Detector
logo
Asahi Kasei Microsystem...
AP4400A AKM-AP4400A Datasheet
490Kb / 12P
   Ultra Low Power Voltage Detector
logo
Silicon Standard Corp.
SS6680 SSC-SS6680 Datasheet
570Kb / 10P
   Ultra Low Power Voltage Detector
logo
Catalyst Semiconductor
CAT808 CATALYST-CAT808 Datasheet
193Kb / 8P
   Low-Power Precision Voltage Detector
logo
Asahi Kasei Microsystem...
AP4400AEC AKM-AP4400AEC Datasheet
363Kb / 11P
   Ultra Low Power Voltage Detector
logo
HuaXinAn Electronics CO...
AP4400A HUAXINAN-AP4400A Datasheet
493Kb / 12P
   Ultra Low Power Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com