Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7M6834VD3TA3E Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PT7M6834VD3TA3E
Description  Ultra Low Voltage Detectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7M6834VD3TA3E Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PT7M6834VD3TA3E Datasheet HTML 3Page - Pericom Semiconductor Corporation PT7M6834VD3TA3E Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7M6834VD3TA3E Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7M6834VD3TA3E Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7M6834VD3TA3E Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7M6834VD3TA3E Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7M6834VD3TA3E Datasheet HTML 9Page - Pericom Semiconductor Corporation PT7M6834VD3TA3E Datasheet HTML 10Page - Pericom Semiconductor Corporation PT7M6834VD3TA3E Datasheet HTML 11Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2013-11-0003
PT0236-6
11/18/13
7
PT7M6832-6840
Ultra Low Voltage Detectors
Application Information
Negative-Going VCC Transients
In addition to issuing a reset to the µP during power-up,
power-down, and brownout conditions, the PT7M6832–
PT7M6840 are relatively immune to short-duration negative-
going Vcc transients. A 0.1µF bypass capacitor mounted as
close as possible to the Vcc pin provides additional transient
immunity.
Valid Reset Output Down to Vcc = 0
When Vcc falls below 0.9V, the PT7M6832/6835/6838 push-
pull RESET output no longer sinks current for it becomes an
open circuit. Therefore, high-impedance CMOS logic inputs
connected to RESET can drift to undetermined voltages. This
presents no problem in most applications since most µP and
other circuitry are inoperative with Vcc lower than 0.9V.
However, in applications where RESET must be valid down to
0, adding a pull-down resistor to RESET causes any stray
leakage currents to flow to ground, holding RESET low(Fig.4).
R3’s value is not critical; 100kΩ is large enough not to load
RESET and small enough to pull RESET to ground.
A 100kΩ pull-up resistor to Vcc is also recommended for the
PT7M6833/PT7M6836/PT7M6839 if RESET is required to
remain valid for Vcc < 0.85V.
Interfacing to µPs with Bidirectional Reset Pins
Since the RESET output on the PT7M6834/6837/6840 is
open-drain, these devices interface easily with µPs that have
bidirectional reset pins. Connecting the µP supervisor’s
RESET output directly to the µP’s RESET pin with a single
pull-up resistor allows either device to assert a reset (Fig.5).
Open-Drain RESET Output with Multiple Supplies
In some systems the open-drain output is used to level-shift
from the monitored supply to reset circuitry powered by some
other supply (Fig.6).
Note: As the PT7M6834/6837/6840’s Vcc decreases, so does
the IC’s ability to sink current at RESET. Also, with any pull-
up, RESET will be pulled high as Vcc declines toward 0. The
voltage where this occurs depends on the pull-up resistor
value and the voltage to which it is connected.
RESET
VCC
PT7M6832
/6835
/6838
R3
100k
Ω
RESET
VCC
PT7M6834
/6837
/6840
VCC
RESET
INPUT
Bidirectional
µP
VCC
Fig.4 Reset output valid to VCC=0 circuit
Fig.5 Interfacing to µPs with Bidirectional Reset I/O
RESET
VCC
PT7M6834
/6837
/6840
VCC
RESET
INPUT
5V System
+1.2V
+5.0V
Fig.6 Open-drain Reset output with multiple supplies


Similar Part No. - PT7M6834VD3TA3E

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7M6101 PERICOM-PT7M6101 Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
PT7M6101CH PERICOM-PT7M6101CH Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
PT7M6101CHC4E PERICOM-PT7M6101CHC4E Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
PT7M6101CHNE PERICOM-PT7M6101CHNE Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
PT7M6101CHTAE PERICOM-PT7M6101CHTAE Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
More results

Similar Description - PT7M6834VD3TA3E

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7M6101 PERICOM-PT7M6101 Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
logo
Maxim Integrated Produc...
MAX6841 MAXIM-MAX6841 Datasheet
180Kb / 9P
   Ultra-Low-Voltage uP Reset Circuits and Voltage Detectors
Rev 1; 2/03
logo
Torex Semiconductor
XC61C TOREX-XC61C Datasheet
892Kb / 19P
   Low Voltage Detectors
logo
Maxim Integrated Produc...
MAX6841 MAXIM-MAX6841_05 Datasheet
578Kb / 9P
   Ultra-Low-Voltage 關P Reset Circuits and Voltage Detectors
Rev 2; 12/05
MAX6461 MAXIM-MAX6461_05 Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and uP Supervisory Circuits
Rev 2; 12/05
MAX6464UK45 MAXIM-MAX6464UK45 Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and μP Supervisory Circuits
Rev 2; 12/05
MAX6464UK31 MAXIM-MAX6464UK31 Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and μP Supervisory Circuits
Rev 2; 12/05
MAX6375 MAXIM-MAX6375 Datasheet
145Kb / 7P
   3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors
Rev 2; 2/03
MAX6461 MAXIM-MAX6461 Datasheet
153Kb / 10P
   Ultra-Low-Power Voltage Detectors and UP Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com