Electronic Components Datasheet Search |
|
PT7M6834WD2TA3E Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation |
|
PT7M6834WD2TA3E Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation |
4 / 12 page ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| 2013-11-0003 PT0236-6 11/18/13 4 PT7M6832-6840 Ultra Low Voltage Detectors Maximum Ratings Storage Temperature………………………………………… - 65oC to +150oC Ambient Temperature with Power Applied....................-40oC to +85oC Supply Voltage to Ground Potential (VCC to GND)………....... - 0.3V to +6.0V Open-drain RESET, MR... ……………………………………..- 0.3V to +6.0V RESET-IN, Push-pull RESET and RESET……………….-0.3V to +6.0V DC Input/Output Current …………………………………………………20mA Power Dissipation………………………………………………………245mW AC Electrical Characteristics (VCC = +0.9V to +5.5V, unless otherwise noted. Typical values are at TA = +25ºC) Description Symbol Test Conditions Min Typ Max Unit Reset Active Timeout Period tPD D0 - 0.07 - ms D1 1 1.5 2 D2 20 30 40 D3 140 210 280 D4 1120 1680 2240 Vcc or RESET-IN to Reset Delay Vcc falling, step signal from (VTH +100mV) to (VTH -100mV) - 60 - µs Propagation Delay(D0 only) tP Vcc rising, step signal from (VTH -100mV) to (VTH +100mV) - 70 - µs Startup Time(D0 only) - Vcc rising from 0 to 1.1V(tR <1µs) - 150 - µs MR Minimum Input Pulse Width - MR driven from Vcc to 0 2 - - µs MR Glitch Rejection - MR driven from Vcc to 0 - 100 - ns MR to Reset Delay - MR driven from Vcc to 0 - 500 - ns Note: Stresses greater than those listed under MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other condi- tions above those indicated in the operational sec- tions of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. |
Similar Part No. - PT7M6834WD2TA3E |
|
Similar Description - PT7M6834WD2TA3E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |