Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDF7-34DP-2.54DSA Datasheet(PDF) 7 Page - Hirose Electric

Part # MDF7-34DP-2.54DSA
Description  2.54mm Pitch Bottom Entry Type Connector
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

MDF7-34DP-2.54DSA Datasheet(HTML) 7 Page - Hirose Electric

  MDF7-34DP-2.54DSA Datasheet HTML 1Page - Hirose Electric MDF7-34DP-2.54DSA Datasheet HTML 2Page - Hirose Electric MDF7-34DP-2.54DSA Datasheet HTML 3Page - Hirose Electric MDF7-34DP-2.54DSA Datasheet HTML 4Page - Hirose Electric MDF7-34DP-2.54DSA Datasheet HTML 5Page - Hirose Electric MDF7-34DP-2.54DSA Datasheet HTML 6Page - Hirose Electric MDF7-34DP-2.54DSA Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
A253
sDouble-Row Straight Pin Header
[Specific No.] –* *, (* *)
Blank
:Gold plated
(01)
:Tin plated
Note 1: The board to board size in the above table represents the state where the 1.6mm thickness board is used.
Note 2: A quantity for delivery is determined per pack (100 pcs.). If needed, please order the products per pack.
Note 3: The MDF7 series 2-row plating specification is different from the single-row plating specification. No-specification indicates the
gold plating, and (01) indicates the tin plating.
Note 4: As for the products, which HRS No. is not indicated in the above table, we will correspond to samples, and mass-production
according to your demand. Please contact HRS company, as required.
BApplication Pattern and PCB mounting pattern
qWhen the double-row straight pin header is used
BPrecautions
1. Recommended Soldering Condition
sFlow Condition by Automatic Soldering Unit
Soldering temperature: 250±5ç, Soldering time: within 2 seconds
sManual Soldering Condition
Soldering iron temperature: 290±10ç, Soldering time: within 2 seconds
2. Board Masking
If the automatic soldering unit is used, block the pin header through-hole on the receptacle
mounted board with the masking tape, etc., and prevent the flux pervasion.
In addition, if much flux is adhered so as to affect the contact, please be sure to clean the board.
3. Cleaning Condition
Refer to Nylon Connector Use Hand book.
4. Cautions
sIt is impossible to fix the board to the board by the connector only. Please take actions
to fix the board without using the connector.
sIf the board deformation could occur due to vibration, please use the gold plating.
sDon't use the connector as the top entry.
qBoard Through-hole Diameter: Ø1.0+0
+0.1
qMDF7 (Board to Board Size: 2.54 to 5.5mm)
qMDF7P (Board to Board Size: 2.54 to 8mm)
Part Number
CL No.
MDF7-12DP-2.54DSA(**)
MDF7-14DP-2.54DSA(**)
MDF7-16DP-2.54DSA(**)
MDF7-20DP-2.54DSA(**)
MDF7-22DP-2.54DSA(**)
MDF7-24DP-2.54DSA(**)
MDF7-26DP-2.54DSA(**)
MDF7-30DP-2.54DSA(**)
MDF7-34DP-2.54DSA(**)
MDF7-40DP-2.54DSA(**)
MDF7-46DP-2.54DSA(**)
547-0034-7-**
547-0365-4-**
547-0364-1-**
547-0114-4-**
547-0093-6-**
547-0250-2-**
547-0251-5-**
547-0037-5-**
547-0252-8-**
547-0253-0-**
547-0254-3-**
12
14
16
20
22
24
26
30
34
40
46
15.24
17.78
20.32
25.4
27.94
30.48
33.02
38.1
43.18
50.8
58.42
12.7
15.24
17.78
22.86
25.4
27.94
30.48
35.56
40.64
48.26
55.88
Number of Contacts
A
B
10
10
10
10
10
10
10
10
10
10
10
C
Part Number
CL No.
MDF7P-12DP-2.54DSA(**)
MDF7P-14DP-2.54DSA(**)
MDF7P-16DP-2.54DSA(**)
MDF7P-20DP-2.54DSA(**)
MDF7P-22DP-2.54DSA(**)
MDF7P-24DP-2.54DSA(**)
MDF7P-26DP-2.54DSA(**)
MDF7P-30DP-2.54DSA(**)
MDF7P-34DP-2.54DSA(**)
MDF7P-40DP-2.54DSA(**)
MDF7P-46DP-2.54DSA(**)
547-0407-2-**
–––––––
547-0367-0-**
547-0260-6-**
547-0261-9-**
547-0262-1-**
547-0263-4-**
547-0264-7-**
–––––––
–––––––
–––––––
12
14
16
20
22
24
26
30
34
40
46
15.24
17.78
20.32
25.4
27.94
30.48
33.02
38.1
43.18
50.8
58.42
12.7
15.24
17.78
22.86
25.4
27.94
30.48
35.56
40.64
48.26
55.88
Number of Contacts
A
B
12.5
12.5
12.5
12.5
12.5
12.5
12.5
12.5
12.5
12.5
12.5
C
Unit: mm
Unit: mm


Similar Part No. - MDF7-34DP-2.54DSA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MDF76 HIROSE-MDF76 Datasheet
501Kb / 12P
   1.0 mm Pitch, Board-to-Wire LCD Interface Connectors
MDF76-2836PCFA HIROSE-MDF76-2836PCFA Datasheet
490Kb / 12P
   1.0 mm Pitch, Board-to-Wire LCD Interface Connectors
MDF76-2836PCFA(41) HIROSE-MDF76-2836PCFA(41) Datasheet
501Kb / 12P
   1.0 mm Pitch, Board-to-Wire LCD Interface Connectors
MDF76-30P-1C HIROSE-MDF76-30P-1C Datasheet
501Kb / 12P
   1.0 mm Pitch, Board-to-Wire LCD Interface Connectors
MDF76GW-30P-1C HIROSE-MDF76GW-30P-1C Datasheet
490Kb / 12P
   1.0 mm Pitch, Board-to-Wire LCD Interface Connectors
More results

Similar Description - MDF7-34DP-2.54DSA

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
200189FA SUYIN-USA-200189FA Datasheet
185Kb / 1P
   2.0mm DUAL ROW SOCKET S.M.D. BOTTOM ENTRY TYPE
logo
Molex Electronics Ltd.
0022142204 MOLEX2-0022142204 Datasheet
631Kb / 17P
   2.54mm (.100) Pitch KK짰 PC Board Connector, Bottom Entry, 2.54關m (100關
logo
Adam Technologies, Inc.
MTJ-66KA-A-01 ADAM-TECH-MTJ-66KA-A-01 Datasheet
87Kb / 1P
   BOTTOM ENTRY MODULAR JACK CENTERLATCH
logo
Molex Electronics Ltd.
0026116155 MOLEX3-0026116155 Datasheet
226Kb / 4P
   3.96mm (.156") Pitch KK PC Board Connector, Bottom Entry, Nylon Connector
logo
Japan Aviation Electron...
FI-XPB30SL-HF10 JAE-FI-XPB30SL-HF10 Datasheet
139Kb / 1P
   BOTTOM TYPE
logo
Molex Electronics Ltd.
0038001408 MOLEX3-0038001408 Datasheet
631Kb / 17P
   2.54mm (.100") Pitch KK PC Board Connector, Bottom Entry, with Cat Ear Terminal, 18 Circuits
0038001410 MOLEX3-0038001410 Datasheet
631Kb / 17P
   2.54mm (.100") Pitch KK PC Board Connector, Bottom Entry, with Cat Ear Terminal, 20 Circuits
0038001400 MOLEX3-0038001400 Datasheet
631Kb / 17P
   2.54mm (.100") Pitch KK PC Board Connector, Bottom Entry, with Cat Ear Terminal, 10 Circuits
0038001399 MOLEX3-0038001399 Datasheet
631Kb / 17P
   2.54mm (.100") Pitch KK짰 PC Board Connector, Bottom Entry, with Cat Ear Terminal, 9 Circuits
0038001404 MOLEX3-0038001404 Datasheet
631Kb / 17P
   2.54mm (.100") Pitch KK짰 PC Board Connector, Bottom Entry, with Cat Ear Terminal, 14 Circuits
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com