Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WPMDB1200362Q Datasheet(PDF) 10 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # WPMDB1200362Q
Description  Variable Step Down Regulator Module
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

WPMDB1200362Q Datasheet(HTML) 10 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Back Button WPMDB1200362Q Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. WPMDB1200362Q Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. WPMDB1200362Q Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany. WPMDB1200362Q Datasheet HTML 9Page - Wurth Elektronik GmbH & Co. KG, Germany. WPMDB1200362Q Datasheet HTML 10Page - Wurth Elektronik GmbH & Co. KG, Germany. WPMDB1200362Q Datasheet HTML 11Page - Wurth Elektronik GmbH & Co. KG, Germany. WPMDB1200362Q Datasheet HTML 12Page - Wurth Elektronik GmbH & Co. KG, Germany. WPMDB1200362Q Datasheet HTML 13Page - Wurth Elektronik GmbH & Co. KG, Germany. WPMDB1200362Q Datasheet HTML 14Page - Wurth Elektronik GmbH & Co. KG, Germany. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
WPMDB1400362Q / 171040302
MagI
3C Power Module
VDRM
– Variable Step Down Regulator Module
We-online.com
Würth Elektronik eiSos GmbH & Co. KG
– Preliminary Data Sheet REV 0.1
© Mai 2015
10/29
0
10
20
30
40
50
60
70
30
100
1000
FREQUENCY [MHz]
Radiated Emissions
VIN = 3.3V, VOUT = 1.8V, fSW = 1MHz, ILOAD = 4A
EN55022 Class B
Horizontal
Vertical
0
10
20
30
40
50
60
70
30
100
1000
FREQUENCY [MHz]
Radiated Emissions
VIN = 5V, VOUT = 1.8V, fSW = 1MHz, ILOAD = 4A
EN55022 Class B
Horizontal
Vertical
TYPICAL PERFORMANCE CURVES
If not otherwise specified, the following conditions apply: VIN = 3.3V - 5V; CIN = 2 x 47µF X7R ceramic; COUT = 2x 47µF X7R
ceramic, TAMB = 25°C.
RADIATED EMISSIONS EN55022 (CISPR-22) CLASS B COMPLIANT
Measured on module with PCB and without external filters at 3m antenna distance
Measured on module with PCB and without external filters at 3m antenna distance


Similar Part No. - WPMDB1200362Q

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
WPMDB1200362Q WURTH-WPMDB1200362Q Datasheet
1Mb / 29P
   Variable Step Down Regulator Module
WPMDB1200362Q WURTH-WPMDB1200362Q Datasheet
1Mb / 29P
   Variable Step Down Regulator Module
More results

Similar Description - WPMDB1200362Q

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
171020302 WURTH-171020302 Datasheet
1Mb / 29P
   Variable Step Down Regulator Module
171060302 WURTH-171060302 Datasheet
1Mb / 29P
   Variable Step Down Regulator Module
171021501 WURTH-171021501 Datasheet
3Mb / 46P
   Variable Step Down Regulator Module
171010601 WURTH-171010601 Datasheet
3Mb / 54P
   Variable Step Down Regulator Module
171030601 WURTH-171030601 Datasheet
3Mb / 54P
   Variable Step Down Regulator Module
178032401 WURTH-178032401 Datasheet
1Mb / 31P
   MagI쨀C Power Module VDRM - Variable Step Down Regulator Module
178020601 WURTH-178020601 Datasheet
1Mb / 29P
   MagI쨀C Power Module VDRM - Variable Step Down Regulator Module
178012401 WURTH-178012401 Datasheet
1Mb / 31P
   MagI쨀C Power Module VDRM - Variable Step Down Regulator Module
171011801 WURTH-171011801 Datasheet
3Mb / 49P
   MagI3C Power Module VDRM ??Variable Step Down Regulator Module
1.0 February 2018
178012402 WURTH-178012402 Datasheet
1Mb / 31P
   MagI쨀C Power Module VDRM - Variable Step Down Regulator Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com