Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7M8202B32CE Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PT7M8202B32CE
Description  LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7M8202B32CE Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PT7M8202B32CE Datasheet HTML 1Page - Pericom Semiconductor Corporation PT7M8202B32CE Datasheet HTML 2Page - Pericom Semiconductor Corporation PT7M8202B32CE Datasheet HTML 3Page - Pericom Semiconductor Corporation PT7M8202B32CE Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7M8202B32CE Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7M8202B32CE Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7M8202B32CE Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7M8202B32CE Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7M8202B32CE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
12-07-0004
PT0338-1
07/10/12
2
PT7M8202
LDO Regulator
Maximum Ratings
Storage Temperature………………………………….. -55℃ to +125℃
Ambient Temperature with Power Applied......................-40℃ to +85℃
Input Voltage………………………………………….……..……+6.0V
Output Voltage …………………………………….....-0.3 to V
CC +0.3V
EN pin Voltage…………………………………………………… +6.0V
DC Input/Output Current …………………………………………700mA
Power Dissipation………………………………………...SOT23/400mW
SC70/300mW
TDFN/600mW
Recommended Operating Conditions
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Operating Voltage
1.8
-
5.5
V
TA
Operating temperature
-40
25
85
°C
Electrical Characteristics (T
A=25℃, Bypass capacitor=22nF)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Output Voltage
VOUT(E)
*2
VIN=VOUT(S)
*1+1.0V, I
OUT=30mA
VOUT(S)
*0.98
VOUT(S)
VOUT(S)
*1.02
V
Maximum Output
Current
IOUTMAX
VIN=VOUT(S)+1.0V
300
-
-
mA
Dropout Voltage
Vdif
*3
IOUT = 300mA
1.7V≤V
OUT(S) ≤1.8V
-
0.39
0.51
V
1.9V≤V
OUT(S) ≤2.3V
-
0.33
0.43
2.4V≤V
OUT(S) ≤2.7V
-
0.30
0.39
2.8V≤V
OUT(S)≤3.3V
-
0.27
0.35
Supply Current
ISS
VIN = VOUT(S) +1.0V, no load
-
70
100
µA
Standby Current
ISB
VIN = VOUT(S)+1.0V
EN=OFF
-
0.1
1
A
Line Regulation
ΔV
OUT/
ΔV
IN*VOUT
VOUT(S)+1.0V≤VIN≤5.5V
IOUT=30 mA
-
0.05
0.2
%/V
Load Regulation
ΔV
OUT2
VIN = VOUT(S)+1.0V,
1.0mA≤IOUT ≤300mA
-
0.6
%
Input Voltage
VIN
-
1.8
-
5.5
V
Output Voltage
Temperature
Characteristic
ΔV
OUT/
ΔTopr*V
OUT
IOUT=30 mA
-40℃≤Topr≤85℃
-
+/-100
-
ppm/℃
Ripple Rejection
PSRR
VIN=[VOUT(S)+1.0]VDC+1Vp-p AC
VOUT=1.5V, IOUT=30mA, f=1kHz
-
80
-
dB
Current Limit
ILIM
VOUT = VOUT(S)*0.9
-
450
-
mA
Thermal Shutdown
TSD
170
Thermal Shutdown
Hysteresis
ΔT
SD
40
EN”High”Voltage
VENH
-
1.5
-
-
V
EN”Low”Voltage
VENL
-
-
-
0.3
EN”High”Current
IENH
VIN=VOUT(S)+1.0V
-0.10
-
0.10
µA
EN”Low” Current
IENL
VIN= VOUT(S)+1.0V, EN=OFF
-0.10
-
0.10
Output Discharge
Resistance
Rdis
VIN= VOUT(S)+1.0V
EN=OFF
-
200
-
Output Noise
Voltage
eON
VOUT=1.2V,10Hz to 100kHz, IOUT=30mA,
COUT=1µF
-
30
-
µVRMS
Note:
*1: VOUT(S)=Specified output voltage.
*2: VOUT(E)=Effective output voltage.
(I.e. the output voltage when "VOUT(S)+1.0V" is provided at the VIN pin while maintaining a certain IOUT value).
*3: Vdif={VIN1
(*5)-V
OUT1
(*4)}.
*4: VOUT1=A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT {VOUT(S) + 1.0V} is input.
*5: VIN1=The input voltage when VOUT1 appears as input voltage is gradually decreased.
*6: Unless otherwise stated, VIN=VOUT(S)+1.0V
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the
device. This is a stress rating only and functional
operation of the device at these or any other condi-
tions above those indicated in the operational sec-
tions of this specification is not implied. Exposure
to absolute maximum rating conditions for extended
periods may affect reliability.


Similar Part No. - PT7M8202B32CE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7M8205 PERICOM-PT7M8205 Datasheet
315Kb / 10P
   LDO Regulator
PT7M820512TAE PERICOM-PT7M820512TAE Datasheet
315Kb / 10P
   LDO Regulator
PT7M820513TAE PERICOM-PT7M820513TAE Datasheet
315Kb / 10P
   LDO Regulator
PT7M820514TAE PERICOM-PT7M820514TAE Datasheet
315Kb / 10P
   LDO Regulator
PT7M820515TAE PERICOM-PT7M820515TAE Datasheet
315Kb / 10P
   LDO Regulator
More results

Similar Description - PT7M8202B32CE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7M8206 PERICOM-PT7M8206 Datasheet
373Kb / 12P
   LDO Regulator
PT7M8205 PERICOM-PT7M8205 Datasheet
315Kb / 10P
   LDO Regulator
PT7M8208 PERICOM-PT7M8208 Datasheet
396Kb / 10P
   LDO Regulator
logo
Rohm
BD50FA1MG-M ROHM-BD50FA1MG-M Datasheet
1Mb / 23P
   LDO Regulator
BD3650FP-M ROHM-BD3650FP-M Datasheet
377Kb / 11P
   LDO Regulator
logo
Unisonic Technologies
UR1171 UTC-UR1171 Datasheet
173Kb / 5P
   1.5A LDO REGULATOR
logo
HuaXinAn Electronics CO...
AP1153ADSXX HUAXINAN-AP1153ADSXX Datasheet
1Mb / 29P
   Output LDO Regulator
logo
RICOH electronics devic...
R1183Z RICOH-R1183Z Datasheet
407Kb / 26P
   150mA LDO REGULATOR
logo
SemiWell Semiconductor
S1117 SEMIWELL-S1117 Datasheet
336Kb / 5P
   LDO Linear Regulator
logo
ON Semiconductor
NCP705 ONSEMI-NCP705_17 Datasheet
1Mb / 20P
   LDO Voltage Regulator
December, 2017 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com