Electronic Components Datasheet Search |
|
LQH44PZ100MGR Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd. |
|
LQH44PZ100MGR Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd. |
1 / 2 page LQH44PZ100MGR# # indicates a package specification code. < List of part numbers with package codes > LQH44PZ100MGRL , LQH44PZ100MGRK Shape L size 4.0 ±0.1mm W size 4.0 ±0.1mm T size 0.9 ±0.1mm Size code in inch (mm) 1515 (4040) Specifications Inductance 10µH ±20% Inductance test frequency 1MHz Rated current (Isat) (Based on Inductance change) 0.80A Rated current (Itemp) (Based on Temperature rise) 1.1A(Ambient temperature 85℃) 0.66A(Ambient temperature 105℃) Max. of DC resistance 0.324Ω Avg. of DC resistance 0.27Ω±20% Self resonance frequency (min.) 13MHz Operating temperature range (Self-temperature rise is included) -40∼125℃ Operating temperature range (Self-temperature rise is not included) -40∼105℃ Class of magnetic shield Magnetic shield of magnetic powder in resin Notes When applied Rated current to the Products, Inductance will be within ±30% of intial inductance value range. Keep the temperature(ambient temperature plus self-generation of heat) under 125℃. When applied rated current to the Products, temperature rise caused by self-generated heat shall be limited to 40℃ Max(Ambient temperature 85℃). When applied rated current to the Products, temperature rise caused by self-generated heat shall be limited to 20℃ max(Ambient temperature 85-105℃). References Packaging code Specifications Minimum quantity φ180mm Embossed taping 1000 φ330mm Embossed taping 4500 Mass (Typ.) 1 piece 0.059g 1 of 2 1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, its specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering. 2.This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering. URL : http://www.murata.com/ Last updated: 2016/04/21 |
Similar Part No. - LQH44PZ100MGR |
|
Similar Description - LQH44PZ100MGR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |