Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7M6833GD1TA3E Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PT7M6833GD1TA3E
Description  Ultra Low Voltage Detectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7M6833GD1TA3E Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PT7M6833GD1TA3E Datasheet HTML 1Page - Pericom Semiconductor Corporation PT7M6833GD1TA3E Datasheet HTML 2Page - Pericom Semiconductor Corporation PT7M6833GD1TA3E Datasheet HTML 3Page - Pericom Semiconductor Corporation PT7M6833GD1TA3E Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7M6833GD1TA3E Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7M6833GD1TA3E Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7M6833GD1TA3E Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7M6833GD1TA3E Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7M6833GD1TA3E Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2013-11-0003
PT0236-6
11/18/13
4
PT7M6832-6840
Ultra Low Voltage Detectors
Maximum Ratings
Storage Temperature………………………………………… - 65oC to +150oC
Ambient Temperature with Power Applied....................-40oC to +85oC
Supply Voltage to Ground Potential (VCC to GND)………....... - 0.3V to +6.0V
Open-drain RESET, MR... ……………………………………..- 0.3V to +6.0V
RESET-IN, Push-pull RESET and RESET……………….-0.3V to +6.0V
DC Input/Output Current …………………………………………………20mA
Power Dissipation………………………………………………………245mW
AC Electrical Characteristics
(VCC = +0.9V to +5.5V, unless otherwise noted. Typical values are at TA = +25ºC)
Description
Symbol
Test Conditions
Min
Typ
Max
Unit
Reset Active Timeout Period
tPD
D0
-
0.07
-
ms
D1
1
1.5
2
D2
20
30
40
D3
140
210
280
D4
1120
1680
2240
Vcc or RESET-IN to Reset Delay
Vcc falling, step signal from
(VTH +100mV) to (VTH -100mV)
-
60
-
µs
Propagation Delay(D0 only)
tP
Vcc rising, step signal from
(VTH -100mV) to (VTH +100mV)
-
70
-
µs
Startup Time(D0 only)
-
Vcc rising from 0 to 1.1V(tR <1µs)
-
150
-
µs
MR Minimum Input Pulse Width
-
MR driven from Vcc to 0
2
-
-
µs
MR Glitch Rejection
-
MR driven from Vcc to 0
-
100
-
ns
MR to Reset Delay
-
MR driven from Vcc to 0
-
500
-
ns
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the
device. This is a stress rating only and functional
operation of the device at these or any other condi-
tions above those indicated in the operational sec-
tions of this specification is not implied. Exposure
to absolute maximum rating conditions for extended
periods may affect reliability.


Similar Part No. - PT7M6833GD1TA3E

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7M6101 PERICOM-PT7M6101 Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
PT7M6101CH PERICOM-PT7M6101CH Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
PT7M6101CHC4E PERICOM-PT7M6101CHC4E Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
PT7M6101CHNE PERICOM-PT7M6101CHNE Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
PT7M6101CHTAE PERICOM-PT7M6101CHTAE Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
More results

Similar Description - PT7M6833GD1TA3E

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7M6101 PERICOM-PT7M6101 Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
logo
Maxim Integrated Produc...
MAX6841 MAXIM-MAX6841 Datasheet
180Kb / 9P
   Ultra-Low-Voltage uP Reset Circuits and Voltage Detectors
Rev 1; 2/03
logo
Torex Semiconductor
XC61C TOREX-XC61C Datasheet
892Kb / 19P
   Low Voltage Detectors
logo
Maxim Integrated Produc...
MAX6841 MAXIM-MAX6841_05 Datasheet
578Kb / 9P
   Ultra-Low-Voltage 關P Reset Circuits and Voltage Detectors
Rev 2; 12/05
MAX6461 MAXIM-MAX6461_05 Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and uP Supervisory Circuits
Rev 2; 12/05
MAX6464UK45 MAXIM-MAX6464UK45 Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and μP Supervisory Circuits
Rev 2; 12/05
MAX6464UK31 MAXIM-MAX6464UK31 Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and μP Supervisory Circuits
Rev 2; 12/05
MAX6375 MAXIM-MAX6375 Datasheet
145Kb / 7P
   3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors
Rev 2; 2/03
MAX6461 MAXIM-MAX6461 Datasheet
153Kb / 10P
   Ultra-Low-Power Voltage Detectors and UP Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com