Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7M8206B28TAE Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PT7M8206B28TAE
Description  LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7M8206B28TAE Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

Back Button PT7M8206B28TAE Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7M8206B28TAE Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7M8206B28TAE Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7M8206B28TAE Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7M8206B28TAE Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7M8206B28TAE Datasheet HTML 9Page - Pericom Semiconductor Corporation PT7M8206B28TAE Datasheet HTML 10Page - Pericom Semiconductor Corporation PT7M8206B28TAE Datasheet HTML 11Page - Pericom Semiconductor Corporation PT7M8206B28TAE Datasheet HTML 12Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
12-07-0004
PT0359-2
07/10/12
9
PT7M8206
LDO Regulator
Mechanical Information
TA (SOT23-5L)
SYMBOL
MIN
MAX
A
1.05
1.25
A1
0.00
0.10
A2
1.05
1.15
b
0.30
0.50
c
0.10
0.20
D
2.82
3.02
E
1.50
1.70
E1
2.65
2.95
e
e1
1.80
2.00
L
0.30
0.60
θ
PKG.
DIMENSIONS(MM)
0.95BSC
Note:
1) Controlling dimensions in millimeters.
2) Ref : JEDEC MO-178C/AA


Similar Part No. - PT7M8206B28TAE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7M8202 PERICOM-PT7M8202 Datasheet
351Kb / 11P
   LDO Regulator
PT7M8202A12CE PERICOM-PT7M8202A12CE Datasheet
351Kb / 11P
   LDO Regulator
PT7M8202A12TAE PERICOM-PT7M8202A12TAE Datasheet
351Kb / 11P
   LDO Regulator
PT7M8202A13CE PERICOM-PT7M8202A13CE Datasheet
351Kb / 11P
   LDO Regulator
PT7M8202A13TAE PERICOM-PT7M8202A13TAE Datasheet
351Kb / 11P
   LDO Regulator
More results

Similar Description - PT7M8206B28TAE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7M8202 PERICOM-PT7M8202 Datasheet
351Kb / 11P
   LDO Regulator
PT7M8205 PERICOM-PT7M8205 Datasheet
315Kb / 10P
   LDO Regulator
PT7M8208 PERICOM-PT7M8208 Datasheet
396Kb / 10P
   LDO Regulator
logo
Rohm
BD50FA1MG-M ROHM-BD50FA1MG-M Datasheet
1Mb / 23P
   LDO Regulator
BD3650FP-M ROHM-BD3650FP-M Datasheet
377Kb / 11P
   LDO Regulator
logo
Unisonic Technologies
UR1171 UTC-UR1171 Datasheet
173Kb / 5P
   1.5A LDO REGULATOR
logo
HuaXinAn Electronics CO...
AP1153ADSXX HUAXINAN-AP1153ADSXX Datasheet
1Mb / 29P
   Output LDO Regulator
logo
RICOH electronics devic...
R1183Z RICOH-R1183Z Datasheet
407Kb / 26P
   150mA LDO REGULATOR
logo
SemiWell Semiconductor
S1117 SEMIWELL-S1117 Datasheet
336Kb / 5P
   LDO Linear Regulator
logo
ON Semiconductor
NCP705 ONSEMI-NCP705_17 Datasheet
1Mb / 20P
   LDO Voltage Regulator
December, 2017 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com