Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBS26 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # SBS26
Description  2A, 40V - 60V Schottky Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SBS26 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  SBS26 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SBS26 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SBS26 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SBS26 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CREAT BY ART
assumes no responsibility or liability for any errors or inaccuracies.
Information contained herein is intended to provide a product description only. No license, express or implied, to
any intellectual property rights is granted by this document. Except as provided in TSC's terms and conditions of
sale for such products, TSC assumes no liability whatsoever, and disclaims any express or implied warranty,
relating to sale and/or use of TSC products including liability or warranties relating to fitness for a particular purpose,
merchantability, or infringement of any patent, copyright, or other intellectual property right.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications.
Customers using or selling these products for use in such applications do so at their own risk and agree to fully
indemnify TSC for any damages resulting from such improper use or sale.
Document Number: DS_D0000046
Version: B15
SBS24 - SBS26
Taiwan Semiconductor
Notice
Specifications of the products displayed herein are subject to change without notice. TSC or anyone on its behalf,


Similar Part No. - SBS26

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
SBS26 DGNJDZ-SBS26 Datasheet
2Mb / 4P
   ABS Plastic-Encapsulate Bridge R ectifier
More results

Similar Description - SBS26

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D2S4M SHINDENGEN-D2S4M Datasheet
587Kb / 11P
   Schottky Rectifiers (SBD) (40V 2A)
logo
SeCoS Halbleitertechnol...
SK240LFL SECOS-SK240LFL Datasheet
295Kb / 2P
   40V, 2A Schottky Barrier Rectifiers
logo
Shindengen Electric Mfg...
D2S6M SHINDENGEN-D2S6M Datasheet
602Kb / 11P
   Schottky Rectifiers (SBD) (60V 2A)
logo
SeCoS Halbleitertechnol...
SK240LHT SECOS-SK240LHT Datasheet
334Kb / 2P
   40V, 2A Surface Mount Schottky Barrier Rectifiers
logo
Frontier Electronics.
FM240-MH1-THRU-FM2200-MH1 FRONTIER-FM240-MH1-THRU-FM2200-MH1 Datasheet
609Kb / 3P
   2A SMD SCHOTTKY BARRIER RECTIFIERS, 40V-200V
logo
Taiwan Semiconductor Co...
SS24LW TSC-SS24LW Datasheet
201Kb / 4P
   2A, 40V - 200V Surface Mount Schottky Barrier Rectifiers
logo
SHIKUES Electronics
SKM240-MST SKTECHNOLGY-SKM240-MST Datasheet
476Kb / 3P
   2.0A Surface Mount Schottky Barrier Rectifiers - 40V-60V
logo
PACELEADER INDUSTRIAL
PFM0540-M PACELEADER-PFM0540-M Datasheet
938Kb / 5P
   0.5A Surface Mount Schottky Barrier Rectifiers-40V~60V
logo
GOOD-ARK Electronics
LMS26 GOOD-ARK-LMS26_15 Datasheet
199Kb / 4P
   Low Profile Surface Mount Schottky Bridge Rectifiers Reverse Voltage 60V Output Current 2A
LMS22 GOOD-ARK-LMS22_15 Datasheet
194Kb / 4P
   Low Profile Surface Mount Schottky Bridge Rectifiers Reverse Voltage 20~40V Output Current 2A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com