Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7M820523TAE Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PT7M820523TAE
Description  LDO Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7M820523TAE Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PT7M820523TAE Datasheet HTML 1Page - Pericom Semiconductor Corporation PT7M820523TAE Datasheet HTML 2Page - Pericom Semiconductor Corporation PT7M820523TAE Datasheet HTML 3Page - Pericom Semiconductor Corporation PT7M820523TAE Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7M820523TAE Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7M820523TAE Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7M820523TAE Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7M820523TAE Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7M820523TAE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
LDO Regulator
2015-12-0006
PT0368-2
01/13/16
1
PT7M8205
Features
 Output Current: 300mA or more
 Dropout Voltage: 270mV @ 300mA for 3.3V
 Operating Voltage Range: 1.8 to 5.5V
 Output Voltage Range: 1.2 to 3.3V (100mV Step)
 Low Power Consumption: 65A
 High Ripple Rejection: 75dB @ 1kHz
 Output Current-Limit Protection
 Thermal Shutdown Protection
 Operating Temperature Range: -40°C to +85°C
 Low ESR Capacitor Compatible: Ceramic Capacitor
 Lead Free Package: SOT23-3LUltra-Low-Noise for
RF Application:
 30µuVRMS @1.2V
 Quick Start-Up (Typically 50s)
 Dropout Voltage: 70270mV@1300mA for 3.3V
 Wide Operating Voltage Range: 1.8V ---to 5.5V
 Output Voltage Range: 1.2V to 3.3V(100 mV Step)
 Highly Accurate: 2.0%
 Low Power Consumption: 7050A
 Standby Current: 0.1µA
 High Ripple Rejection: 80dB@1kHZz
 Output Current-Limit Protection
 Thermal Shutdown Protection
 Auto Output Discharge
 Operating Temperature Range: -40℃~+85℃
 Low ESR Capacitor compatible: Ceramic capacitor
 Lead Free and Green Package: SOT23-3L
Applications
Mobile phones (GSM, CDMA, WCDMA,
CDMA2000 etc.)
Cordless phones and radio communication
Digital still cameras and video cameras
PDAs
MP3/MP4 players
Portable devices
Description
The output voltage for the regulator is set by factory
trimming within a range of 1.2V to 3.3V in 100mV step
includes 2.85V. The PT7M8202 series are stable with
low ESR ceramic capacitors.The PT7M8205 series are
highly accurate, low dropout voltage regulators with low
noise, high ripple rejection and low current consumption.
The PT7M8205 includes a reference voltage source, an
error amplifier, a driver transistor, a current limit
protection, a thermal protection and an internal phase
compensator.
The output voltage for the regulator is set by factory
trimming within a range of 1.2V to 3.3V in 100mV step
includes 2.85V. The PT7M8205 series are stable with
low ESR ceramic capacitors.
Pin Configuration
SOT23-3L (Top View)
Pin Description
Pin No.
I/O
Name
Descriptions
1
P
GND
Ground.
2
O
VOUT
Output of Regulator. Bypass with a 1F ceramic capacitor (X5R/X7R) to GND.
3
I
VIN
Regulator Supply Input. Supply voltage can range from 1.8V to 5.5V. Bypass with a 1F
ceramic capacitor (X5R/X7R) to GND.
VIN
2
3
1
GND
VOUT


Similar Part No. - PT7M820523TAE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7M8202 PERICOM-PT7M8202 Datasheet
351Kb / 11P
   LDO Regulator
PT7M8202A12CE PERICOM-PT7M8202A12CE Datasheet
351Kb / 11P
   LDO Regulator
PT7M8202A12TAE PERICOM-PT7M8202A12TAE Datasheet
351Kb / 11P
   LDO Regulator
PT7M8202A13CE PERICOM-PT7M8202A13CE Datasheet
351Kb / 11P
   LDO Regulator
PT7M8202A13TAE PERICOM-PT7M8202A13TAE Datasheet
351Kb / 11P
   LDO Regulator
More results

Similar Description - PT7M820523TAE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7M8202 PERICOM-PT7M8202 Datasheet
351Kb / 11P
   LDO Regulator
PT7M8206 PERICOM-PT7M8206 Datasheet
373Kb / 12P
   LDO Regulator
PT7M8208 PERICOM-PT7M8208 Datasheet
396Kb / 10P
   LDO Regulator
logo
Rohm
BD50FA1MG-M ROHM-BD50FA1MG-M Datasheet
1Mb / 23P
   LDO Regulator
BD3650FP-M ROHM-BD3650FP-M Datasheet
377Kb / 11P
   LDO Regulator
logo
Unisonic Technologies
UR1171 UTC-UR1171 Datasheet
173Kb / 5P
   1.5A LDO REGULATOR
logo
HuaXinAn Electronics CO...
AP1153ADSXX HUAXINAN-AP1153ADSXX Datasheet
1Mb / 29P
   Output LDO Regulator
logo
RICOH electronics devic...
R1183Z RICOH-R1183Z Datasheet
407Kb / 26P
   150mA LDO REGULATOR
logo
SemiWell Semiconductor
S1117 SEMIWELL-S1117 Datasheet
336Kb / 5P
   LDO Linear Regulator
logo
ON Semiconductor
NCP705 ONSEMI-NCP705_17 Datasheet
1Mb / 20P
   LDO Voltage Regulator
December, 2017 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com