Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7M8202A15TAE Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PT7M8202A15TAE
Description  LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7M8202A15TAE Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PT7M8202A15TAE Datasheet HTML 3Page - Pericom Semiconductor Corporation PT7M8202A15TAE Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7M8202A15TAE Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7M8202A15TAE Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7M8202A15TAE Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7M8202A15TAE Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7M8202A15TAE Datasheet HTML 9Page - Pericom Semiconductor Corporation PT7M8202A15TAE Datasheet HTML 10Page - Pericom Semiconductor Corporation PT7M8202A15TAE Datasheet HTML 11Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
12-07-0004
PT0338-1
07/10/12
7
PT7M8202
LDO Regulator
Function block diagram
Functional Description (Refer to Function Block Diagram)
Output Voltage
The divided output voltage is compared with the internal reference voltage by the error amplifier with internal phase compensator.
The output of the error amplifier then drives the P-channel MOSFET to maintain a stable and constant output voltage.
Low ESR Capacitors
The internal phase compensator maintains the stable output voltage with low ESR ceramic input and output capacitors. 1F low
ESR (X5R/X7R) ceramic capacitor located as close as possible to the IC’s pins is recommended.
Current Limit and Thermal Shutdown Protections
Current limit protection is used to limit the output current when an overload condition occurs. As a result, the output voltage will
drop. Thermal shutdown protection will turn off the output to reduce the power dissipation when the operation junction
temperature exceeds 170°C.
Bypass Capacitor and Low Noise
A 22nF between the BP pin and GND pin significantly reduces noise on the regulator output, it is critical that the capacitor
connection between the BP pin and GND pin be direct and PCB traces should be as short as possible. There is a relation ship
between the bypass capacitor value and the LDO regulator turn on time. DC leakage on this pin can affect the LDO regulator
output noise and voltage regulation performance.
EN Pin
The output of the regulator in PT7M8202A/B can be controlled with EN pin. The EN pin should be connected to a “VIN” or a
“GND” voltage as a floating input applied to inverter input of the enable circuitry will increase the current consumption.
NOTE ON USE
1.
Please use this IC within the stated absolute maximum ratings.
2.
Where wiring impedance is high, operations may become unstable due to noise and/or phase lag depending on output current.
Please keep the resistance low between VIN and GND wiring in particular.
3.
Please wire the input capacitor (Cin) and the output capacitor (Cout) as close to the IC as possible.
Over-current
Protectio n Circuit
ON/OFF
C ircuit
R ef erence
Volta g e C ircuit
EN
VIN
VOUT
GND
Q uick Sta rt
BP
Over-current/Over
Temperature
Protection Circuit
ON/OFF
Circuit
Quick Start
Reference
Voltage Circuit


Similar Part No. - PT7M8202A15TAE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7M8205 PERICOM-PT7M8205 Datasheet
315Kb / 10P
   LDO Regulator
PT7M820512TAE PERICOM-PT7M820512TAE Datasheet
315Kb / 10P
   LDO Regulator
PT7M820513TAE PERICOM-PT7M820513TAE Datasheet
315Kb / 10P
   LDO Regulator
PT7M820514TAE PERICOM-PT7M820514TAE Datasheet
315Kb / 10P
   LDO Regulator
PT7M820515TAE PERICOM-PT7M820515TAE Datasheet
315Kb / 10P
   LDO Regulator
More results

Similar Description - PT7M8202A15TAE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7M8206 PERICOM-PT7M8206 Datasheet
373Kb / 12P
   LDO Regulator
PT7M8205 PERICOM-PT7M8205 Datasheet
315Kb / 10P
   LDO Regulator
PT7M8208 PERICOM-PT7M8208 Datasheet
396Kb / 10P
   LDO Regulator
logo
Rohm
BD50FA1MG-M ROHM-BD50FA1MG-M Datasheet
1Mb / 23P
   LDO Regulator
BD3650FP-M ROHM-BD3650FP-M Datasheet
377Kb / 11P
   LDO Regulator
logo
Unisonic Technologies
UR1171 UTC-UR1171 Datasheet
173Kb / 5P
   1.5A LDO REGULATOR
logo
HuaXinAn Electronics CO...
AP1153ADSXX HUAXINAN-AP1153ADSXX Datasheet
1Mb / 29P
   Output LDO Regulator
logo
RICOH electronics devic...
R1183Z RICOH-R1183Z Datasheet
407Kb / 26P
   150mA LDO REGULATOR
logo
SemiWell Semiconductor
S1117 SEMIWELL-S1117 Datasheet
336Kb / 5P
   LDO Linear Regulator
logo
ON Semiconductor
NCP705 ONSEMI-NCP705_17 Datasheet
1Mb / 20P
   LDO Voltage Regulator
December, 2017 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com