Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DK200-B020 Datasheet(PDF) 1 Page - LEM

Part # DK200-B020
Description  DC Current transducer DK-B020/420
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

DK200-B020 Datasheet(HTML) 1 Page - LEM

  DK200-B020 Datasheet HTML 1Page - LEM DK200-B020 Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
040510/6
DC Current transducer DK-B020/420
A split core transducer for the electronic measurement DC current,
with galvanic isolation between the primary (High power) and the
secondary circuits (Electronic circuit) with current output.
Electrical data
Primary Nominal Current
Analogue Output Signal1)
Types
I
PN (A.t)
I
OUT (mA)
50,75,100
0-20
DK 100 B020
100,150,200
0-20
DK 200 B020
150,225,300
0-20
DK 300 B020
200,300,400
0-20
DK 400 B020
50,75,100
4-20
DK 100 B420
100,150,200
4-20
DK 200 B420
150,225,300
4-20
DK 300 B420
200,300,400
4-20
DK 400 B420
V
c
Supply voltage
22-26
V AC/ DC
R
L
Load resistance (max)
650
V
d
Isolation voltage
3000
V
f
Frequency
DC
I
c
Current consumption (max)
100
mA
Accuracy - Dynamic performance data
X
Accuracy @ I
PN, TA=25°C
± 1
%
ε
L
Linearity
± 0.75
%
t
r
Response time @ 90% of I
PN
< 100
mS
General data
T
A
Ambient operating temperature (0-95% RH)
- 20 .. + 50
°C
T
S
Ambient storage temperature
- 20 .. + 85
°C
m
Mass
120
g
Options
Bipolar output :
DK 100 B 420 B, DK 200 B 420 B, DK 300 B 420 B, DK 400 B 420 B
Note : 1)
For 0-20 mA and 4-20 mA outputs models, no saturation outputs up to 23 mA.
Features
• DC Measurement
• Split core box
• Current output
• Jumper selectable ranges
• Panel mounting
• Extended measuring range
Advantages
• Large aperture
• High isolation between primary and
secondary circuits
• Easy to mount
• No insertion losses
Applications
• Battery Banks
- Monitors load current
- Monitors charging current
- Verifies operation
• Transportation
Measures traction power or auxiliary
loads
• Electric Heating Elements
Faster response than temperature
sensors.
Options on request
• Bipolar output
• DIN mounting.
LEM Components
www .lem.com
I
PN = 50 .. 400A


Similar Part No. - DK200-B020

ManufacturerPart #DatasheetDescription
logo
LEM
DK200-B10 LEM-DK200-B10 Datasheet
48Kb / 2P
   DC Current transducer DK-B5/10
DK200-B5 LEM-DK200-B5 Datasheet
48Kb / 2P
   DC Current transducer DK-B5/10
More results

Similar Description - DK200-B020

ManufacturerPart #DatasheetDescription
logo
LEM
DKB5-10 LEM-DKB5-10 Datasheet
48Kb / 2P
   DC Current transducer DK-B5/10
DK-B5 LEM-DK-B5 Datasheet
281Kb / 2P
   DC Current transducer
logo
PREMO CORPORATION S.L
DCT-200A PREMO-DCT-200A Datasheet
439Kb / 4P
   DC Current Transducer
DCT-400A PREMO-DCT-400A Datasheet
391Kb / 4P
   DC Current Transducer
DCT-700A PREMO-DCT-700A Datasheet
388Kb / 4P
   DC Current Transducer
logo
LEM
DK-B020 LEM-DK-B020 Datasheet
281Kb / 2P
   DC Current transducer
DHR500C10 LEM-DHR500C10_12 Datasheet
641Kb / 4P
   AC/DC Current Transducer
DHR-C10 LEM-DHR-C10 Datasheet
643Kb / 4P
   AC/DC Current Transducer
DHR-C420 LEM-DHR-C420 Datasheet
881Kb / 3P
   AC/DC Current transducer
AHR-B5 LEM-AHR-B5 Datasheet
844Kb / 3P
   AC/DC Current transducer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com