Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7M6709MU Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PT7M6709MU
Description  Multi-voltage Supervisor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7M6709MU Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PT7M6709MU Datasheet HTML 1Page - Pericom Semiconductor Corporation PT7M6709MU Datasheet HTML 2Page - Pericom Semiconductor Corporation PT7M6709MU Datasheet HTML 3Page - Pericom Semiconductor Corporation PT7M6709MU Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7M6709MU Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7M6709MU Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7M6709MU Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7M6709MU Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7M6709MU Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
12-07-0002
PT0235-2
07/05/12
4
PT7M6709/6714
Multi-voltage Supervisor
Maximum Ratings
Storage Temperature ...............................................-65oC to +150oC
Ambient Temperature with Power Applied..............-40oC to +85oC
Supply Voltage to Ground Potential (Vcc to GND) ...-0.3V to +6.0V
DC Input/Output Current (All pins) ..........................................20mA
Power Dissipation .............................. 444mW (Depend on package)
DC Electrical Characteristics
PT7M6709 (VCC = 2.0V to 5.5V, TA= -40~+85ºC, unless otherwise noted. Typical values are at VCC = 5V and TA = +25ºC)*1
Description
Sym
Test Conditions
Min
Typ
Max
Unit
Supply Voltage Range
VCC
-
2.0
-
5.5
V
Supply Current
ICC
VCC = 3V
-
15
25
µA
VCC = 5V
-
20
30
Input Current
IIN_
VIN_ =input threshold voltage
-
5
10
µA
VIN_ =0 to 0.85V(for adjustable threshold )
-
-
0.2
Threshold Voltage
VTH
IN_ decreasing
5.0V (-5%)
4.50
4.63
4.75
V
5.0V (-10%)
4.25
4.38
4.50
3.3V (-5%)
3.00
3.08
3.15
3.3V (-10%)
2.85
2.93
3.00
3.0V (-5%)
2.70
2.78
2.85
3.0V (-10%)
2.55
2.63
2.70
2.5V (-5%)
2.25
2.32
2.38
2.5V (-10%)
2.13
2.19
2.25
1.8V (-5%)
1.62
1.67
1.71
1.8V (-10%)
1.53
1.58
1.62
Adjustable Threshold
VTH
IN_ decreasing
0.609
0.623
0.635
V
Threshold Hysteresis
VHYST
-
-
0.3×VTH
-
%
Threshold Voltage
Temperature coefficient
TCVTH
-
-
60
-
ppm
C
Output High Voltage
VOH
VCC ≥ 2.0V, Isource = 6μA(min),
PWRGD_ unasserted
0.8×Vcc
-
-
V
Output Low Voltage
VOL
VCC = 5V, Isink = 2mA
-
-
0.3
V
VCC = 2.5V, Isink = 1.2mA
-
-
0.3
VCC = 1V, Isink = 50A*2
-
-
0.3
Output High Source
Current
IOH
VCC ≥ 2.0V, PWRGD_ unasserted
-
10
-
A
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the
device. This is a stress rating only and functional
operation of the device at these or any other condi-
tions above those indicated in the operational sec-
tions of this specification is not implied. Exposure
to absolute maximum rating conditions for extended
periods may affect reliability.


Similar Part No. - PT7M6709MU

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7M6101 PERICOM-PT7M6101 Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
PT7M6101CH PERICOM-PT7M6101CH Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
PT7M6101CHC4E PERICOM-PT7M6101CHC4E Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
PT7M6101CHNE PERICOM-PT7M6101CHNE Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
PT7M6101CHTAE PERICOM-PT7M6101CHTAE Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
More results

Similar Description - PT7M6709MU

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP131X MICROCHIP-MCP131X Datasheet
1Mb / 44P
   Voltage Supervisor
2005
MCP1320T-25LE MICROCHIP-MCP1320T-25LE Datasheet
509Kb / 44P
   Voltage Supervisor
10/05/07
MCP1320T-46KE MICROCHIP-MCP1320T-46KE Datasheet
509Kb / 44P
   Voltage Supervisor
10/05/07
MCP131X MICROCHIP-MCP131X_12 Datasheet
737Kb / 52P
   Voltage Supervisor
2005-2012 11/29/11
logo
STMicroelectronics
STM1066 STMICROELECTRONICS-STM1066 Datasheet
218Kb / 20P
   Smart voltage supervisor
logo
Aeroflex Circuit Techno...
UT01VS50L AEROFLEX-UT01VS50L Datasheet
173Kb / 15P
   UT01VS50L Voltage Supervisor
logo
Micrel Semiconductor
MIC2772 MICREL-MIC2772_05 Datasheet
233Kb / 9P
   Dual Voltage Supervisor
logo
STMicroelectronics
STM1068 STMICROELECTRONICS-STM1068 Datasheet
213Kb / 22P
   Smart voltage supervisor
logo
Texas Instruments
TL7700 TI1-TL7700_16 Datasheet
1Mb / 23P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
logo
Toshiba Semiconductor
TA8505P TOSHIBA-TA8505P Datasheet
213Kb / 6P
   SUPPLY VOLTAGE SUPERVISOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com