Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7M6709JU Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PT7M6709JU
Description  Multi-voltage Supervisor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7M6709JU Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PT7M6709JU Datasheet HTML 1Page - Pericom Semiconductor Corporation PT7M6709JU Datasheet HTML 2Page - Pericom Semiconductor Corporation PT7M6709JU Datasheet HTML 3Page - Pericom Semiconductor Corporation PT7M6709JU Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7M6709JU Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7M6709JU Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7M6709JU Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7M6709JU Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7M6709JU Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
Multi-voltage Supervisor
12-07-0002
PT0235-2
07/05/12
1
PT7M6709/6714
Features
 Monitor 4 Power-Supply Voltages
 Factory-trimmed or User-Adjustable Threshold
Options:
Factory-trimmed Thresholds for 5.0V, 3.3V, 3.0V,
2.5V and 1.8V supplies
User-adjustable Threshold monitors down to
0.62V
 Low Current:
PT7M6709: 15μA typical
PT7M6714: 20μA typical
 4 Independent, Active Low, and Open-Drain outputs
with 10μA internal Pull-up to Vcc
 140ms Minimum Reset Timeout Period (PT7M6714
only)
 Immune to Battery Voltage Transients
 2.0V to 5.5V Supply Voltage Range
 -40°C to + 85°C Operating Temperature Range
 Small MSOP-10 Package
Pin Configuration
2
1
3
4
5
IN1
10
9
8
7
6
IN2
IN3
IN4
GND
Vcc
PWRGD1
PWRGD2
PWRGD3
PWRGD4
PT7M6709
MSOP
2
1
3
4
5
MR
10
9
8
7
6
PFI1
PFI2
PFI3
GND
Vcc
RESET
PFO1
PFO2
PFO3
PT7M6714
MSOP
Description
The PT7M6709/6714 quad voltage monitors provide
accurate monitoring of up to four supplies without any
external components. A variety of factory-trimmed
threshold voltages and supply tolerance are available to
optimize the PT7M6709/6714 for specific applications.
The selection includes input options for monitoring 5.0V,
3.3V, 3.0V, 2.5V and 1.8V voltages. Additional high-
input impedance comparator options can be used as
adjustable voltage monitors, general-purpose compare-
ators, or digital-level translators.
The PT7M6709 provides four independent open-drain
outputs with 10μA internal pull-up to Vcc. The
PT7M6714 provides an active-low, open-drain RESET
output with integrated reset timing and three power-fail
comparator outputs.
Each of the monitored voltages is available with trip
thresholds to support power-supply tolerances of either
5% or 10% below the nominal voltage. An internal
bandgap reference ensures accurate trip thresholds
across the operating temperature range.
The PT7M6709 consumes only 15μA (typical) of supply
current. The PT7M6714 consumes only 20μA (typical)
of supply current. The PT7M6709/6714 operates with
supply voltages of 2.0V to 5.5V.
An internal under-
voltage lockout circuit forces all four digital outputs low
when Vcc drops below the minimum operating voltage.
The four digital outputs have weak internal pull-ups to
Vcc, accommodating wire-ORed connections. Each
input threshold voltage has an independent output. The
PT7M6709/6714 are available in MSOP-10 packages
and operate over the extended (-40°C to + 85°C)
temperature range.
Applications
 Tele-communications
 Servers
 High-End Printers
 Desktop and Notebook Computers
 Data Storage Equipment
 Networking Equipment
 Multi-voltage Systems


Similar Part No. - PT7M6709JU

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7M6101 PERICOM-PT7M6101 Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
PT7M6101CH PERICOM-PT7M6101CH Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
PT7M6101CHC4E PERICOM-PT7M6101CHC4E Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
PT7M6101CHNE PERICOM-PT7M6101CHNE Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
PT7M6101CHTAE PERICOM-PT7M6101CHTAE Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
More results

Similar Description - PT7M6709JU

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP131X MICROCHIP-MCP131X Datasheet
1Mb / 44P
   Voltage Supervisor
2005
MCP1320T-25LE MICROCHIP-MCP1320T-25LE Datasheet
509Kb / 44P
   Voltage Supervisor
10/05/07
MCP1320T-46KE MICROCHIP-MCP1320T-46KE Datasheet
509Kb / 44P
   Voltage Supervisor
10/05/07
MCP131X MICROCHIP-MCP131X_12 Datasheet
737Kb / 52P
   Voltage Supervisor
2005-2012 11/29/11
logo
STMicroelectronics
STM1066 STMICROELECTRONICS-STM1066 Datasheet
218Kb / 20P
   Smart voltage supervisor
logo
Aeroflex Circuit Techno...
UT01VS50L AEROFLEX-UT01VS50L Datasheet
173Kb / 15P
   UT01VS50L Voltage Supervisor
logo
Micrel Semiconductor
MIC2772 MICREL-MIC2772_05 Datasheet
233Kb / 9P
   Dual Voltage Supervisor
logo
STMicroelectronics
STM1068 STMICROELECTRONICS-STM1068 Datasheet
213Kb / 22P
   Smart voltage supervisor
logo
Texas Instruments
TL7700 TI1-TL7700_16 Datasheet
1Mb / 23P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
logo
Toshiba Semiconductor
TA8505P TOSHIBA-TA8505P Datasheet
213Kb / 6P
   SUPPLY VOLTAGE SUPERVISOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com