Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADC12D040 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part No. ADC12D040
Description  Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference and Sample-and-Hold
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12D040 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button ADC12D040 Datasheet HTML 8Page - National Semiconductor (TI) ADC12D040 Datasheet HTML 9Page - National Semiconductor (TI) ADC12D040 Datasheet HTML 10Page - National Semiconductor (TI) ADC12D040 Datasheet HTML 11Page - National Semiconductor (TI) ADC12D040 Datasheet HTML 12Page - National Semiconductor (TI) ADC12D040 Datasheet HTML 13Page - National Semiconductor (TI) ADC12D040 Datasheet HTML 14Page - National Semiconductor (TI) ADC12D040 Datasheet HTML 15Page - National Semiconductor (TI) ADC12D040 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Typical Performance Characteristics V
A =VD = 5V, VDR = 3V, fCLK = 40 MHz, fIN = 10 MHz un-
less otherwise stated
Spectral Response @ Fin = 9.95 MHz, F
CLK = 40 MHz
IMD Response Fin = 9.6 MHz, 10.2 MHz, F
CLK = 40 MHz
20046055
20046056
Crosstalk Response Fin = 9.95 MHz, F
CROSSTALK =15
MHz, F
CLK = 40 MHz
DNL
20046057
20046036
INL
INL & DNL vs Supply Voltage
20046037
20046038
www.national.com
12


Similar Part No. - ADC12D040

ManufacturerPart No.DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
ADC12D040 NSC-ADC12D040 Datasheet
990Kb / 22P
   Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference
Texas Instruments
Texas Instruments
ADC12D040 TI1-ADC12D040 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference
National Semiconductor (TI)
National Semiconductor ...
ADC12D040CIVS NSC-ADC12D040CIVS Datasheet
990Kb / 22P
   Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference
Texas Instruments
Texas Instruments
ADC12D040CIVS/NOPB TI1-ADC12D040CIVS/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference
National Semiconductor (TI)
National Semiconductor ...
ADC12D040CIVSX NSC-ADC12D040CIVSX Datasheet
990Kb / 22P
   Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference
More results

Similar Description - ADC12D040

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
ADC12D040 TI1-ADC12D040_14 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference
National Semiconductor (TI)
National Semiconductor ...
ADC12D040 NSC-ADC12D040_05 Datasheet
990Kb / 22P
   Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference
ADC12040 NSC-ADC12040 Datasheet
519Kb / 20P
   12-Bit, 40 MSPS, 340 mW A/D Converter with Internal Sample-and-Hold
ADC12010 NSC-ADC12010 Datasheet
606Kb / 22P
   12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
Texas Instruments
Texas Instruments
ADC12020 TI1-ADC12020 Datasheet
1Mb / 29P
[Old version datasheet]   12-Bit, 20 MSPS, 185 mW A/D Converter with Internal Sample-and-Hold
ADC12040 TI1-ADC12040 Datasheet
1Mb / 29P
[Old version datasheet]   12-Bit, 40 MSPS, 340mW A/D Converter with Internal Sample-and-Hold
National Semiconductor (TI)
National Semiconductor ...
ADC12040 NSC-ADC12040_06 Datasheet
884Kb / 19P
   12-Bit, 40 MSPS, 340mW A/D Converter with Internal Sample-and-Hold
Texas Instruments
Texas Instruments
ADC12040 TI1-ADC12040_14 Datasheet
1Mb / 30P
[Old version datasheet]   12-Bit, 40 MSPS, 340mW A/D Converter with Internal Sample-and-Hold
National Semiconductor (TI)
National Semiconductor ...
ADC12L063 NSC-ADC12L063 Datasheet
581Kb / 22P
   12-Bit, 62 MSPS, 354 mW A/D Converter with Internal Sample-and-Hold
Texas Instruments
Texas Instruments
ADC12L063 TI1-ADC12L063_14 Datasheet
1Mb / 31P
[Old version datasheet]   12-Bit, 62 MSPS, 354 mW A/D Converter with Internal Sample-and-Hold
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz