Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST18N10D Datasheet(PDF) 6 Page - Stanson Technology

Part # ST18N10D
Description  TO-252 Package design
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology

ST18N10D Datasheet(HTML) 6 Page - Stanson Technology

  ST18N10D Datasheet HTML 1Page - Stanson Technology ST18N10D Datasheet HTML 2Page - Stanson Technology ST18N10D Datasheet HTML 3Page - Stanson Technology ST18N10D Datasheet HTML 4Page - Stanson Technology ST18N10D Datasheet HTML 5Page - Stanson Technology ST18N10D Datasheet HTML 6Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
ST18N10D
N Channel Enhancement Mode MOSFET
18.0A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
Copyright © 2009, Stanson Corp.
ST18N10D 2009. V1
TO-252-2L PACKAGE OUTLINE SOP-8P


Similar Part No. - ST18N10D

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
ST18NMNM12IN HUBERSUHNER-ST18NMNM12IN Datasheet
3Mb / 2P
   MICROWAVE TEST ASSEMBLIES, N (male), N (male), 50 Ohm, 18 GHz, 12in
ST18NMNM2000MM HUBERSUHNER-ST18NMNM2000MM Datasheet
3Mb / 2P
   MICROWAVE TEST ASSEMBLIES, N (male), N (male), 50 Ohm, 18 GHz, 2000mm
ST18NMNM24IN HUBERSUHNER-ST18NMNM24IN Datasheet
3Mb / 2P
   MICROWAVE TEST ASSEMBLIES, N (male), N (male), 50 Ohm, 18 GHz, 24in
ST18NMNM36IN HUBERSUHNER-ST18NMNM36IN Datasheet
3Mb / 2P
   MICROWAVE TEST ASSEMBLIES, N (male), N (male), 50 Ohm, 18 GHz, 36in
ST18NMNM48IN HUBERSUHNER-ST18NMNM48IN Datasheet
3Mb / 2P
   MICROWAVE TEST ASSEMBLIES, N (male), N (male), 50 Ohm, 18 GHz, 48in
More results

Similar Description - ST18N10D

ManufacturerPart #DatasheetDescription
logo
Stanson Technology
ST04N20D STANSON-ST04N20D Datasheet
862Kb / 7P
   TO-252 package design
ST25N10 STANSON-ST25N10 Datasheet
866Kb / 6P
   TO-252 package design
ST16N10 STANSON-ST16N10 Datasheet
729Kb / 6P
   TO-252 Package design
logo
Foshan Blue Rocket Elec...
MBRD1040 FOSHAN-MBRD1040 Datasheet
666Kb / 6P
   TO-252 Plastic package Schottky diode
MBRD2045CT FOSHAN-MBRD2045CT Datasheet
710Kb / 6P
   TO-252 Plastic package Schottky diode
logo
Continental Device Indi...
TO-252 CDIL-TO-252 Datasheet
240Kb / 5P
   TO-252 (DPAK) SMD Plastic Package
logo
Foshan Blue Rocket Elec...
BTB08D FOSHAN-BTB08D Datasheet
1Mb / 8P
   Triac in a TO-252 Plastic Package
logo
Cystech Electonics Corp...
MTA55N20J3 CYSTEKEC-MTA55N20J3 Datasheet
397Kb / 9P
   TO-252
logo
Foshan Blue Rocket Elec...
LV10100DCT FOSHAN-LV10100DCT Datasheet
721Kb / 6P
   Schottky Diode in a TO-252 Plastic Package
78M05 FOSHAN-78M05 Datasheet
771Kb / 6P
   Voltage Regulator in a TO-252 Plastic Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com