Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AV100-1000 Datasheet(PDF) 2 Page - LEM

Part # AV100-1000
Description  Voltage Transducer AV 100 Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

AV100-1000 Datasheet(HTML) 2 Page - LEM

  AV100-1000 Datasheet HTML 1Page - LEM AV100-1000 Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensions AV100 Series (in mm. 1 mm = 0.0394 inch)
Remarks
I
S is positive when VP is applied on terminal +HT.
This is a standard model. For different versions, please
contact us.
Mechanical characteristics
General tolerance
± 1 mm
Fastening
2 holes
∅ 6.5 mm
Distance between holes axes :
124mm
Fastening & connection of primary
2 x M5
Fastening & connection of secondary 3 x M5 or 3 Faston
6.35 x 0.8mm
Output connections must be made with screened cables
Fastening torque:
2.2 Nm
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without previous notice.
Front view
TOP view
Left view
Secondary terminals
Terminal + : Supply voltage +12 .. 24 V
Terminal M : Measure
Terminal - : Supply voltage - 12 .. 24V
Connection
AV100
AV100
+
M
-
HT+
HT-


Similar Part No. - AV100-1000

ManufacturerPart #DatasheetDescription
logo
LEM
AV100-2000 LEM-AV100-2000 Datasheet
51Kb / 2P
   Voltage Transducer
More results

Similar Description - AV100-1000

ManufacturerPart #DatasheetDescription
logo
LEM
LV100-100 LEM-LV100-100 Datasheet
66Kb / 2P
   Voltage Transducer LV 100-100
LV100 LEM-LV100 Datasheet
57Kb / 2P
   Voltage Transducer LV 100
LV100-500 LEM-LV100-500 Datasheet
66Kb / 2P
   Voltage Transducer LV 100-500
LV100-800 LEM-LV100-800 Datasheet
65Kb / 2P
   Voltage Transducer LV 100-800
LV100-1500 LEM-LV100-1500 Datasheet
66Kb / 2P
   Voltage Transducer LV 100-1500
LV100-2500 LEM-LV100-2500 Datasheet
71Kb / 2P
   Voltage Transducer LV 100-2500
LV100-3000 LEM-LV100-3000 Datasheet
71Kb / 2P
   Voltage Transducer LV 100-3000
LV100-3500 LEM-LV100-3500 Datasheet
71Kb / 2P
   Voltage Transducer LV 100-3500
LV100-4000 LEM-LV100-4000 Datasheet
71Kb / 2P
   Voltage Transducer LV 100-4000
LV100-750 LEM-LV100-750 Datasheet
66Kb / 2P
   Voltage Transducer LV 100-750
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com