Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV4051APWT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV4051APWT
Description  8-Channel Analog Multiplexers and Demultiplexers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV4051APWT Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LV4051APWT Datasheet HTML 2Page - Texas Instruments SN74LV4051APWT Datasheet HTML 3Page - Texas Instruments SN74LV4051APWT Datasheet HTML 4Page - Texas Instruments SN74LV4051APWT Datasheet HTML 5Page - Texas Instruments SN74LV4051APWT Datasheet HTML 6Page - Texas Instruments SN74LV4051APWT Datasheet HTML 7Page - Texas Instruments SN74LV4051APWT Datasheet HTML 8Page - Texas Instruments SN74LV4051APWT Datasheet HTML 9Page - Texas Instruments SN74LV4051APWT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
SN74LV4051A
SCLS428I – MAY 1999 – REVISED SEPTEMBER 2015
www.ti.com
6.6 Operating Characteristics
VCC = 3.3 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
CL = 50 pF,
f = 10 MHz
5.9
pF
6.7 Switching Characteristics: VCC = 2.5 V ± 0.2 V
over recommended operating free-air temperature range (unless otherwise noted)
FROM
TO
TEST
PARAMETER
MIN
TYP
MAX
UNIT
(INPUT)
(OUTPUT)
CONDITIONS
TA = 25°C
1.9
10
tPLH
Propagation
CL = 15 pF
COM or Yn
Yn or COM
ns
tPHL
delay time
(see Figure 5)
TA = –40°C to 85°C
16
TA = 25°C
6.6
18
tPZH
Enable
CL = 15 pF
INH
COM or Yn
ns
tPZL
delay time
(see Figure 6)
TA = –40°C to 85°C
23
TA = 25°C
7.4
18
tPHZ
Disable
CL = 15 pF
INH
COM or Yn
ns
tPLZ
delay time
(see Figure 6)
TA = –40°C to 85°C
23
TA = 25°C
3.8
12
tPLH
Propagation
CL = 50 pF
COM or Yn
Yn or COM
ns
tPHL
delay time
(see Figure 6)
TA = –40°C to 85°C
18
TA = 25°C
7.8
28
tPZH
Enable
CL = 50 pF
INH
COM or Yn
ns
tPZL
delay time
(see Figure 6)
TA = –40°C to 85°C
35
TA = 25°C
11.5
28
tPHZ
Disable
CL = 50 pF
INH
COM or Yn
ns
tPLZ
delay time
(see Figure 6)
TA = –40°C to 85°C
35
6.8 Switching Characteristics: VCC = 3.3 V ± 0.3 V
over recommended operating free-air temperature range (unless otherwise noted)
FROM
TO
TEST
PARAMETER
MIN
TYP
MAX
UNIT
(INPUT)
(OUTPUT)
CONDITIONS
TA = 25°C
1.2
6
tPLH
Propagation
CL = 15 pF
COM or Yn
Yn or COM
ns
tPHL
delay time
(see Figure 5)
TA = –40°C to 85°C
10
TA = 25°C
4.7
12
tPZH
Enable
CL = 15 pF
INH
COM or Yn
ns
tPZL
delay time
(see Figure 6)
TA = –40°C to 85°C
15
TA = 25°C
5.7
12
tPHZ
Disable
CL = 15 pF
INH
COM or Yn
ns
tPLZ
delay time
(see Figure 6)
TA = –40°C to 85°C
15
TA = 25°C
2.5
9
tPLH
Propagation
CL = 50 pF
COM or Yn
Yn or COM
ns
tPHL
delay time
(see Figure 5)
TA = –40°C to 85°C
12
TA = 25°C
5.5
20
tPZH
Enable
CL = 50 pF
INH
COM or Yn
ns
tPZL
delay time
(see Figure 6)
TA = –40°C to 85°C
25
TA = 25°C
8.8
20
tPHZ
Disable
CL = 50 pF
INH
COM or Yn
ns
tPLZ
delay time
(see Figure 6)
TA = –40°C to 85°C
25
6
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated
Product Folder Links: SN74LV4051A


Similar Part No. - SN74LV4051APWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV4051APWT TI-SN74LV4051APWT Datasheet
548Kb / 19P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN74LV4051APWT TI-SN74LV4051APWT Datasheet
690Kb / 21P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLESERS/DEMULTIPLEXERS
SN74LV4051APWT TI-SN74LV4051APWT Datasheet
900Kb / 23P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN74LV4051APWT TI-SN74LV4051APWT Datasheet
905Kb / 23P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN74LV4051APWT TI-SN74LV4051APWT Datasheet
802Kb / 23P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
More results

Similar Description - SN74LV4051APWT

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4051 UTC-4051_12 Datasheet
260Kb / 6P
   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Texas Instruments
SN54LV4051A TI-SN54LV4051A_10 Datasheet
905Kb / 23P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN54LV4051A TI-SN54LV4051A Datasheet
548Kb / 19P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Unisonic Technologies
4051 UTC-4051_07 Datasheet
164Kb / 7P
   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Texas Instruments
SN54LV4051A_101 TI-SN54LV4051A_101 Datasheet
802Kb / 23P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN54LV4051A TI-SN54LV4051A_08 Datasheet
900Kb / 23P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Unisonic Technologies
4051 UTC-4051 Datasheet
125Kb / 6P
   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
4051 UTC-4051_15 Datasheet
333Kb / 8P
   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
4051 UTC-4051_18 Datasheet
216Kb / 6P
   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Renesas Technology Corp
HD74HC4052 RENESAS-HD74HC4052_15 Datasheet
163Kb / 14P
   Dual 4-channel Analog Multiplexers/Demultiplexers Triple 2-channel Analog Multiplexers/Demultiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com