Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI5PD2556 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI5PD2556
Description  Precision Adjustable Current -Limited Power Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5PD2556 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI5PD2556 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5PD2556 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5PD2556 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5PD2556 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5PD2556 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5PD2556 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5PD2556 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5PD2556 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5PD2556 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-08-0011
PT0497-4
08/31/15
4
PI5PD2556/2557
Precision Adjustable
Current-Limited Power Switch
Parameter Measurement information
Figure 2 Test Circuit and Voltage Waveforms
Figure 3 Typical Characteristics Reference Schematic
COUT=150uF
IN
O UT
G ND
/FAU LT
IL IM
Cin
0. 1uF
Cout
Vout
IN
R1
10 0k
Con trol In put
/FAULT1 Sign al
P ow er Pa d
O UT
Radj
EN
Vout
RLIM=24.9kohm
VIN


Similar Part No. - PI5PD2556

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5PD2560 PERICOM-PI5PD2560 Datasheet
786Kb / 12P
   Dual Channel, Adjustable Current -Limited Power Switch
PI5PD2560ZEEX PERICOM-PI5PD2560ZEEX Datasheet
786Kb / 12P
   Dual Channel, Adjustable Current -Limited Power Switch
PI5PD2561 PERICOM-PI5PD2561 Datasheet
786Kb / 12P
   Dual Channel, Adjustable Current -Limited Power Switch
PI5PD2561ZEEX PERICOM-PI5PD2561ZEEX Datasheet
786Kb / 12P
   Dual Channel, Adjustable Current -Limited Power Switch
More results

Similar Description - PI5PD2556

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX5P2553 PHILIPS-NX5P2553_15 Datasheet
1Mb / 24P
   Precision adjustable current-limited power switch
Rev. 1-6 July 2015
logo
SG Micro Corp
SGM2553E SGMICRO-SGM2553E Datasheet
773Kb / 10P
   Precision Adjustable Current Limited Power Distribution Switch
APRIL2018-REV.A
logo
Texas Instruments
TPS2559 TI1-TPS2559 Datasheet
3Mb / 29P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switch
TPS2559-Q1 TI1-TPS2559-Q1 Datasheet
3Mb / 27P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switch
TPS2561-Q1 TI1-TPS2561-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   DUAL CHANNEL PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCH
logo
Diodes Incorporated
AP22652 DIODES-AP22652 Datasheet
817Kb / 16P
   PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
September 2021
logo
Texas Instruments
TPS2551-Q1 TI1-TPS2551-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCH
logo
Nuvoton Technology Corp...
NCT3527U NUVOTON-NCT3527U Datasheet
926Kb / 18P
   Adjustable Current-Limited, Power-Distribution Switch
logo
Texas Instruments
TPS2553QDBVRQ1 TI-TPS2553QDBVRQ1 Datasheet
1Mb / 29P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552 Datasheet
1Mb / 26P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com