Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS5A3160DBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TS5A3160DBVT
Description  SPDT Analog Switch
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A3160DBVT Datasheet(HTML) 1 Page - Texas Instruments

  TS5A3160DBVT Datasheet HTML 1Page - Texas Instruments TS5A3160DBVT Datasheet HTML 2Page - Texas Instruments TS5A3160DBVT Datasheet HTML 3Page - Texas Instruments TS5A3160DBVT Datasheet HTML 4Page - Texas Instruments TS5A3160DBVT Datasheet HTML 5Page - Texas Instruments TS5A3160DBVT Datasheet HTML 6Page - Texas Instruments TS5A3160DBVT Datasheet HTML 7Page - Texas Instruments TS5A3160DBVT Datasheet HTML 8Page - Texas Instruments TS5A3160DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
NC
COM
IN
NO
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
TS5A3160
SCDS216D – OCTOBER 2005 – REVISED JUNE 2015
TS5A3160 1-
Ω SPDT Analog Switch
1 Features
3 Description
The TS5A3160 device is a single-pole double-throw
1
Low ON-State Resistance (1
Ω)
(SPDT) analog switch that is designed to operate
Isolation in the Powered-Off Mode, V+ = 0
from 1.65 V to 5.5 V. The device offers a low ON-
Specified Make-Before-Break Switching
state resistance and an excellent channel-to-channel
ON-state
resistance
matching.
The
device
has
Control Inputs are 5-V Tolerant
excellent total harmonic distortion (THD) performance
Low Charge Injection
and consumes very low power. These features make
Excellent ON-Resistance Matching
this device suitable for portable audio applications.
Low Total Harmonic Distortion
Device Information(1)
1.65-V to 5.5-V Single-Supply Operation
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Latch-Up Performance Exceeds 100 mA
TS5A3160DBV
SOT-23 (6)
2.90 mm × 1.60 mm
Per JESD 78, Class II
TS5A3160DCK
SC70 (6)
2.00 mm × 1.25 mm
ESD Performance Tested Per JESD 22
(1) For all available packages, see the orderable addendum at
2000-V Human Body Model
the end of the data sheet.
(A114-B, Class II)
1000-V Charged-Device Model (C101)
2 Applications
Mobile Phones
Consumer and Computing
Portable Instrumentation
Block Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TS5A3160DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A3160DBVT TI-TS5A3160DBVT Datasheet
683Kb / 28P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3160DBVT TI-TS5A3160DBVT Datasheet
681Kb / 30P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3160DBVTE4 TI-TS5A3160DBVTE4 Datasheet
683Kb / 28P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3160DBVTE4 TI-TS5A3160DBVTE4 Datasheet
681Kb / 30P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3160DBVTG4 TI-TS5A3160DBVTG4 Datasheet
683Kb / 28P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results

Similar Description - TS5A3160DBVT

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM4684 SGMICRO-SGM4684_15 Datasheet
338Kb / 11P
   SPDT Analog Switch
SGM5018 SGMICRO-SGM5018_15 Datasheet
338Kb / 11P
   SPDT Analog Switch
logo
Protek Devices
PAM22LOPR2268 PROTEC-PAM22LOPR2268_15 Datasheet
331Kb / 11P
   SPDT ANALOG SWITCH
logo
Texas Instruments
TS5A23157 TI-TS5A23157 Datasheet
220Kb / 16P
[Old version datasheet]   SPDT ANALOG SWITCH
logo
SG Micro Corp
SGM44603 SGMICRO-SGM44603 Datasheet
357Kb / 12P
   SPDT Analog Switch
logo
Unisonic Technologies
U7SB3157 UTC-U7SB3157_15 Datasheet
198Kb / 7P
   SPDT Analog Switch
logo
Texas Instruments
TS5A3159 TI-TS5A3159 Datasheet
232Kb / 21P
[Old version datasheet]   1 SPDT ANALOG SWITCH
TS5A3159-Q1 TI-TS5A3159-Q1 Datasheet
919Kb / 25P
[Old version datasheet]   1- SPDT ANALOG SWITCH
TS5A3157DCKRG4 TI1-TS5A3157DCKRG4 Datasheet
1Mb / 28P
[Old version datasheet]   10OHM SPDT ANALOG SWITCH
logo
SG Micro Corp
SGM4157 SGMICRO-SGM4157_15 Datasheet
317Kb / 11P
   SPDT 1 Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com