Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS3A227E Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TS3A227E
Description  Autonomous Audio Accessory Detection and Configuration Switch
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS3A227E Datasheet(HTML) 10 Page - Texas Instruments

Back Button TS3A227E Datasheet HTML 6Page - Texas Instruments TS3A227E Datasheet HTML 7Page - Texas Instruments TS3A227E Datasheet HTML 8Page - Texas Instruments TS3A227E Datasheet HTML 9Page - Texas Instruments TS3A227E Datasheet HTML 10Page - Texas Instruments TS3A227E Datasheet HTML 11Page - Texas Instruments TS3A227E Datasheet HTML 12Page - Texas Instruments TS3A227E Datasheet HTML 13Page - Texas Instruments TS3A227E Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 59 page
background image
DET _TRIGGER
INT
Insertion
de-bounce time
(90 ms default )
Accessory detection time
(A)
(B)
(D)
(E)
(F)
Removal
wait time
MIC_PRESENT
High
(C)
TS3A227E
SCDS358B – NOVEMBER 2014 – REVISED FEBRUARY 2015
www.ti.com
Timing Diagrams (continued)
A.
This is the point that DET_TRIGGER has stopped glitching and is fully low. The de-bounce time of 90 ms starts from
the point that the pin is constantly below the VIL level. Any time the DET_TRIGGER pin cross the VIH level the de-
bounce timer will restart.
B.
Point B is the end of the insertion de-bounce time and the beginning of accessory detection.
C.
Detection has completed at this point. The switches will be routed before the INT and MIC_PRESENT pins are pulled
low.
D.
INT is cleared after the host reads the interrupt register.
E.
The headset is removed here. The switch states will change immediately and INT will be pulled low. The
MIC_PRESENT pin will be released.
F.
After a 50 ms removal de-bounce timer the TS3A227E will go back into sleep mode if manual switch control is not
enabled
Figure 2. 4-Pole Accessory
10
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: TS3A227E


Similar Part No. - TS3A227E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A225E TI1-TS3A225E Datasheet
552Kb / 10P
[Old version datasheet]   AUTONOMOUS AUDIO HEADSET SWITCH
TS3A225E TI1-TS3A225E Datasheet
552Kb / 10P
[Old version datasheet]   AUTONOMOUS AUDIO HEADSET SWITCH
TS3A225E TI1-TS3A225E Datasheet
1Mb / 37P
[Old version datasheet]   AUTONOMOUS AUDIO HEADSET SWITCH
TS3A225ERTER TI1-TS3A225ERTER Datasheet
552Kb / 10P
[Old version datasheet]   AUTONOMOUS AUDIO HEADSET SWITCH
TS3A225ERTER TI1-TS3A225ERTER Datasheet
552Kb / 10P
[Old version datasheet]   AUTONOMOUS AUDIO HEADSET SWITCH
More results

Similar Description - TS3A227E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSA8008A ONSEMI-FSA8008A Datasheet
144Kb / 8P
   Audio Jack Detection and Configuration Switch
December, 2017 ??Rev. 2
logo
Fairchild Semiconductor
FSA8008A FAIRCHILD-FSA8008A Datasheet
641Kb / 3P
   Audio Jack Detection and Configuration Switch
FSA8058 FAIRCHILD-FSA8058 Datasheet
831Kb / 8P
   Audio Jack Detection and Configuration Switch with Moisture Sensing
logo
ON Semiconductor
FSA8049 ONSEMI-FSA8049 Datasheet
774Kb / 10P
   Audio Jack Detection and Configuration, MIC / GND Cross Point Switch
August 2012 Rev. 1.0.2
logo
Fairchild Semiconductor
FSA8049UCX FAIRCHILD-FSA8049UCX Datasheet
1Mb / 5P
   Audio Jack Detection and Configuration, MIC / GND Cross Point Switch
logo
NXP Semiconductors
NCX8193 PHILIPS-NCX8193_15 Datasheet
281Kb / 21P
   Audio jack detection and configuration with false detection prevention
Rev. 2-21 November 2014
logo
Texas Instruments
TS3A225E TI1-TS3A225E Datasheet
552Kb / 10P
[Old version datasheet]   AUTONOMOUS AUDIO HEADSET SWITCH
TS3A225E TI1-TS3A225E_17 Datasheet
1Mb / 37P
[Old version datasheet]   AUTONOMOUS AUDIO HEADSET SWITCH
TS3A225E TI1-TS3A225E Datasheet
552Kb / 10P
[Old version datasheet]   AUTONOMOUS AUDIO HEADSET SWITCH
logo
Fairchild Semiconductor
FSA8108 FAIRCHILD-FSA8108 Datasheet
753Kb / 5P
   Audio Jack Detection and Configuration Switch, Supports Volume Up/Down & Send/End Keys
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com