Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74CBT3251DR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74CBT3251DR
Description  FET Multiplexer and Demultiplexer
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74CBT3251DR Datasheet(HTML) 5 Page - Texas Instruments

  SN74CBT3251DR Datasheet HTML 1Page - Texas Instruments SN74CBT3251DR Datasheet HTML 2Page - Texas Instruments SN74CBT3251DR Datasheet HTML 3Page - Texas Instruments SN74CBT3251DR Datasheet HTML 4Page - Texas Instruments SN74CBT3251DR Datasheet HTML 5Page - Texas Instruments SN74CBT3251DR Datasheet HTML 6Page - Texas Instruments SN74CBT3251DR Datasheet HTML 7Page - Texas Instruments SN74CBT3251DR Datasheet HTML 8Page - Texas Instruments SN74CBT3251DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Temperature (qC)
-45
-30
-15
0
15
30
45
60
75
90
0.07
0.075
0.08
0.085
0.09
0.095
0.1
D001
SN74CBT3251
www.ti.com
SCDS019M – MAY 1995 – REVISED DECEMBER 2015
6.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VIK
VCC = 4.5 V, II = −18 mA
–1.2
V
II
VCC = 5.5 V, VI = 5.5 V or GND
±1
µA
ICC
VCC = 5.5 V, IO = 0, VI = VCC or GND
3
µA
ΔICC
(2)
Control inputs
VCC = 5.5 V; One input at 3.4 V, other inputs at VCC or GND
2.5
mA
Ci
Control inputs
VI = 3 V or 0
3.5
pF
A port
VO = 3 V or 0, OE = VCC
17.5
Cio(OFF)
pF
B port
VO = 3 V or 0, OE = VCC
4
VCC = 4 V, TYP at VCC = 4 V, VI = 2.4 V, II = 15 mA
14
20
II = 64 mA
5
7
ron
(3)
VI = 0
Ω
VCC = 4.5 V
II = 30 mA
5
7
VI = 2.4 V, II = 15 mA
10
15
(1)
All typical values are at VCC = 5 V (unless otherwise noted), TA = 25°C.
(2)
This is the increase in supply current for each input at the specified TTL voltage level, rather than VCC or GND.
(3)
Measured by the voltage drop between the A and the B terminals at the indicated current through the switch. On-state resistance is
determined by the lower of the voltages of the two (A or B) terminals.
6.6 Switching Characteristics
over operating free-air temperature free-air temperature range, CL = 50 pF (unless otherwise noted)
PARAMETER
FROM (INPUT)
TO (OUTPUT)
VCC
MIN
MAX
UNIT
VCC = 4 V
0.35
tpd
(1)
A or B
B or A
ns
VCC = 5 V ±0.5 V
0.24
VCC = 4 V
6
tpd
S
A
ns
VCC = 5 V ±0.5 V
2
5.5
VCC = 4 V
6.4
S
B
VCC = 5 V ±0.5 V
1.5
5.6
ten
ns
VCC = 4 V
6.4
OE
A or B
VCC = 5 V ±0.5 V
1.6
5.8
VCC = 4 V
6.8
S
B
VCC = 5 V ±0.5 V
1.9
6.4
tdis
ns
VCC = 4 V
6
OE
A or B
VCC = 5 V ±0.5 V
2.3
6.2
(1)
The propagation delay is the calculated RC time constant of the typical on-state resistance of the switch and the specified load
capacitance, when driven by an ideal voltage source (zero output impedance).
6.7 Typical Characteristic
Figure 1. ICC Variation With Temperature
Copyright © 1995–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN74CBT3251


Similar Part No. - SN74CBT3251DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT3251DR TI-SN74CBT3251DR Datasheet
365Kb / 12P
[Old version datasheet]   1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBT3251DRE4 TI-SN74CBT3251DRE4 Datasheet
365Kb / 12P
[Old version datasheet]   1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
More results

Similar Description - SN74CBT3251DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT16214 TI1-SN74CBT16214_15 Datasheet
1Mb / 22P
[Old version datasheet]   FET Multiplexer/Demultiplexer
SN74CB3Q3257 TI1-SN74CB3Q3257_15 Datasheet
1Mb / 25P
[Old version datasheet]   FET Multiplexer/Demultiplexer
SN74CBTLV3253 TI1-SN74CBTLV3253_15 Datasheet
1Mb / 27P
[Old version datasheet]   FET Multiplexer/Demultiplexer
SN74CBTLV3257 TI1-SN74CBTLV3257_15 Datasheet
1Mb / 28P
[Old version datasheet]   FET Multiplexer/Demultiplexer
logo
Keysight Technologies
N4983A KEYSIGHT-N4983A Datasheet
3Mb / 14P
   N4983A Multiplexer and Demultiplexer
logo
Texas Instruments
SN74CBT3251 TI-SN74CBT3251 Datasheet
365Kb / 12P
[Old version datasheet]   1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74CBT3251 UTC-U74CBT3251 Datasheet
196Kb / 6P
   1-OF-8 FET MULTIPLEXER / DEMULTIPLEXER
logo
Toshiba Semiconductor
TC7MB3251FK TOSHIBA-TC7MB3251FK Datasheet
94Kb / 7P
   1-of-8 FET Multiplexer/Demultiplexer
logo
Unisonic Technologies
U74CBT3251 UTC-U74CBT3251_15 Datasheet
224Kb / 6P
   1-OF-8 FET MULTIPLEXER DEMULTIPLEXER
logo
Toshiba Semiconductor
TC7MB3251FK TOSHIBA-TC7MB3251FK_07 Datasheet
171Kb / 7P
   1-of-8 FET Multiplexer/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com