Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74CB3Q3253RGYR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN74CB3Q3253RGYR
Description  Dual 1-of-4 FET Multiplexer ??Demultiplexer
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74CB3Q3253RGYR Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74CB3Q3253RGYR Datasheet HTML 7Page - Texas Instruments SN74CB3Q3253RGYR Datasheet HTML 8Page - Texas Instruments SN74CB3Q3253RGYR Datasheet HTML 9Page - Texas Instruments SN74CB3Q3253RGYR Datasheet HTML 10Page - Texas Instruments SN74CB3Q3253RGYR Datasheet HTML 11Page - Texas Instruments SN74CB3Q3253RGYR Datasheet HTML 12Page - Texas Instruments SN74CB3Q3253RGYR Datasheet HTML 13Page - Texas Instruments SN74CB3Q3253RGYR Datasheet HTML 14Page - Texas Instruments SN74CB3Q3253RGYR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
0
1
2
3
0
100
200
300
400
500
600
700
800
900 1000
Time (ps)
VIN
VOUT
C001
SN74CB3Q3253
www.ti.com
SCDS145B – OCTOBER 2003 – REVISED JUNE 2015
Typical Application (continued)
as directed in Layout.
9.2.3 Application Curve
Figure 6. Propagation Delay (tpd) Simulation Result at VCC = 2.5 V
10 Power Supply Recommendations
The power supply can be any voltage between the minimum and maximum supply voltage rating listed in the
Absolute Maximum Ratings table.
Each VCC terminal should have a good bypass capacitor to prevent power disturbance. For devices with a single
supply, a 0.1-
μF bypass capacitor is recommended. If multiple pins are labeled VCC, then a 0.01-μF or 0.022-μF
capacitor is recommended for each VCC because the VCC pins are tied together internally. For devices with dual-
supply pins operating at different voltages, for example VCC and VDD, a 0.1-µF bypass capacitor is recommended
for each supply pin. To reject different frequencies of noise, use multiple bypass capacitors in parallel. Capacitors
with values of 0.1
μF and 1 μF are commonly used in parallel. The bypass capacitor should be installed as close
to the power terminal as possible for best results.
11 Layout
11.1 Layout Guidelines
Reflections and matching are closely related to the loop antenna theory but are different enough to be discussed
separately from the theory. When a PCB trace turns a corner at a 90° angle, a reflection can occur. A reflection
occurs primarily because of the change of width of the trace. At the apex of the turn, the trace width increases to
1.414 times the width. This increase upsets the transmission-line characteristics, especially the distributed
capacitance and self–inductance of the trace which results in the reflection. Not all PCB traces can be straight
and therefore some traces must turn corners. Figure 7 shows progressively better techniques of rounding
corners. Only the last example (BEST) maintains constant trace width and minimizes reflections.
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: SN74CB3Q3253


Similar Part No. - SN74CB3Q3253RGYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3Q3253RGYR TI-SN74CB3Q3253RGYR Datasheet
338Kb / 13P
[Old version datasheet]   DUAL 1 OF 4 FET MULTIPLEXER/ DEMULTIPLEXER
SN74CB3Q3253RGYR TI-SN74CB3Q3253RGYR Datasheet
641Kb / 19P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3253RGYR TI-SN74CB3Q3253RGYR Datasheet
699Kb / 20P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
More results

Similar Description - SN74CB3Q3253RGYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3Q3253 TI-SN74CB3Q3253 Datasheet
338Kb / 13P
[Old version datasheet]   DUAL 1 OF 4 FET MULTIPLEXER/ DEMULTIPLEXER
logo
Nexperia B.V. All right...
CBT3253 NEXPERIA-CBT3253 Datasheet
226Kb / 11P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 4 - 23 March 2021
logo
Texas Instruments
74CB3T3253DGVRE4 TI-74CB3T3253DGVRE4 Datasheet
709Kb / 19P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
logo
Toshiba Semiconductor
TC7MB3253FT TOSHIBA-TC7MB3253FT Datasheet
129Kb / 8P
   Dual 1-of-4 FET Multiplexer/Demultiplexer
logo
Texas Instruments
SN74CBT3253 TI-SN74CBT3253 Datasheet
571Kb / 14P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
CBT3253 PHILIPS-CBT3253 Datasheet
98Kb / 12P
   Dual 1-of-4 FET multiplexer/demultiplexer
2002 Nov 04
logo
Texas Instruments
SN74CBT3253 TI-SN74CBT3253_07 Datasheet
721Kb / 16P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
CBT3253ADS-T NXP-CBT3253ADS-T Datasheet
119Kb / 15P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 3-24 September 2013
CBT3253A NXP-CBT3253A Datasheet
110Kb / 17P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 02-8 February 2007
logo
Texas Instruments
SN74CB3T3253 TI-SN74CB3T3253 Datasheet
290Kb / 14P
[Old version datasheet]   DUAL 1 OF 4 FET MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
CBT3253A PHILIPS-CBT3253A_15 Datasheet
167Kb / 15P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 4-31 October 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com