Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74CBT3251 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74CBT3251
Description  FET Multiplexer and Demultiplexer
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74CBT3251 Datasheet(HTML) 4 Page - Texas Instruments

  SN74CBT3251_15 Datasheet HTML 1Page - Texas Instruments SN74CBT3251_15 Datasheet HTML 2Page - Texas Instruments SN74CBT3251_15 Datasheet HTML 3Page - Texas Instruments SN74CBT3251_15 Datasheet HTML 4Page - Texas Instruments SN74CBT3251_15 Datasheet HTML 5Page - Texas Instruments SN74CBT3251_15 Datasheet HTML 6Page - Texas Instruments SN74CBT3251_15 Datasheet HTML 7Page - Texas Instruments SN74CBT3251_15 Datasheet HTML 8Page - Texas Instruments SN74CBT3251_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
SN74CBT3251
SCDS019M – MAY 1995 – REVISED DECEMBER 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage, VCC
–0.5
7
V
Input voltage, VI
(2)
–0.5
7
V
Continuous channel current
128
mA
Input clamp current, IK (VI/O < 0)
–50
mA
Maximum junction temperature, TJ
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
6.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1500
Electrostatic
V(ESD)
V
discharge
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage
4
5.5
V
VIH
High-level control input voltage
2
V
VIL
Low-level control input voltage
0.8
V
TA
Operating free-air temperature
–40
85
°C
6.4 Thermal Information
SN74CBT3251
D
DB
DBQ
PW
RGY
THERMAL METRIC(1)
UNIT
(SOIC)
(SSOP)
(SSOP)
(TSSOP)
(VQFN)
16 PINS
16 PINS
16 PINS
16 PINS
16 PINS
RθJA
Junction-to-ambient thermal resistance
73(2)
82(2)
90(2)
108(2)
39(3)
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
70.6
49.0
59.0
41.6
52.8
°C/W
RθJB
Junction-to-board thermal resistance
77.8
49.4
50.1
51.9
20.4
°C/W
ψJT
Junction-to-top characterization parameter
24.3
10.5
13.9
4.0
1.1
°C/W
ψJB
Junction-to-board characterization parameter
77.4
48.8
49.7
51.3
20.4
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
6.4
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
The package thermal impedance is calculated in accordance with JESD 51-7.
(3)
The package thermal impedance is calculated in accordance with JESD 51-5.
4
Submit Documentation Feedback
Copyright © 1995–2015, Texas Instruments Incorporated
Product Folder Links: SN74CBT3251


Similar Part No. - SN74CBT3251_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT3251D TI-SN74CBT3251D Datasheet
365Kb / 12P
[Old version datasheet]   1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBT3251DB TI-SN74CBT3251DB Datasheet
365Kb / 12P
[Old version datasheet]   1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBT3251DBLE TI-SN74CBT3251DBLE Datasheet
365Kb / 12P
[Old version datasheet]   1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBT3251DBQ TI-SN74CBT3251DBQ Datasheet
365Kb / 12P
[Old version datasheet]   1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBT3251DBQR TI-SN74CBT3251DBQR Datasheet
365Kb / 12P
[Old version datasheet]   1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
More results

Similar Description - SN74CBT3251_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT16214 TI1-SN74CBT16214_15 Datasheet
1Mb / 22P
[Old version datasheet]   FET Multiplexer/Demultiplexer
SN74CB3Q3257 TI1-SN74CB3Q3257_15 Datasheet
1Mb / 25P
[Old version datasheet]   FET Multiplexer/Demultiplexer
SN74CBTLV3253 TI1-SN74CBTLV3253_15 Datasheet
1Mb / 27P
[Old version datasheet]   FET Multiplexer/Demultiplexer
SN74CBTLV3257 TI1-SN74CBTLV3257_15 Datasheet
1Mb / 28P
[Old version datasheet]   FET Multiplexer/Demultiplexer
logo
Keysight Technologies
N4983A KEYSIGHT-N4983A Datasheet
3Mb / 14P
   N4983A Multiplexer and Demultiplexer
logo
Texas Instruments
SN74CBT3251 TI-SN74CBT3251 Datasheet
365Kb / 12P
[Old version datasheet]   1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74CBT3251 UTC-U74CBT3251 Datasheet
196Kb / 6P
   1-OF-8 FET MULTIPLEXER / DEMULTIPLEXER
logo
Toshiba Semiconductor
TC7MB3251FK TOSHIBA-TC7MB3251FK Datasheet
94Kb / 7P
   1-of-8 FET Multiplexer/Demultiplexer
logo
Unisonic Technologies
U74CBT3251 UTC-U74CBT3251_15 Datasheet
224Kb / 6P
   1-OF-8 FET MULTIPLEXER DEMULTIPLEXER
logo
Toshiba Semiconductor
TC7MB3251FK TOSHIBA-TC7MB3251FK_07 Datasheet
171Kb / 7P
   1-of-8 FET Multiplexer/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com