Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74CB3Q3125PWE4 Datasheet(PDF) 9 Page - Texas Instruments

Part # SN74CB3Q3125PWE4
Description  Quadruple FET Bus Switch
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74CB3Q3125PWE4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74CB3Q3125PWE4 Datasheet HTML 5Page - Texas Instruments SN74CB3Q3125PWE4 Datasheet HTML 6Page - Texas Instruments SN74CB3Q3125PWE4 Datasheet HTML 7Page - Texas Instruments SN74CB3Q3125PWE4 Datasheet HTML 8Page - Texas Instruments SN74CB3Q3125PWE4 Datasheet HTML 9Page - Texas Instruments SN74CB3Q3125PWE4 Datasheet HTML 10Page - Texas Instruments SN74CB3Q3125PWE4 Datasheet HTML 11Page - Texas Instruments SN74CB3Q3125PWE4 Datasheet HTML 12Page - Texas Instruments SN74CB3Q3125PWE4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
SN74CB3Q3125
www.ti.com
SCDS143C – OCTOBER 2003 – REVISED JUNE 2015
8.3 Feature Description
The SN74CB3Q3125 device has a high-bandwidth data path (up to 500 MHz) and has 5-V tolerant I/Os with the
device powered up or powered down. It also has low and flat ON-state resistance (ron) characteristics over
operating range (ron = 4-Ω Typ).
The SN74CB3Q3125 device has rail-to-rail switching on data I/O ports for 0-V to 5-V switching with
3.3-V VCCand 0-V to 3.3-V switching with 2.5-V VCC as well as bidirectional data flow with near-zero propagation
delay and low input/output capacitance that minimizes loading and signal distortion (Cio(OFF) = 3.5-pF Typ).
The SN74CB3Q3125 device also provides a fast switching frequency (fOE = 20-MHz Max) with data and control
inputs that provide undershoot clamp diodes as well as low power consumption (ICC = 0.6-mA Typ).
The VCC operating range is from 2.3 V to 3.6 V and the data I/Os support 0-V to 5-V signal levels of
(0.8 V, 1.2 V, 1.5 V, 1.8 V, 2.5 V, 3.3 V, 5 V).
The control inputs can be driven by TTL or 5-V or 3.3-V CMOS outputs, and Ioff supports partial-power-down
mode operation.
8.4 Device Functional Modes
Table 1 lists the functional modes for the SN74CB3Q3125 device.
Table 1. Function Table
INPUT
INPUT/OUTPUT
FUNCTION
OE
A
L
B
A port = B port
H
Z
Disconnect
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: SN74CB3Q3125


Similar Part No. - SN74CB3Q3125PWE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3Q3125PWE4 TI-SN74CB3Q3125PWE4 Datasheet
306Kb / 1P
[Old version datasheet]   QUADRUPLE FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
More results

Similar Description - SN74CB3Q3125PWE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT3125 TI-SN74CBT3125 Datasheet
64Kb / 4P
[Old version datasheet]   QUADRUPLE FET BUS SWITCH
logo
NXP Semiconductors
CBT3126 PHILIPS-CBT3126 Datasheet
95Kb / 10P
   Quadruple FET bus switch
2001 Dec 12
logo
Texas Instruments
SN74CB3T3125 TI-SN74CB3T3125 Datasheet
188Kb / 12P
[Old version datasheet]   QUADRUPLE FET BUS SWITCH
SN74CBT3126 TI-SN74CBT3126 Datasheet
63Kb / 4P
[Old version datasheet]   QUADRUPLE FET BUS SWITCH
logo
NXP Semiconductors
CBT3125 PHILIPS-CBT3125_15 Datasheet
102Kb / 10P
   Quadruple FET bus switch
2001 Dec 12
logo
Nexperia B.V. All right...
CBT3125 NEXPERIA-CBT3125 Datasheet
218Kb / 12P
   Quadruple FET bus switch
Rev. 2 - 1 October 2018
logo
NXP Semiconductors
CBT3125 PHILIPS-CBT3125 Datasheet
96Kb / 10P
   Quadruple FET bus switch
2001 Dec 12
logo
Unisonic Technologies
U74CBT3126 UTC-U74CBT3126 Datasheet
196Kb / 5P
   QUADRUPLE FET BUS SWITCH
U74CBT3126 UTC-U74CBT3126_15 Datasheet
232Kb / 5P
   QUADRUPLE FET BUS SWITCH
logo
Texas Instruments
SN74CBT3126DBQR TI1-SN74CBT3126DBQR Datasheet
1Mb / 19P
[Old version datasheet]   QUADRUPLE FET BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com