Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F2TVS13A Datasheet(PDF) 3 Page - Nanjing International Group Co

Part # F2TVS13A
Description  Surface Mount Transient Voltage Suppressors Peak Pulse Power 200W Stand off Voltage 5.0 to 190V
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

F2TVS13A Datasheet(HTML) 3 Page - Nanjing International Group Co

  F2TVS13A Datasheet HTML 1Page - Nanjing International Group Co F2TVS13A Datasheet HTML 2Page - Nanjing International Group Co F2TVS13A Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Electrical Characteristics
(TA = 25 °C unless otherwise noted)
F2TVS78A
78
86.7
95.8
1
5
126
1.59
F2TVS80A
80
88.8
97.6
1
5
129
1.55
F2TVS85A
85
94.4
104
1
5
137
1.46
F2TVS90A
90
100
111
1
5
146
1.37
F2TVS100A
100
111
123
1
5
162
1.23
F2TVS100A
100
111
123
1
5
162
1.23
F2TVS110A
110
122
135
1
5
177
1.13
F2TVS120A
120
133
147
1
5
193
1.04
F2TVS130A
130
144
159
1
5
209
0.96
F2TVS140A
140
155
171
1
5
224
0.89
F2TVS150A
150
167
185
1
5
243
0.82
F2TVS160A
160
178
197
1
5
259
0.77
F2TVS170A
170
189
209
1
5
275
0.73
F2TVS170A
170
189
209
1
5
275
0.73
F2TVS180A
180
201
222
1
5
292
0.69
F2TVS190A
190
211
232
1
5
324
0.62
PACKAGE OUTLINE DIMENSIONS (in millimeters)
Soldering footprint
F2TVS5.0A thru F2TVS190A
Surface Mount Transient Voltage Suppressors
Surface Mount Transient Voltage Suppressors
Peak Pulse Power 200W Stand off Voltage 5.0 to 190V
3
www.dgnjdz.com


Similar Part No. - F2TVS13A

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
F2TVS13A GOOD-ARK-F2TVS13A Datasheet
206Kb / 5P
   Surface Mount Transient Voltage Suppressors
More results

Similar Description - F2TVS13A

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
L2TVS10.0A GOOD-ARK-L2TVS10.0A_15 Datasheet
195Kb / 5P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 200W Stand-off Voltage 10.0 to 190V
F2TVS5.0A GOOD-ARK-F2TVS5.0A_15 Datasheet
206Kb / 5P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 200W Stand-off Voltage 10.0 to 190V
L4TVS10A GOOD-ARK-L4TVS10A_15 Datasheet
226Kb / 5P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Stand-off Voltage 10 to 190V
SMCJ5.0 GOOD-ARK-SMCJ5.0_15 Datasheet
204Kb / 4P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 1500W Stand-off Voltage 5.0 to 440V
logo
First Silicon Co., Ltd
SMDJXX FS-SMDJXX Datasheet
593Kb / 5P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 440V
logo
E-CMOS Corporation
EC76SMAJXX E-CMOS-EC76SMAJXX Datasheet
210Kb / 6P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Stand-off Voltage 5.0 to 440V
logo
GOOD-ARK Electronics
SMAJ5.0 GOOD-ARK-SMAJ5.0_15 Datasheet
240Kb / 4P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Stand Off Voltage 5.0 to 440V
SMBJ5.0 GOOD-ARK-SMBJ5.0_15 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 600W Stand-off Voltage 5.0 to 440V
3KP220CA GOOD-ARK-3KP220CA Datasheet
161Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 220V
3KP5.0 GOOD-ARK-3KP5.0_15 Datasheet
161Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 220V
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com