Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV100-2000 Datasheet(PDF) 1 Page - LEM

Part # LV100-2000
Description  Voltage Transducer LV 100-2000
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LV100-2000 Datasheet(HTML) 1 Page - LEM

  LV100-2000 Datasheet HTML 1Page - LEM LV100-2000 Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Voltage Transducer LV 100-2000
For the electronic measurement of voltages : DC, AC, pulsed...,
with a galvanic isolation between the primary circuit (high voltage)
and the secondary circuit (electronic circuit).
Electrical data
V
PN
Primary nominal r.m.s. voltage
2000
V
V
P
Primary voltage, measuring range
0 .. ± 3000
V
I
PN
Primary nominal r.m.s. current
5
mA
R
M
Measuring resistance
R
M min
R
M max
with ± 15 V
@ ± 2000 V
max
0
170
@ ± 3000 V
max
0
90
I
SN
Secondary nominal r.m.s. current
50
mA
K
N
Conversion ratio
2000 V / 50 mA
V
C
Supply voltage (± 5 %)
± 15
V
I
C
Current consumption
10 + I
S
mA
V
d
R.m.s. voltage for AC isolation test, 50 Hz, 1 mn
9
kV
Accuracy - Dynamic performance data
X
G
Overall Accuracy @ V
PN , TA = 25°C
± 0.7
%
ε
L
Linearity
< 0.1
%
Typ
Max
I
O
Offset current @ I
P = 0, TA = 25°C
± 0.2
mA
I
OT
Thermal drift of I
O
0°C .. + 70°C
± 0.2
± 0.3
mA
t
r
Response time @ 90 % of V
P max
150
µs
General data
T
A
Ambient operating temperature
0 .. + 70
°C
T
S
Ambient storage temperature
- 25 .. + 85
°C
N
Turns ratio
20000 : 2000
P
Total primary power loss
10
W
R
1
Primary resistance @ T
A = 25°C
400
k
R
S
Secondary coil resistance @ T
A = 70°C
60
m
Mass
850
g
Standards 1)
EN 50178
Note :
1) A list of corresponding tests is available
Features
Closed loop (compensated) voltage
transducer using the Hall effect
Insulated plastic case recognized
according to UL 94-V0
Primary resistor R
1 incorporated into
the housing.
Advantages
Excellent accuracy
Very good linearity
Low thermal drift
High immunity to external
interference.
Applications
AC variable speed drives and servo
motor drives
Static converters for DC motor drives
Uninterruptible Power Supplies
(UPS)
Power supplies for welding
applications.
981102/3
V
PN
=
2000 V
LEM Components
ww w .lem.com


Similar Part No. - LV100-2000

ManufacturerPart #DatasheetDescription
logo
LEM
LV100-2000 LEM-LV100-2000 Datasheet
58Kb / 2P
   LV100-2000
LV100-2000 LEM-LV100-2000_03 Datasheet
58Kb / 2P
   LV100-2000
More results

Similar Description - LV100-2000

ManufacturerPart #DatasheetDescription
logo
LEM
LV100 LEM-LV100 Datasheet
57Kb / 2P
   Voltage Transducer LV 100
LV100-100 LEM-LV100-100 Datasheet
66Kb / 2P
   Voltage Transducer LV 100-100
LV100-150 LEM-LV100-150 Datasheet
66Kb / 2P
   Voltage Transducer LV 100-150
LV100-900 LEM-LV100-900 Datasheet
65Kb / 2P
   Voltage Transducer LV 100-900
LV100-400 LEM-LV100-400 Datasheet
65Kb / 2P
   Voltage Transducer LV 100-400
LV100-300 LEM-LV100-300 Datasheet
66Kb / 2P
   Voltage Transducer LV 100-300
LV100-250 LEM-LV100-250 Datasheet
66Kb / 2P
   Voltage Transducer LV 100-250
LV100-500 LEM-LV100-500 Datasheet
66Kb / 2P
   Voltage Transducer LV 100-500
LV100-800 LEM-LV100-800 Datasheet
65Kb / 2P
   Voltage Transducer LV 100-800
LV100-1500 LEM-LV100-1500 Datasheet
66Kb / 2P
   Voltage Transducer LV 100-1500
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com