Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PVX-4140 Datasheet(PDF) 1 Page - IXYS Corporation

Part # PVX-4140
Description  짹3,500V PULSE GENERATOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

PVX-4140 Datasheet(HTML) 1 Page - IXYS Corporation

  PVX-4140 Datasheet HTML 1Page - IXYS Corporation PVX-4140 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
THE PULSE OF THE FUTURE
DI RECTED
ENERG Y
INCO RPORA T ED
PVX-41 4 0
±3,50 0 V P U LSE GENERAT O R
• 0 to ±3500V Pulse Output
•≤≤≤≤25ns Rise And Fall Times
•≤≤≤≤60ns to DC Pulse Width
• >30KHz Pulse Repetition Frequency
• Optimized To Drive Deflection Plates,
Grids, Pockels Cells And Other
Capacitive Loads
• Protected Against Arcs, Shorts And
Load Transients
• Voltage And Current Monitor Outputs
The PVX-4140 pulse generator produces fast, high volt-
age wave forms to 3,500V. Optimized for high impedance
capacitive loads, the PVX-4140 is well suited for driving
extraction grids and deflection plates for electrostatic
modulation of particle beams in time-of-flight mass spec-
trometers and accelerators. Its robust and versatile design
also makes it well suited for pulsing or gating power tube
grids, Pockels cells and Q Switches, acoustic transducers,
microchannel plates, photomultiplier tubes and image in-
tensifiers. The exceptional pulse fidelity of the PVX-4140
will optimize the performance of any system in which it is
used.
The PVX-4140 generates an output voltage pulse of 3,500
volts with rise and fall times of 25ns or less, with very flat
voltage pulses to DC into a capacitive load. It can gener-
ate singled-ended output pulses from ground to +3500V or
from ground to –3500V, and can also generate pulses
originating from a DC voltage offset from ground by using
both VLow and VHigh power supply inputs. This offset can
be from –3500V to +3500V, with a maximum power supply
voltage differential of
≤3500V.
The PVX-4140 requires a user-supplied TTL gate signal, a
high voltage DC power supply and optional DC offset sup-
ply inputs. The output pulse width and frequency are con-
trolled by the gate signal. The pulse output voltage is con-
trolled by the amplitude of the input DC power supplies.
When the input gate is high, the VHIGH supply is connected
to the output. When the input gate is low, the VLOW supply
is connected to the output. Therefore the PVX-4140 can be
used to generate a negative-going pulse by logically
inverting the input gate, so that the input gate is high until
the unit is pulsed. When the input gate goes low, the VLOW
input supply is connected to the output, thereby generating
a negative-going pulse.
The PVX-4140 features front panel indicator LEDs to moni-
tor the status of the pulse generator. Front panel instru-
ment-quality voltage and current monitors provide a
straightforward means to view the output voltage and cur-
rent waveforms in real-time, eliminating the need for an ex-
ternal high voltage oscilloscope probe.
The pulse generator is a direct-coupled, air-cooled solid-
state half-bridge (totem pole) design, offering equally fast
pulse rise and fall times, low power dissipation, and virtually
no over-shoot, under-shoot or ringing. It has over-current
detection and shut-down circuitry to protect the pulse gen-
erator from potential damage due to arcs and shorts in the
load or interconnect cable. All control and protection logic
circuitry, support power, energy storage and output network
are incorporated into the PVX-4140. It can be connected
directly to the load, and does not require series or shunt
resistors, impedance-matching networks between the
pulser and the load, or additional energy storage (capacitor
banks). All of this is taken care of within the PVX-4140.


Similar Part No. - PVX-4140

ManufacturerPart #DatasheetDescription
logo
Directed Energy, Inc.
PVX-4140 DEI-PVX-4140 Datasheet
65Kb / 2P
   짹3,500V PULSE GENERATOR
More results

Similar Description - PVX-4140

ManufacturerPart #DatasheetDescription
logo
Directed Energy, Inc.
PVX-4140 DEI-PVX-4140 Datasheet
65Kb / 2P
   짹3,500V PULSE GENERATOR
logo
Festo Corporation.
4025 FESTO-4025 Datasheet
78Kb / 1P
   Pulse generator
4026 FESTO-4026 Datasheet
59Kb / 1P
   Pulse generator
logo
Linear Technology
LTC6993-4 LINER-LTC6993-4_15 Datasheet
430Kb / 26P
   Monostable Pulse Generator
logo
Directed Energy, Inc.
PVX-4110 DEI-PVX-4110 Datasheet
202Kb / 2P
   짹10,000V PULSE GENERATOR
PVX-4150 DEI-PVX-4150 Datasheet
73Kb / 2P
   짹1,500V PULSE GENERATOR
PVX-4130 DEI-PVX-4130 Datasheet
168Kb / 2P
   짹6,000V PULSE GENERATOR
logo
IXYS Corporation
PVX-4130 IXYS-PVX-4130 Datasheet
168Kb / 2P
   짹6,000V PULSE GENERATOR
logo
Linear Technology
LTC6993-2 LINER-LTC6993-2_15 Datasheet
430Kb / 26P
   Monostable Pulse Generator
LTC6993-1 LINER-LTC6993-1_15 Datasheet
430Kb / 26P
   Monostable Pulse Generator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com