Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT8A3296 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PT8A3296
Description  Heating Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT8A3296 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PT8A3296 Datasheet HTML 1Page - Pericom Semiconductor Corporation PT8A3296 Datasheet HTML 2Page - Pericom Semiconductor Corporation PT8A3296 Datasheet HTML 3Page - Pericom Semiconductor Corporation PT8A3296 Datasheet HTML 4Page - Pericom Semiconductor Corporation PT8A3296 Datasheet HTML 5Page - Pericom Semiconductor Corporation PT8A3296 Datasheet HTML 6Page - Pericom Semiconductor Corporation PT8A3296 Datasheet HTML 7Page - Pericom Semiconductor Corporation PT8A3296 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
||||||||||||||||
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||
Heating Controller
12-07-0006
PT0262-1
07/06/12
1
PT8A3290/1/2/3/4/5/6/7
Features
Dual Voltage (120V/240V) operations
Auto temperature control with NTC
NTC open protection
Multi mode LED indicator
Proportional control
Pulse trigger for high current SCR/TRIAC (up to
15mA)
Internal Zener
Auto Heating off after heating timer timeout
Low cost 8-Pin DIP and SOIC package
Applications
Curler
Straightener
Description
The PT8A3290/1/2/3/4/5/6/7 is a mixed signal
CMOS LSI chip designed as heating controller with help
of external NTC (Negative Temperature Component).
NTC open protection is implemented for device safety.
This device can be used in both 120V and 240V power
line supplier, as it will automatically adjust the heating
power according to the power line voltage to avoid
heating appliance damage or long heating time. The
proportional control algorithm is designed in this
product.
Pin Information
NTC1
NTC2
CLK
GND
ON
GATE
OFF
VDD
1
2
3
4
5
6
7
8
PT 8A3270/1/2/3
NTC1
NTC2
CLK
GND
ON/OFF
GATE
LED2
VDD
1
2
3
4
5
6
7
8
PT 8A3274/5/6/7
NTC1
NTC2
CLK
GND
ON/OFF
GATE
TURBO
VDD
1
2
3
4
5
6
7
8
PT 8A3278/9
NTC1
NTC2
CLK
GND
LED1
GATE
LED2
VDD
1
2
3
4
5
6
7
8
PT 8A3280/1/2/3
PT 8A3290/1/2/3
PT 8A3294/5/6/7
PT 8A3288/9
PT 8A3284/5/6/7
Pin Description
Pin No.
Pin Name
I/O
Description
3290/1/2/3
3294/5/6/7
1
NTC1
NTC1
I
NTC voltage input, NTC open detection input
2
NTC2
NTC2
O
Output signal for NTC open detection
3
CLK
CLK
I
Clock input from power line
4
GND
GND
Power
Ground and Power
5
ON
ON_OFF
I/O
3290/1/2/3: Heating-on button input. and LED1 driving output
3294/5/6/7: Heating-on/off button input and LED1 driving output
6
GATE
GATE
O
TRIAC trigger output
7
OFF
LED2
I/O
3290/1/2/3: Heating-off button input and LED2 driving output
3294/5/6/7: LED2 driving output
8
VDD
VDD
Power
Ground and Power


Similar Part No. - PT8A3296

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT8A3230 PERICOM-PT8A3230 Datasheet
337Kb / 7P
   Heating Controller
PT8A3231 PERICOM-PT8A3231 Datasheet
337Kb / 7P
   Heating Controller
PT8A3232 PERICOM-PT8A3232 Datasheet
337Kb / 7P
   Heating Controller
PT8A3233 PERICOM-PT8A3233 Datasheet
337Kb / 7P
   Heating Controller
PT8A3234 PERICOM-PT8A3234 Datasheet
337Kb / 7P
   Heating Controller
More results

Similar Description - PT8A3296

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT8A3230 PERICOM-PT8A3230 Datasheet
337Kb / 7P
   Heating Controller
PT8A3280 PERICOM-PT8A3280 Datasheet
239Kb / 8P
   Heating Controller
PT8A3240 PERICOM-PT8A3240 Datasheet
310Kb / 7P
   Heating Controller
PT8A3270 PERICOM-PT8A3270 Datasheet
239Kb / 8P
   Heating Controller
PT8A3251 PERICOM-PT8A3251 Datasheet
218Kb / 8P
   Ceramic Heating Controller
PT8A3361 PERICOM-PT8A3361 Datasheet
522Kb / 16P
   NTCLCD Heating Controller
PT8A3252 PERICOM-PT8A3252 Datasheet
203Kb / 7P
   5LED Ceramic Heating Controller
PT8A3263-66A-F PERICOM-PT8A3263-66A-F Datasheet
541Kb / 15P
   NTC Heating Controller with Multi LEDs
logo
List of Unclassifed Man...
ST699 ETC1-ST699 Datasheet
275Kb / 2P
   HEATING CONTROLS
logo
Renesas Technology Corp
RJH65T14DPQ-A0 RENESAS-RJH65T14DPQ-A0 Datasheet
315Kb / 10P
   Induction Heating
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com