Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT8A3517B Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

Part # PT8A3517B
Description  Smart Iron Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT8A3517B Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

  PT8A3517B Datasheet HTML 1Page - Pericom Semiconductor Corporation PT8A3517B Datasheet HTML 2Page - Pericom Semiconductor Corporation PT8A3517B Datasheet HTML 3Page - Pericom Semiconductor Corporation PT8A3517B Datasheet HTML 4Page - Pericom Semiconductor Corporation PT8A3517B Datasheet HTML 5Page - Pericom Semiconductor Corporation PT8A3517B Datasheet HTML 6Page - Pericom Semiconductor Corporation PT8A3517B Datasheet HTML 7Page - Pericom Semiconductor Corporation PT8A3517B Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
||||||||||||||||
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
12-07-0006
PT0259-3
07/06/12
8
PT8A3514/15/16/17/18/19(A/B)
Smart Iron Controller
Ordering Information
Part Number
Package Code
Package
PT8A351xAPE
P
Lead free DIP-8
PT8A351xBPE
P
Lead free DIP-8
PT8A351xAWE
W
Lead free and Green SOIC-8
PT8A351xBWE
W
Lead free and Green SOIC-8
Note:
See below Function comparison table for details.
E = Pb-free or Pb-free & Green
Adding X Suffix= Tape/Reel
Function comparison table
Part Number
Frequency
Vertical Timer
Horizontal timer
Buzzer
PT8A 3514A
50Hz
10min
30s
Continual
PT8A 3515A
50Hz
8min
30s
Stop after 6 times
PT8A 3516A
50Hz
15min
30s
Stop after 6 times
PT8A 3517A
50Hz
8min
30s
Continual
PT8A 3518A
50Hz
15min
30s
Continual
PT8A 3519A
50Hz
10min
30s
Stop after 6 times
PT8A 3514B
60Hz
10min
30s
Continual
PT8A 3515B
60Hz
8min
30s
Stop after 6 times
PT8A 3516B
60Hz
15min
30s
Stop after 6 times
PT8A 3517B
60Hz
8min
30s
Continual
PT8A 3518B
60Hz
15min
30s
Continual
PT8A 3519B
60Hz
10min
30s
Stop after 6 times
Pericom Semiconductor Corporation  1-800-435-2336  www.pericom.com
Pericom reserves the right to make changes to its products or specifications at any time, without notice, in order to improve design or performance and to supply
the best possible product. Pericom does not assume any responsibility for use of any circuitry described other than the circuitry embodied in Pericom product. The
company makes no representations that circuitry described herein is free from patent infringement or other rights, of Pericom.


Similar Part No. - PT8A3517B

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT8A3230 PERICOM-PT8A3230 Datasheet
337Kb / 7P
   Heating Controller
PT8A3231 PERICOM-PT8A3231 Datasheet
337Kb / 7P
   Heating Controller
PT8A3232 PERICOM-PT8A3232 Datasheet
337Kb / 7P
   Heating Controller
PT8A3233 PERICOM-PT8A3233 Datasheet
337Kb / 7P
   Heating Controller
PT8A3234 PERICOM-PT8A3234 Datasheet
337Kb / 7P
   Heating Controller
More results

Similar Description - PT8A3517B

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE8386EL INFINEON-TLE8386EL Datasheet
1Mb / 26P
   Smart Boost Controller
Rev. 1.0, 2009-11-30
logo
STMicroelectronics
L6668 STMICROELECTRONICS-L6668_06 Datasheet
717Kb / 23P
   SMART PRIMARY CONTROLLER
L6668 STMICROELECTRONICS-L6668 Datasheet
671Kb / 23P
   SMART PRIMARY CONTROLLER
logo
Linear Technology
LTC4100 LINER-LTC4100 Datasheet
251Kb / 24P
   Smart Battery Charger Controller
logo
Zilog, Inc.
Z80181 ZILOG-Z80181 Datasheet
540Kb / 74P
   SMART ACCESS CONTROLLER (SAC??
logo
List of Unclassifed Man...
OZ968 ETC-OZ968 Datasheet
47Kb / 6P
   SMBus Smart Inverter Controller
logo
Infineon Technologies A...
TLE8386-2EL INFINEON-TLE8386-2EL Datasheet
1Mb / 32P
   Basic Smart Boost Controller
ev. 1.0, 2010-10-25
logo
uPI Group Inc.
UP7501 UPI-UP7501 Datasheet
286Kb / 10P
   Smart 5V Dual Controller
logo
Linear Technology
LTC4100 LINER-LTC4100_09 Datasheet
252Kb / 30P
   Smart Battery Charger Controller
LTC4101 LINER-LTC4101_15 Datasheet
260Kb / 30P
   Smart Battery Charger Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com