Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT8A3295WE Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PT8A3295WE
Description  Heating Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT8A3295WE Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PT8A3295WE Datasheet HTML 1Page - Pericom Semiconductor Corporation PT8A3295WE Datasheet HTML 2Page - Pericom Semiconductor Corporation PT8A3295WE Datasheet HTML 3Page - Pericom Semiconductor Corporation PT8A3295WE Datasheet HTML 4Page - Pericom Semiconductor Corporation PT8A3295WE Datasheet HTML 5Page - Pericom Semiconductor Corporation PT8A3295WE Datasheet HTML 6Page - Pericom Semiconductor Corporation PT8A3295WE Datasheet HTML 7Page - Pericom Semiconductor Corporation PT8A3295WE Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
||||||||||||||||
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
12-07-0006
PT0262-1
07/06/12
4
PT8A3290/1/2/3/4/5/6/7
Heating Controller
Functional Description
State description
Reset
The device will be of reset state after power-on.
Heating on
The device will be of heating on state after heating-on button is on
Heating off
This device enter heating-off state after its power-on reset or heating timer timeout, and all pins will be the same status as after
power-on reset.
NTC open protection
When NTC is open, NTC1 pin will be pulled low in the period of NTC open detected.
Timer
Once IC enters Heating-on State, internal timer starts to count. When time is out after 216000 clock period, it will exit heating-on
state. That is, in case of 60Hz CLK signal, the heating time is about 1 hour; and 1.2 hour for 50Hz.
In heating-on state, temperature is regulated to the selected temperature by the IC through NTC close control loop.
Control signal output
When working in Heating-on state, Gate/LED output will be related to NTC1 input and CLK input amplitude.
Effect of NTC and VTCLK (Level 2) on GATE and LED indication
Workin
g State
CLK input
voltage
NTC
(NTC open
detection)
NTC
(Normal temp
detection)
GATE
(trigger to
SCR/TRIAC)
LED
LED1
LED2
LED1
LED2
3290/2/4/6
3290/2/4/6
3291/3/5/7
3291/3/5/7
ON
High for
level 2
(240V)
V NTCO~
VDD
0 ~ VADC_BIT15
Proportional
output
Flash1*
Invert of
LED1
On
Off
V ADC_BIT14 ~
V ADC_BIT1
On
On
On
V ADC_BIT1 ~
VDD
0
On
On
On
Low for
level 2
(120V)
0 ~ VADC_BIT15
Proportional
output
Flash1
On
Off
V ADC_BIT14 ~
V ADC_BIT1
On
On
On
V ADC_BIT1 ~
VDD
0
On
On
On
Off
X*
X
0
Off
Off
Off
X
X
0~V NTCO
X
0
Flash2*
Flash2*
Off
*Note: 1) X means any input. 2) Flash1 frequency is 1/32 clock. 3) Flash2 frequency is 1/8 clock


Similar Part No. - PT8A3295WE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT8A3230 PERICOM-PT8A3230 Datasheet
337Kb / 7P
   Heating Controller
PT8A3231 PERICOM-PT8A3231 Datasheet
337Kb / 7P
   Heating Controller
PT8A3232 PERICOM-PT8A3232 Datasheet
337Kb / 7P
   Heating Controller
PT8A3233 PERICOM-PT8A3233 Datasheet
337Kb / 7P
   Heating Controller
PT8A3234 PERICOM-PT8A3234 Datasheet
337Kb / 7P
   Heating Controller
More results

Similar Description - PT8A3295WE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT8A3230 PERICOM-PT8A3230 Datasheet
337Kb / 7P
   Heating Controller
PT8A3280 PERICOM-PT8A3280 Datasheet
239Kb / 8P
   Heating Controller
PT8A3240 PERICOM-PT8A3240 Datasheet
310Kb / 7P
   Heating Controller
PT8A3270 PERICOM-PT8A3270 Datasheet
239Kb / 8P
   Heating Controller
PT8A3251 PERICOM-PT8A3251 Datasheet
218Kb / 8P
   Ceramic Heating Controller
PT8A3361 PERICOM-PT8A3361 Datasheet
522Kb / 16P
   NTCLCD Heating Controller
PT8A3252 PERICOM-PT8A3252 Datasheet
203Kb / 7P
   5LED Ceramic Heating Controller
PT8A3263-66A-F PERICOM-PT8A3263-66A-F Datasheet
541Kb / 15P
   NTC Heating Controller with Multi LEDs
logo
List of Unclassifed Man...
ST699 ETC1-ST699 Datasheet
275Kb / 2P
   HEATING CONTROLS
logo
Renesas Technology Corp
RJH65T14DPQ-A0 RENESAS-RJH65T14DPQ-A0 Datasheet
315Kb / 10P
   Induction Heating
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com