Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT8A3516A Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PT8A3516A
Description  Smart Iron Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT8A3516A Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PT8A3516A Datasheet HTML 1Page - Pericom Semiconductor Corporation PT8A3516A Datasheet HTML 2Page - Pericom Semiconductor Corporation PT8A3516A Datasheet HTML 3Page - Pericom Semiconductor Corporation PT8A3516A Datasheet HTML 4Page - Pericom Semiconductor Corporation PT8A3516A Datasheet HTML 5Page - Pericom Semiconductor Corporation PT8A3516A Datasheet HTML 6Page - Pericom Semiconductor Corporation PT8A3516A Datasheet HTML 7Page - Pericom Semiconductor Corporation PT8A3516A Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
||||||||||||||||
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
12-07-0006
PT0259-3
07/06/12
2
PT8A3514/15/16/17/18/19(A/B)
Smart Iron Controller
Block Diagram
SW
ACCLK
GND
RELAY
LED
VCC
PT8A3513/4/5/6/7/8/9
Figure 2. Function Block Diagram
DISC/BUZ
Logic C ontrol
C ircuit
Se nsor signal
proce ssor
Powe r on
re se t
Syste m
oscillator
30s/8/10/15min
Time r
TEST
SWO
Maximum Ratings
Storage Temperature………………………………………… - 40
oC to +125oC
Supply Voltage to Ground Potential (Inputs & VCC only)….. - 0.5 to VCC +0.5V
Supply Voltage to Ground Potential (Outputs & D/O only)... - 0.5 to VCC +0.5V
DC Input Voltage …………………………………………...- 0.5V to VCC +0.5V
DC Output Current ………………………………………………………..20mA
Power Dissipation………………………………………………………..500mW
Recommended Operating Conditions
Symbol
Description
Min
Typical
Max
Unit
VCC
Supply voltage
4.5
5
5.5
V
TA
Operating Temperature
-10
25
85
C
Electrical Characteristics (T
A = -10 ~ 85º
C, unless otherwise noted)
Sym
Parameter
Test Conditions
Min
Typ
Max
Uni
t
VCC
Condition
VCC
Internal Shunt regulator voltage
-
-
4.5
5
5.5
V
I IL1
Input low current(ACCLK)
5V
VIL=0V
-
-
-1
A
I IL2
Input low current(TEST)
5V
VIL=0V
-5
-
-30
A
I IL3
Input low current(SW)
5V
VIL=0V
-
-
-1
A
I IH1
Input high current(ACCLK)
5V
VIH=5V
30
-
100
A
I IH2
Input high current(ACSEL)
5V
VIH=5V
-
-
30
A
I IH3
Input high current(SW)
5V
VIH=5V
-
-
1
A
IOH1
Output Source Current (RELAY /DISC)
5V
VOH1=2.5V
-0.3
-
-0.7
mA
IOL1
Output Sink Current
(RELAY /DISC)
5V
VOL1=0.5V
5
-
-
mA
IOL2
Output Sink Current (LED)
5V
VOL2=0.5V
10
-
-
mA
ICC
Power supply current
4V
See Figure3
-
-
400
A
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the
device. This is a stress rating only and functional
operation of the device at these or any other condi-
tions above those indicated in the operational sec-
tions of this specification is not implied. Exposure
to absolute maximum rating conditions for extended
periods may affect reliability.


Similar Part No. - PT8A3516A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT8A3230 PERICOM-PT8A3230 Datasheet
337Kb / 7P
   Heating Controller
PT8A3231 PERICOM-PT8A3231 Datasheet
337Kb / 7P
   Heating Controller
PT8A3232 PERICOM-PT8A3232 Datasheet
337Kb / 7P
   Heating Controller
PT8A3233 PERICOM-PT8A3233 Datasheet
337Kb / 7P
   Heating Controller
PT8A3234 PERICOM-PT8A3234 Datasheet
337Kb / 7P
   Heating Controller
More results

Similar Description - PT8A3516A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE8386EL INFINEON-TLE8386EL Datasheet
1Mb / 26P
   Smart Boost Controller
Rev. 1.0, 2009-11-30
logo
STMicroelectronics
L6668 STMICROELECTRONICS-L6668_06 Datasheet
717Kb / 23P
   SMART PRIMARY CONTROLLER
L6668 STMICROELECTRONICS-L6668 Datasheet
671Kb / 23P
   SMART PRIMARY CONTROLLER
logo
Linear Technology
LTC4100 LINER-LTC4100 Datasheet
251Kb / 24P
   Smart Battery Charger Controller
logo
Zilog, Inc.
Z80181 ZILOG-Z80181 Datasheet
540Kb / 74P
   SMART ACCESS CONTROLLER (SAC??
logo
List of Unclassifed Man...
OZ968 ETC-OZ968 Datasheet
47Kb / 6P
   SMBus Smart Inverter Controller
logo
Infineon Technologies A...
TLE8386-2EL INFINEON-TLE8386-2EL Datasheet
1Mb / 32P
   Basic Smart Boost Controller
ev. 1.0, 2010-10-25
logo
uPI Group Inc.
UP7501 UPI-UP7501 Datasheet
286Kb / 10P
   Smart 5V Dual Controller
logo
Linear Technology
LTC4100 LINER-LTC4100_09 Datasheet
252Kb / 30P
   Smart Battery Charger Controller
LTC4101 LINER-LTC4101_15 Datasheet
260Kb / 30P
   Smart Battery Charger Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com