Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT8A351XBWE Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PT8A351XBWE
Description  Smart Iron Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT8A351XBWE Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PT8A351XBWE Datasheet HTML 1Page - Pericom Semiconductor Corporation PT8A351XBWE Datasheet HTML 2Page - Pericom Semiconductor Corporation PT8A351XBWE Datasheet HTML 3Page - Pericom Semiconductor Corporation PT8A351XBWE Datasheet HTML 4Page - Pericom Semiconductor Corporation PT8A351XBWE Datasheet HTML 5Page - Pericom Semiconductor Corporation PT8A351XBWE Datasheet HTML 6Page - Pericom Semiconductor Corporation PT8A351XBWE Datasheet HTML 7Page - Pericom Semiconductor Corporation PT8A351XBWE Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
||||||||||||||||
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
12-07-0006
PT0259-3
07/06/12
5
PT8A3514/15/16/17/18/19(A/B)
Smart Iron Controller
D2
Infrared LED
D3
Photo Diode
240VAC
Figure 7 Typical Application Circuit of PT8A351x 240V 50Hz
D1
1N4007
R2
15K
R5
100K
Q1
2N5551
Q2
2N5551
LED
C1
10uF/100V
C2
22uF/16V
R4*
8.2K
C3
104
D2
1N4148
R7
1M
C4
103
R3*
1.8K
BUZ
20mm
R1
12K
R6
51K
DISC/BUZ
1
RELAY
2
LED
3
GND
4
TEST
5
SW
6
ACCLK
7
VCC
8
IC1
PT8A351x
R8
51K
J1
RELAY
O UT
240VAC
D2
Infrared LED
D3
Photo Diode
O UT
Figure 8 Typical Application Circuit of PT8A351x 120V 60Hz
D1
1N4007
R1
6.8K
R4
100K
Q1
2N5551
Q2
2N5551
LED
C1
10uF/100V
C2
22uF/16V
R3*
8.2K
C3
104
D2
1N4148
R6
510K
C4
103
R2*
1.8K
BUZ
20mm
VCC
R5
51K
DISC/BUZ
1
RELAY
2
LED
3
GND
4
TEST
5
SW
6
ACCLK
7
VCC
8
IC1
PT8A351x
R8
51K
J1
RELAY
120VAC
120VAC
Figure 3 Typical Application Circuit of PT8A351XA 240V
Figure 4 Typical Application Circuit of PT8A351XB 120V


Similar Part No. - PT8A351XBWE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT8A3230 PERICOM-PT8A3230 Datasheet
337Kb / 7P
   Heating Controller
PT8A3231 PERICOM-PT8A3231 Datasheet
337Kb / 7P
   Heating Controller
PT8A3232 PERICOM-PT8A3232 Datasheet
337Kb / 7P
   Heating Controller
PT8A3233 PERICOM-PT8A3233 Datasheet
337Kb / 7P
   Heating Controller
PT8A3234 PERICOM-PT8A3234 Datasheet
337Kb / 7P
   Heating Controller
More results

Similar Description - PT8A351XBWE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE8386EL INFINEON-TLE8386EL Datasheet
1Mb / 26P
   Smart Boost Controller
Rev. 1.0, 2009-11-30
logo
STMicroelectronics
L6668 STMICROELECTRONICS-L6668_06 Datasheet
717Kb / 23P
   SMART PRIMARY CONTROLLER
L6668 STMICROELECTRONICS-L6668 Datasheet
671Kb / 23P
   SMART PRIMARY CONTROLLER
logo
Linear Technology
LTC4100 LINER-LTC4100 Datasheet
251Kb / 24P
   Smart Battery Charger Controller
logo
Zilog, Inc.
Z80181 ZILOG-Z80181 Datasheet
540Kb / 74P
   SMART ACCESS CONTROLLER (SAC??
logo
List of Unclassifed Man...
OZ968 ETC-OZ968 Datasheet
47Kb / 6P
   SMBus Smart Inverter Controller
logo
Infineon Technologies A...
TLE8386-2EL INFINEON-TLE8386-2EL Datasheet
1Mb / 32P
   Basic Smart Boost Controller
ev. 1.0, 2010-10-25
logo
uPI Group Inc.
UP7501 UPI-UP7501 Datasheet
286Kb / 10P
   Smart 5V Dual Controller
logo
Linear Technology
LTC4100 LINER-LTC4100_09 Datasheet
252Kb / 30P
   Smart Battery Charger Controller
LTC4101 LINER-LTC4101_15 Datasheet
260Kb / 30P
   Smart Battery Charger Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com