Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R2N Datasheet(PDF) 1 Page - ZETTLER Electronics

Part # R2N
Description  Relays of general application
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

R2N Datasheet(HTML) 1 Page - ZETTLER Electronics

  R2N Datasheet HTML 1Page - ZETTLER Electronics R2N Datasheet HTML 2Page - ZETTLER Electronics R2N Datasheet HTML 3Page - ZETTLER Electronics R2N Datasheet HTML 4Page - ZETTLER Electronics R2N Datasheet HTML 5Page - ZETTLER Electronics R2N Datasheet HTML 6Page - ZETTLER Electronics R2N Datasheet HTML 7Page - ZETTLER Electronics R2N Datasheet HTML 8Page - ZETTLER Electronics R2N Datasheet HTML 9Page - ZETTLER Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.relpol.com.pl
Export Sales Department phone +48 68 47 90 832, 951 e-mail: export@relpol.com.pl
1
R2N
miniature industrial relays
2 CO
AgNi, AgNi/Au 0,2 µm
250 V / 440 V
10 V
12 A / 250 V AC
3 A / 120 V
1,5 A / 240 V (B300)
370 W (single-phase motor)
12 A / 24 V DC (see Fig. 3)
0,22 A / 120 V 0,1 A / 250 V (R300)
5 mA
24 A
12 A
3 000 VA
0,3 W
100 m
1 200 cycles/hour
12 000 cycles/hour
6 ... 240 V
5 ... 220 V
AC:
0,2 Un
DC:
0,1 Un
see Tables 1, 2
1,6 VA
0,9 W
250 V AC
4 000 V 1,2 / 50 µs
III
3
2 500 V AC
type of insulation: basic
1 500 V AC
type of clearance: micro-disconnection
2 500 V AC
type of insulation: basic
2,5 mm
4 mm
AC:
10 ms / 8 ms
DC:
13 ms / 3 ms
> 105
12 A, 250 V AC
see Fig. 2
> 2 x 107
27,5 x 21,2 x 35,6 mm
35 g
-40...+85 oC
AC:
-40...+55 oC
DC:
-40...+70 oC
IP 40
PN-EN 60529
RTI
PN-EN 116000-3
10 g / 5 g
5 g 10...150 Hz
Contact data
Number and type of contacts
Contact material
Rated / max. switching voltage
AC
Min. switching voltage
Rated load (capacity)
AC1
AC15
AC3
DC1
DC13
Min. switching current
Max. inrush current
Rated current
Max. breaking capacity
AC1
Min. breaking capacity
Contact resistance
Max. operating frequency
• at rated load
AC1
• no load
Coil data
Rated voltage
50/60 Hz
AC
DC
Must release voltage
Operating range of supply voltage
Rated power consumption
AC
DC
Insulation according to PN-EN 60664-1
Insulation rated voltage
Rated surge voltage
Overvoltage category
Insulation pollution degree
Dielectric strength
• between coil and contacts
• contact clearance
• pole - pole
Contact - coil distance
• clearance
• creepage
General data
Operating / release time (typical values)
Electrical life
• resistive AC1
• cos
Mechanical life (cycles)
Dimensions (L x W x H)
Weight
Ambient temperature
• storage
• operating
Cover protection category
Environmental protection
Shock resistance
(NO/NC)
Vibration resistance
• Relays of general application • For plug-in sockets: 35 mm rail mount
acc. to PN-EN 60715; on panel mounting; PCB mounting • Miniature
dimensions • Cadmium - free contacts • AC and DC coils
• WT (mechanical indicator + lockable front test button) - standard
features of relays. Relays may be provided with the test buttons (no
latching) and plugs - page 12
• Recognitions, certifications, directives: RoHS,
The data in bold type pertain to the standard versions of the relays.
12 A / 250 V AC


Similar Description - R2N

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
R4N ZETTLER-R4N Datasheet
5Mb / 12P
   Relays of general application
RY2 ZETTLER-RY2 Datasheet
501Kb / 5P
   Relays of general application
R3N ZETTLER-R3N Datasheet
3Mb / 10P
   Relays of general application
RUC ZETTLER-RUC Datasheet
699Kb / 6P
   Power relays of general application
logo
Tyco Electronics
3-1393240-9 MACOM-3-1393240-9 Datasheet
582Kb / 4P
   General Purpose Relays PCB Relays
R10-E1Y4-V700 MACOM-R10-E1Y4-V700 Datasheet
762Kb / 6P
   General Purpose Relays Industrial Relays
3-1393224-5 MACOM-3-1393224-5 Datasheet
399Kb / 4P
   General Purpose Relays PCB Relays
2-1393115-1 MACOM-2-1393115-1 Datasheet
617Kb / 3P
   General Purpose Relays Industrial Relays
2-1393115-6 MACOM-2-1393115-6 Datasheet
599Kb / 3P
   General Purpose Relays Industrial Relays
2-1393117-3 MACOM-2-1393117-3 Datasheet
1Mb / 5P
   General Purpose Relays Industrial Relays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com