Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB5200 Datasheet(PDF) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # SB5200
Description  5.0Amp Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

SB5200 Datasheet(HTML) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  SB5200 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD SB5200 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ratings And Characteristic Curves
SB520 THRU SB5200
REVERSE VOLTAGE,VOLTS
t,PULSE DURATION,sec.
FIG. 5-TYPICAL JUNCTION CAPACITANCE
FIG. 6-TYPICAL TRANSIENT THERMAL IMPEDANCE
FIG. 3-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
NUMBER OF CYCLES AT 60 Hz
FIG. 2-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
FIG. 1- FORWARD CURRENT DERATING CURVE
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
PERCENT OF PEAK REVERSE VOLTAGE,%
FIG. 4-TYPICAL REVERSE CHARACTERISTICS
AMBIENT TEMPERATURE, °C
0
30
60
90
120
150
100
10
1.0
0.1
0.01
0.001
TJ=100 C
TJ=25 C
150
125
100
75
50
25
1
10
100
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
0.1
1.0
10
100
TJ=25 C
10
100
1000
2000
SB550-SB5200
SB520-SB540
0.01
0.1
1
10
100
100
10
1
0.1
5
4
3
2
1
0
0
25
50
75
100
125
150
175
Single Phase
Half Wave 60Hz
Resistive or
inductive Load
SB570-SB5200
SB520-SB560
0.2
0.4
0.6
0.8
1.0
1.1
0.01
0.1
1
20
10
TJ=25 C
PULSE WIDTH=300
μs
1%DUTY CYCLE
SB550-SB560
SB520-SB540
SB570-SB5150
SB5200


Similar Part No. - SB5200

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
SB5200 CTC-SB5200 Datasheet
80Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Unisonic Technologies
SB5200 UTC-SB5200 Datasheet
142Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
logo
Zibo Seno Electronic En...
SB5200 ZSELEC-SB5200 Datasheet
125Kb / 2P
   5.0A SCHOTTKY BARRIER DIODE
logo
Compact Technology Corp...
SB5200 CTC-SB5200 Datasheet
81Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Diotech Company.
SB5200 DIOTECH-SB5200 Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SB5200

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SDR5100SF SECOS-SDR5100SF_15 Datasheet
383Kb / 2P
   5.0AMP Schottky Barrier Rectifiers
SM560A SECOS-SM560A Datasheet
339Kb / 2P
   5.0Amp Schottky Barrier Rectifiers
SP0560S SECOS-SP0560S Datasheet
479Kb / 2P
   5.0AMP Schottky Barrier Rectifiers
SR5150S SECOS-SR5150S_15 Datasheet
125Kb / 2P
   5.0AMP Schottky Barrier Rectifiers
SM5100B SECOS-SM5100B Datasheet
561Kb / 2P
   5.0Amp Schottky Barrier Rectifiers
SDR5200S SECOS-SDR5200S Datasheet
715Kb / 2P
   5.0AMP Schottky Barrier Rectifiers
SM540A SECOS-SM540A Datasheet
236Kb / 2P
   5.0Amp Schottky Barrier Rectifiers
logo
Cystech Electonics Corp...
SB5150 CYSTEKEC-SB5150 Datasheet
519Kb / 3P
   5.0Amp Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SR520 SECOS-SR520 Datasheet
215Kb / 2P
   5.0AMP Schottky Barrier Rectifiers
SDR5200SF SECOS-SDR5200SF_15 Datasheet
701Kb / 2P
   5.0AMP Schottky Barrier Rectifiers
SP05100S SECOS-SP05100S Datasheet
803Kb / 2P
   5.0AMP Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com