Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB3200 Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # SB3200
Description  3.0Amp Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

SB3200 Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  SB3200 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD SB3200 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Single phase half-wave 60Hz,resistive or inductive load,
Ratings at 25 C ambient temperature unless otherwise specified.
Case
Terminals
Polarity
Mounting Position: Any
Weight : 0.04 ounce, 1.10 grams
for capacitive load current derate by 20%.
Features
Mechanical Data
Maximum Ratings And Electrical Characteristics
SB320~SB3200
3.0Amp Schottky Barrier Rectifiers
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
Low reverse leakage
High forward surge current capability
High temperature soldering guaranteed:
: JEDEC DO-27 molded plastic body
: Color band denotes cathode end
Metal silicon junction,majority carrier conduction
250°C/10 seconds,0.375"(9.5mm) lead length,
5 lbs. (2.3kg) tension
Note:1.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2.Thermal resistance from junction to ambient at 0.375
”(9.5mm)lead length,P.C.B. mounted
: Plated axial leads, solderable per MIL-STD-750, Method 2026
DO-27
0.220 (5.6)
0.197(5.0)
DIA.
0.052 (1.3)
0.035(0.9)
DIA.
0.375(9.5)
0.285(7.2)
Dimensions in inches and (millimeters)
1.0 (25.4)
MIN.
1.0 (25.4)
MIN.
SB
320
SB
330
SB
350
SB
340
SB
360
SB
380
SB
370
SB
390
SB
3100
20
14
20
30
21
30
40
28
40
50
35
50
60
42
60
80
56
80
VOLTS
VOLTS
VOLTS
SYMBOLS
UNITS
Amps
Amps
Volts
VRRM
VRMS
VDC
I(AV)
IFSM
VF
3.0
80.0
0.70
Operating junction temperature range
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
0.375
”(9.5mm) lead length(see fig.1)
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 3.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=100 C
Typical junction capacitance (NOTE 1)
IR
0.5
RθJA
CJ
TJ,
TSTG
40.0
250
pF
C
mA
Typical thermal resistance (NOTE 2)
C/W
100
70
100
70
49
70
90
63
90
Storage temperature range
C
-65 to +150
-65 to +125
-65 to +150
20.0
10.0
0.55
0.85
160
SB
3200
200
140
200
SB
3150
150
105
150
0.95
0.2
2.0


Similar Part No. - SB3200

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
SB3200 CTC-SB3200 Datasheet
73Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Nanjing International G...
SB3200 DGNJDZ-SB3200 Datasheet
248Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
SB3200 YFWDIODE-SB3200 Datasheet
434Kb / 3P
   Schottky Barrier Rectifiers
logo
Sirectifier Global Corp...
SB3200 SIRECT-SB3200 Datasheet
210Kb / 2P
   Power Schottky Rectifier - 3Amp 150~200Volt
logo
Chongqing Pingwei Enter...
SB3200 CHONGQING-SB3200 Datasheet
179Kb / 1P
   3.0AMPS. SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SB3200

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SR320 PACELEADER-SR320 Datasheet
566Kb / 2P
   3.0AMP SCHOTTKY BARRIER RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
SR320-DO27 YFWDIODE-SR320-DO27 Datasheet
267Kb / 2P
   3.0Amp Schottky Barrier Rectifiers
logo
Cystech Electonics Corp...
SB320 CYSTEKEC-SB320 Datasheet
248Kb / 3P
   3.0Amp Schottky Barrier Rectifiers
logo
DONGGUAN YOU FENG WEI E...
SR320 YFWDIODE-SR320 Datasheet
73Kb / 2P
   3.0Amp Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SR320 SECOS-SR320 Datasheet
130Kb / 2P
   3.0AMP Schottky Barrier Rectifiers
1N5820 SECOS-1N5820_15 Datasheet
154Kb / 2P
   3.0AMP Schottky Barrier Rectifiers
logo
Jinan Gude Electronic D...
1N5820 JGD-1N5820 Datasheet
142Kb / 2P
   3.0AMP. SCHOTTKY BARRIER RECTIFIERS
logo
Cystech Electonics Corp...
SB3150 CYSTEKEC-SB3150 Datasheet
230Kb / 6P
   3.0Amp Schottky Barrier Rectifiers
logo
DONGGUAN YOU FENG WEI E...
SB320-DO-27 YFWDIODE-SB320-DO-27 Datasheet
297Kb / 2P
   3.0Amp Schottky Barrier Rectifiers
SR320-DO-27 YFWDIODE-SR320-DO-27 Datasheet
296Kb / 2P
   3.0Amp Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com