Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT8A3235 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PT8A3235
Description  Heating Controller
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT8A3235 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PT8A3235 Datasheet HTML 1Page - Pericom Semiconductor Corporation PT8A3235 Datasheet HTML 2Page - Pericom Semiconductor Corporation PT8A3235 Datasheet HTML 3Page - Pericom Semiconductor Corporation PT8A3235 Datasheet HTML 4Page - Pericom Semiconductor Corporation PT8A3235 Datasheet HTML 5Page - Pericom Semiconductor Corporation PT8A3235 Datasheet HTML 6Page - Pericom Semiconductor Corporation PT8A3235 Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
12-07-0006
PT0211-6
07/06/2012
3
PT8A3230/1/2/3/4/5/6/7
Heating Controller
Block Diagram
Function Description
State description
Reset: The device will be at reset state after power-on.
Heating-on: The device will be at heating-on state after heating-on button is pressed.
Heating-off: This device enters heating-off state after its power-on reset or heating timer timeout or heating-off button pressed.
Timer
Once the device enters Heating-on state, internal timer start counting. It reaches timeout state and exit heating-on state after
216000 clock period, that is, the heating time is about 1 hour for 60Hz CLK signal, and 1.2 hour for 50Hz.
Control signal output
When working in Heating-on state, GATE/LED output will be related to NTC input and CLK input amplitude.
Effect of NTC and CLK input voltage on GATE and LED indication
Working
state
Power line
voltage
NTC
(NTC open
detection)
NTC
(normal temp
detection)
GATE
(Trigger of
SCR)
LED (Pin 5)
PT8A3230/2/4/6
PT8A3231/3/
5/7
VNTC up
VNTC down
ON
240V
NTC<10M(O
hm)
0 ~ VNTC0
25%
Flash1*
Flash1
On
V NTC0 ~ V NTC1
12.5%
Flash1
Flash1
On
V NTC1 ~ V NTC2
On
V NTC2 ~ VDD
0
On
On
On
120V
0 ~ VNTC0
100%
Flash1
Flash1
On
V NTC0 ~ V NTC1
50%
Flash1
Flash1
On
V NTC1 ~ V NTC2
On
V NTC2 ~ VDD
0
On
On
On
OFF
X*
X
0
Off
Off
Off
X
X
NTC>20M(O
hm)
X
0
Flash2*
Off
Off
*Note:1)X means any input.
2)Flash1 frequency if 1/32 CLK.
3)Flash2 frequency is 1/8 CLK.
4)LED2(Pin 7)is always in reverse with LED1.
2bit ADC
Controller
NTC2
NTC1
CLK
GATE
OFF(LED)
ON (ON/OFF)


Similar Part No. - PT8A3235

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT8A3240 PERICOM-PT8A3240 Datasheet
310Kb / 7P
   Heating Controller
PT8A3241 PERICOM-PT8A3241 Datasheet
310Kb / 7P
   Heating Controller
PT8A3242 PERICOM-PT8A3242 Datasheet
310Kb / 7P
   Heating Controller
PT8A3243 PERICOM-PT8A3243 Datasheet
310Kb / 7P
   Heating Controller
PT8A3244 PERICOM-PT8A3244 Datasheet
310Kb / 7P
   Heating Controller
More results

Similar Description - PT8A3235

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT8A3280 PERICOM-PT8A3280 Datasheet
239Kb / 8P
   Heating Controller
PT8A3290 PERICOM-PT8A3290 Datasheet
250Kb / 8P
   Heating Controller
PT8A3240 PERICOM-PT8A3240 Datasheet
310Kb / 7P
   Heating Controller
PT8A3270 PERICOM-PT8A3270 Datasheet
239Kb / 8P
   Heating Controller
PT8A3251 PERICOM-PT8A3251 Datasheet
218Kb / 8P
   Ceramic Heating Controller
PT8A3361 PERICOM-PT8A3361 Datasheet
522Kb / 16P
   NTCLCD Heating Controller
PT8A3252 PERICOM-PT8A3252 Datasheet
203Kb / 7P
   5LED Ceramic Heating Controller
PT8A3263-66A-F PERICOM-PT8A3263-66A-F Datasheet
541Kb / 15P
   NTC Heating Controller with Multi LEDs
logo
List of Unclassifed Man...
ST699 ETC1-ST699 Datasheet
275Kb / 2P
   HEATING CONTROLS
logo
Renesas Technology Corp
RJH65T14DPQ-A0 RENESAS-RJH65T14DPQ-A0 Datasheet
315Kb / 10P
   Induction Heating
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com