Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT8A323XWE Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PT8A323XWE
Description  Heating Controller
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT8A323XWE Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

  PT8A323XWE Datasheet HTML 1Page - Pericom Semiconductor Corporation PT8A323XWE Datasheet HTML 2Page - Pericom Semiconductor Corporation PT8A323XWE Datasheet HTML 3Page - Pericom Semiconductor Corporation PT8A323XWE Datasheet HTML 4Page - Pericom Semiconductor Corporation PT8A323XWE Datasheet HTML 5Page - Pericom Semiconductor Corporation PT8A323XWE Datasheet HTML 6Page - Pericom Semiconductor Corporation PT8A323XWE Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
12-07-0006
PT0211-6
07/06/2012
7
PT8A3230/1/2/3/4/5/6/7
Heating Controller
Ordering Information
Part No.
Package Code
Package
PT8A323xPE
P
Lead free DIP-8
PT8A323xWE
W
Lead free and Green SOIC-8
Note:
x=0/1/2/3/4/5/6/7 show different part no with different function, details see below table.
E = Pb-free or Pb-free & Green
Adding X Suffix= Tape/Reel
Part No Option
Part No.
LED@ Heating on
Timer of Auto power off
(1h@60Hz)
Control Keys
PT8A3230
Flash
Y
Two Keys
PT8A3231
Constant
Y
Two Keys
PT8A3232
Flash
N
Two Keys
PT8A3233
Constant
N
Two Keys
PT8A3234
Flash
Y
Single Key
PT8A3235
Constant
Y
Single Key
PT8A3236
Flash
N
Single Key
PT8A3237
Constant
N
Single Key
Pericom Semiconductor Corporation  1-800-435-2336  www.pericom.com
Pericom Technology Incorporation reserves the right to make changes to its products or specifications at any time, without notice, in order to improve design or
performance and to supply the best possible product. Pericom Technology does not assume any responsibility for use of any circuitry described other than the
circuitry embodied in Pericom Technology product. The company makes no representations that circuitry described herein is free from patent infringement or
other rights, of Pericom.


Similar Part No. - PT8A323XWE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT8A3240 PERICOM-PT8A3240 Datasheet
310Kb / 7P
   Heating Controller
PT8A3241 PERICOM-PT8A3241 Datasheet
310Kb / 7P
   Heating Controller
PT8A3242 PERICOM-PT8A3242 Datasheet
310Kb / 7P
   Heating Controller
PT8A3243 PERICOM-PT8A3243 Datasheet
310Kb / 7P
   Heating Controller
PT8A3244 PERICOM-PT8A3244 Datasheet
310Kb / 7P
   Heating Controller
More results

Similar Description - PT8A323XWE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT8A3280 PERICOM-PT8A3280 Datasheet
239Kb / 8P
   Heating Controller
PT8A3290 PERICOM-PT8A3290 Datasheet
250Kb / 8P
   Heating Controller
PT8A3240 PERICOM-PT8A3240 Datasheet
310Kb / 7P
   Heating Controller
PT8A3270 PERICOM-PT8A3270 Datasheet
239Kb / 8P
   Heating Controller
PT8A3251 PERICOM-PT8A3251 Datasheet
218Kb / 8P
   Ceramic Heating Controller
PT8A3361 PERICOM-PT8A3361 Datasheet
522Kb / 16P
   NTCLCD Heating Controller
PT8A3252 PERICOM-PT8A3252 Datasheet
203Kb / 7P
   5LED Ceramic Heating Controller
PT8A3263-66A-F PERICOM-PT8A3263-66A-F Datasheet
541Kb / 15P
   NTC Heating Controller with Multi LEDs
logo
List of Unclassifed Man...
ST699 ETC1-ST699 Datasheet
275Kb / 2P
   HEATING CONTROLS
logo
Renesas Technology Corp
RJH65T14DPQ-A0 RENESAS-RJH65T14DPQ-A0 Datasheet
315Kb / 10P
   Induction Heating
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com