Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT8A2766H Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PT8A2766H
Description  DC Motor Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT8A2766H Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PT8A2766H Datasheet HTML 1Page - Pericom Semiconductor Corporation PT8A2766H Datasheet HTML 2Page - Pericom Semiconductor Corporation PT8A2766H Datasheet HTML 3Page - Pericom Semiconductor Corporation PT8A2766H Datasheet HTML 4Page - Pericom Semiconductor Corporation PT8A2766H Datasheet HTML 5Page - Pericom Semiconductor Corporation PT8A2766H Datasheet HTML 6Page - Pericom Semiconductor Corporation PT8A2766H Datasheet HTML 7Page - Pericom Semiconductor Corporation PT8A2766H Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
12-07-0006
PT0376-2
07/06/12
5
PT8A2766x
DC Motor Controller
Application Circuit
PT8A2766A/B/C/D/E/F/G/H
R1
20K/1W
R2
300K
D1
1N4007
C1
10n400v
B
1
Q1
2N5551
C2
10n
3
2
1
T1
1 : 6.57
D2
1N4148
R3
5.6K
C3
0.1u
A
-
+
MOTOR
K1
C5
0.1u
C4
0.1u
D3
1N4148
R4 2.2K
R5
2.2K
ACL
ACN
GND
R6
5.6K
LED1
D4
1N4148
R10
10K
C6
0.1u
R9
0.1
R8
0.1
R7
NC
OUT
1
ENB
2
LED1
3
LED2
4
VCC
5
OCP
6
ON/OFF
7
GND
8
U1
PT8A2766x
LED2
LED3
BT
2.4V
R11
NC
PT8A2766I/J
R1
20K/1W
R2
300K
D1
1N4007
C1
10n400V
B
1
Q1
2N5551
C2
10n
3
2
1
T1
1 : 6.57
D2
1N4148
R3
5.6K
BT
2.4V
C3
0.1u
A
-
+
MOTOR
K1
C5
0.1u
C4
0.1u
D3
1N4148
ACL
ACN
GND
R6
5.6K
LED1
D4
1N4148
R7
NC
OUT
3
ENB
1
VCC
5
ON/OFF
2
GND
4
U1
PT8A2766x
R8
NC


Similar Part No. - PT8A2766H

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT8A2767A PERICOM-PT8A2767A Datasheet
203Kb / 8P
   DC Motor Controller
PT8A2767B PERICOM-PT8A2767B Datasheet
203Kb / 8P
   DC Motor Controller
PT8A2767C PERICOM-PT8A2767C Datasheet
203Kb / 8P
   DC Motor Controller
PT8A2767D PERICOM-PT8A2767D Datasheet
203Kb / 8P
   DC Motor Controller
PT8A2767E PERICOM-PT8A2767E Datasheet
203Kb / 8P
   DC Motor Controller
More results

Similar Description - PT8A2766H

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT8A2767A PERICOM-PT8A2767A Datasheet
203Kb / 8P
   DC Motor Controller
logo
Melexis Microelectronic...
MLX81100 MELEXIS-MLX81100_14 Datasheet
393Kb / 19P
   DC-Motor Controller
logo
ON Semiconductor
MC33033 ONSEMI-MC33033_07 Datasheet
413Kb / 27P
   Brushless DC Motor Controller
January, 2007 ??Rev. 9
MC33033 ONSEMI-MC33033 Datasheet
530Kb / 24P
   BRUSHLESS DC MOTOR CONTROLLER
1996 REV 3
logo
Samsung semiconductor
KA2404 SAMSUNG-KA2404 Datasheet
148Kb / 6P
   DC MOTOR SPEED CONTROLLER
logo
LSI Computer Systems
LS7560 LSI-LS7560 Datasheet
97Kb / 8P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UCC2626DW TI1-UCC2626DW Datasheet
685Kb / 23P
[Old version datasheet]   BRUSHLESS DC MOTOR CONTROLLER
logo
Sensitron
UC1625L SENSITRON-UC1625L Datasheet
62Kb / 4P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UCC2626 TI-UCC2626 Datasheet
209Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
logo
Fairchild Semiconductor
FAN8902 FAIRCHILD-FAN8902 Datasheet
127Kb / 14P
   DC FAN Motor Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com