Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT8A2707SE Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PT8A2707SE
Description  Charger Controller with Fuel-Guage & LCD/LED Display
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT8A2707SE Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PT8A2707SE Datasheet HTML 1Page - Pericom Semiconductor Corporation PT8A2707SE Datasheet HTML 2Page - Pericom Semiconductor Corporation PT8A2707SE Datasheet HTML 3Page - Pericom Semiconductor Corporation PT8A2707SE Datasheet HTML 4Page - Pericom Semiconductor Corporation PT8A2707SE Datasheet HTML 5Page - Pericom Semiconductor Corporation PT8A2707SE Datasheet HTML 6Page - Pericom Semiconductor Corporation PT8A2707SE Datasheet HTML 7Page - Pericom Semiconductor Corporation PT8A2707SE Datasheet HTML 8Page - Pericom Semiconductor Corporation PT8A2707SE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
12-07-0005
PT0268-1
07/05/12
2
PT8A2707-12/17-19
Charger Controller
with Fuel-Guage & LCD/LED Display
Description
The PT8A2707-12/2717-19 integrates charger controller and fuel-gauge into a single-chip. It detects full-charge
through -V, dT/dt, safety-timer and maximum battery voltage, and learns the battery capacity from each
charging/discharging cycle. Since PT8A2707-12/2717-19 measures charge/discharge current to account for the battery
capacity in/out respectively, the battery capacity can be accurately recorded and displayed in 6-level
(10%/20%/40%/60%/80%/100%) LED or LCD pattern. The continuous-learning capability enables the devices to take
care of battery aging effect so that the capacity level is always accurately displayed throughout the life-span of the
battery pack. In the charging control, a DC/DC controller is regulated to regulate constant currents for pre-charge, fast-
charge and trickle-charge conditions. The charging current is determined by the value of a current-sense resistor such
that it is tunable upon different applications requirements. When motor is turned on during charging, the charge
current to battery pack is regulated at 1/10 of the fast-charge current so that motor can draw current from the adapter
while battery is charged in a safe and under-controlled condition. The PT8A2707-12/2717-19 employs NTC as the
means to measure the battery pack temperature. When a high temperature is measured during charging, the charging
current will be cut off. The devices also detect NTC short/open at which all activities will be disabled if any one of
these conditions is observed.
Function comparison table
Family
members
TACT
Switch
(ON/OFF)
SLIDE
Switch
(ON/OFF)
DSTACT Switch
(ON(70%)/100%
/OFF)
LCD
LED
Motor
Speed (70%
PWM)
LCD/LED
display in
idle mode
PT8A2707
PT8A2708
PT8A2709
PT8A2710
PT8A2711
PT8A2712
PT8A2717
PT8A2718
PT8A2719


Similar Part No. - PT8A2707SE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT8A2766A PERICOM-PT8A2766A Datasheet
203Kb / 8P
   DC Motor Controller
PT8A2766B PERICOM-PT8A2766B Datasheet
203Kb / 8P
   DC Motor Controller
PT8A2766C PERICOM-PT8A2766C Datasheet
203Kb / 8P
   DC Motor Controller
PT8A2766D PERICOM-PT8A2766D Datasheet
203Kb / 8P
   DC Motor Controller
PT8A2766E PERICOM-PT8A2766E Datasheet
203Kb / 8P
   DC Motor Controller
More results

Similar Description - PT8A2707SE

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML87V3104 OKI-ML87V3104 Datasheet
444Kb / 69P
   LCD Display Controller with Embedded Display Memory
logo
Maxim Integrated Produc...
DS2788 MAXIM-DS2788 Datasheet
338Kb / 30P
   Stand-Alone Fuel-Gauge IC with LED Display Drivers
Rev 0; 10/07
DS2788 MAXIM-DS2788_09 Datasheet
399Kb / 32P
   Stand-Alone Fuel-Gauge IC with LED Display Drivers
Rev 2; 5/09
logo
AverLogic Technologies ...
AL320 AVERLOGIC-AL320 Datasheet
60Kb / 4P
   Analog LCD Display Controller
logo
ON Semiconductor
LC75805PE ONSEMI-LC75805PE Datasheet
295Kb / 34P
   LCD Display Driver with LED Driver
December, 2013
logo
Texas Instruments
BQ27530-G1 TI1-BQ27530-G1 Datasheet
931Kb / 20P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge for Use With the bq2416x Charger Controller
logo
Sharp Corporation
LR38820 SHARP-LR38820 Datasheet
127Kb / 1P
   QVGA TFT-LCD controller with graphic display functions
logo
Texas Instruments
BQ27530-G1 TI1-BQ27530-G1_14 Datasheet
964Kb / 20P
[Old version datasheet]   Battery Management Unit Impedance Track??Fuel Gauge for Use With the bq2416x Charger Controller
logo
List of Unclassifed Man...
SSD1963 ETC2-SSD1963 Datasheet
963Kb / 93P
   1215KB Embedded Display SRAM LCD Display Controller
logo
Texas Instruments
BQ27531-G1 TI-BQ27531-G1 Datasheet
854Kb / 21P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge for Use With the bq2419x Charger Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com