Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT8A2719 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PT8A2719
Description  Charger Controller with Fuel-Guage & LCD/LED Display
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT8A2719 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PT8A2719 Datasheet HTML 1Page - Pericom Semiconductor Corporation PT8A2719 Datasheet HTML 2Page - Pericom Semiconductor Corporation PT8A2719 Datasheet HTML 3Page - Pericom Semiconductor Corporation PT8A2719 Datasheet HTML 4Page - Pericom Semiconductor Corporation PT8A2719 Datasheet HTML 5Page - Pericom Semiconductor Corporation PT8A2719 Datasheet HTML 6Page - Pericom Semiconductor Corporation PT8A2719 Datasheet HTML 7Page - Pericom Semiconductor Corporation PT8A2719 Datasheet HTML 8Page - Pericom Semiconductor Corporation PT8A2719 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
12-07-0005
PT0268-1
07/05/12
3
PT8A2707-12/17-19
Charger Controller
with Fuel-Guage & LCD/LED Display
Flow Chart
IDLE
PRE
CHARGE
MOTOR
FAST
CHARGE
FULL
CHARGE
STOP
CHARGE
> 55C
cord
on/off
motor
on/off
(2)(3)(4)
Full
Bat.
(6)
cord on/off
(7)
POWER UP
(1)
Notes:
1)
The system goes to idle when it is power-up. The system is waked up when cord is plugged, motor is turned on
or both.
2)
Motor is turned on/off by tact switch or slide switch.
3)
Motor will be turned off automatically when:
a)
the voltage of the battery pack is lower than 1.8V or (adjustable externally);
b)
the motor is drawing current more than the preset limit or (adjustable externally);
c)
the battery pack temperature is higher than 55C (adjustable externally)
4)
During charging when motor is turned on, the charging current is regulated at 1/10 of the fast-charging current.
When motor is turned off, the system will determine to go back to pre-charge/fast-charge/full-charge according
to the battery usage condition (more details could be obtained in the operation description).
5)
Enter fast-charging when
a)
battery temperature is less than 45C
b)
battery voltage is higher than 2V or after pre-charging for 3 minutes
6)
Enter full-charge state when one of the following full-charge criteria is reached:
a)
safety timer timeout (4 external selections)
b)
max. voltage 3.4V (adjustable externally)
c)
-∆V
d)
dT/dt (adjustable by component selections)
7)
If the battery pack is previously fully-charged without any usage or self-discharged enough, the charger goes
directly to maintenance (trickle charge) when cord is plugged again.
8)
Charger stops charging current when battery temperature is higher than 55C but resume for charging when
battery temperature falls below 45C
fast
chg
(5)
 45C
> 55C
> 55C (8)
(8)
(8)
motor
on/off
(2)(3)(4)
motor
on/off
(2)(3)
motor
on/off
(2)(3)(4)
motor
on/off
(2)(3)
 45C
cord
off
cord
off


Similar Part No. - PT8A2719

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT8A2766A PERICOM-PT8A2766A Datasheet
203Kb / 8P
   DC Motor Controller
PT8A2766B PERICOM-PT8A2766B Datasheet
203Kb / 8P
   DC Motor Controller
PT8A2766C PERICOM-PT8A2766C Datasheet
203Kb / 8P
   DC Motor Controller
PT8A2766D PERICOM-PT8A2766D Datasheet
203Kb / 8P
   DC Motor Controller
PT8A2766E PERICOM-PT8A2766E Datasheet
203Kb / 8P
   DC Motor Controller
More results

Similar Description - PT8A2719

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML87V3104 OKI-ML87V3104 Datasheet
444Kb / 69P
   LCD Display Controller with Embedded Display Memory
logo
Maxim Integrated Produc...
DS2788 MAXIM-DS2788 Datasheet
338Kb / 30P
   Stand-Alone Fuel-Gauge IC with LED Display Drivers
Rev 0; 10/07
DS2788 MAXIM-DS2788_09 Datasheet
399Kb / 32P
   Stand-Alone Fuel-Gauge IC with LED Display Drivers
Rev 2; 5/09
logo
AverLogic Technologies ...
AL320 AVERLOGIC-AL320 Datasheet
60Kb / 4P
   Analog LCD Display Controller
logo
ON Semiconductor
LC75805PE ONSEMI-LC75805PE Datasheet
295Kb / 34P
   LCD Display Driver with LED Driver
December, 2013
logo
Texas Instruments
BQ27530-G1 TI1-BQ27530-G1 Datasheet
931Kb / 20P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge for Use With the bq2416x Charger Controller
logo
Sharp Corporation
LR38820 SHARP-LR38820 Datasheet
127Kb / 1P
   QVGA TFT-LCD controller with graphic display functions
logo
Texas Instruments
BQ27530-G1 TI1-BQ27530-G1_14 Datasheet
964Kb / 20P
[Old version datasheet]   Battery Management Unit Impedance Track??Fuel Gauge for Use With the bq2416x Charger Controller
logo
List of Unclassifed Man...
SSD1963 ETC2-SSD1963 Datasheet
963Kb / 93P
   1215KB Embedded Display SRAM LCD Display Controller
logo
Texas Instruments
BQ27531-G1 TI-BQ27531-G1 Datasheet
854Kb / 21P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge for Use With the bq2419x Charger Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com