Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT8A2710 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PT8A2710
Description  Charger Controller with Fuel-Guage & LCD/LED Display
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT8A2710 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PT8A2710 Datasheet HTML 1Page - Pericom Semiconductor Corporation PT8A2710 Datasheet HTML 2Page - Pericom Semiconductor Corporation PT8A2710 Datasheet HTML 3Page - Pericom Semiconductor Corporation PT8A2710 Datasheet HTML 4Page - Pericom Semiconductor Corporation PT8A2710 Datasheet HTML 5Page - Pericom Semiconductor Corporation PT8A2710 Datasheet HTML 6Page - Pericom Semiconductor Corporation PT8A2710 Datasheet HTML 7Page - Pericom Semiconductor Corporation PT8A2710 Datasheet HTML 8Page - Pericom Semiconductor Corporation PT8A2710 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
Charger Controller with Fuel-Guage & LCD/LED Display
12-07-0005
PT0268-1
07/05/12
1
PT8A2707-12/17-19
Product Features
 2-3 cells, NiCd or NiMH battery fast-charger controller for battery-embedded devices
 Precise 7-bit fuel-gauge-counter measures charging and discharging current through battery pack. Make it possible
to accurately indicate battery capacity through LCD (PT8A2707-09/2717-19) or LEDs (PT8A2710-12).
Integrated with a DC/DC step-down controller make it possible for customers to manufacture just one
PCB module that can:
 Cover different product models that requires different charging current/speed by changing only one resistor;
 Work with different kinds of AC/DC adapters with wide input voltage ranges.
Motor also can work in both corded or cordless conditions. When motor is used in cord-mode, the
charging current to battery is regulated at a maximum value of 1/10 of the fast-charging current. The
battery is just like being slowly-charged and prevented from being exposed to a prolonged high-current
charging profile.
Provide excellent charge and discharge protections.
 Available with different parts to cover products employing slide switch (PT8A2707/10/17), tact switch
(PT8A2708/09/11/12/18/19) input to control motor ON/OFF. Two-step motor-speed control (70%, 100%) is also
available in PT8A2708/2711/2718.
 Very low standby current of typical 20A. Products could typically work in standby-mode for a few months,
depends on battery capacity.
Technology Highlights
 Employing 5 major charging states: cool-down / pre-charge / fast charge / trickle charge / stop charge, taking the
best care for different battery conditions, especially for aged or dry batteries
 Excellent battery protection and full-charge detection schemes
 Negative delta voltage detection (-ΔV) with precision of +/-1mV step
 Maximum battery voltage detection to turn to maintenance
 Rate of change of temperature detection (dT/dt) best for NiMH batteries full-charge termination (use with
NTC)
 Abnormal high battery temperature (55C) detection to stop charging (use with NTC)
 Flexible fast charge time-out setting (30mins/60mins/90mins/150mins)
 Fuel-gauge counter takes into account the battery self-discharge compensation based on time.
 Provide excellent battery over-discharge protection through auto-stop motor at once (<0.2s) when
 discharging current is higher than preset limit value for 3sec (3 limit values selectable externally)
 battery pack voltage is lower than No-Power value (adjustable externally)
 NTC measures battery pack temperature higher than preset high-temp value(adjustable externally)
 Key delay to reject multiple inputs at Tact switch (about 0.125s ignorance).
 Internal voltage regulator provides better rejection to interference.
 Integrated DC/DC step-down controller to regulate constant charging currents at different charging
 Available with 24-pin SOIC and SSOP lead-free package


Similar Part No. - PT8A2710

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT8A2766A PERICOM-PT8A2766A Datasheet
203Kb / 8P
   DC Motor Controller
PT8A2766B PERICOM-PT8A2766B Datasheet
203Kb / 8P
   DC Motor Controller
PT8A2766C PERICOM-PT8A2766C Datasheet
203Kb / 8P
   DC Motor Controller
PT8A2766D PERICOM-PT8A2766D Datasheet
203Kb / 8P
   DC Motor Controller
PT8A2766E PERICOM-PT8A2766E Datasheet
203Kb / 8P
   DC Motor Controller
More results

Similar Description - PT8A2710

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML87V3104 OKI-ML87V3104 Datasheet
444Kb / 69P
   LCD Display Controller with Embedded Display Memory
logo
Maxim Integrated Produc...
DS2788 MAXIM-DS2788 Datasheet
338Kb / 30P
   Stand-Alone Fuel-Gauge IC with LED Display Drivers
Rev 0; 10/07
DS2788 MAXIM-DS2788_09 Datasheet
399Kb / 32P
   Stand-Alone Fuel-Gauge IC with LED Display Drivers
Rev 2; 5/09
logo
AverLogic Technologies ...
AL320 AVERLOGIC-AL320 Datasheet
60Kb / 4P
   Analog LCD Display Controller
logo
ON Semiconductor
LC75805PE ONSEMI-LC75805PE Datasheet
295Kb / 34P
   LCD Display Driver with LED Driver
December, 2013
logo
Texas Instruments
BQ27530-G1 TI1-BQ27530-G1 Datasheet
931Kb / 20P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge for Use With the bq2416x Charger Controller
logo
Sharp Corporation
LR38820 SHARP-LR38820 Datasheet
127Kb / 1P
   QVGA TFT-LCD controller with graphic display functions
logo
Texas Instruments
BQ27530-G1 TI1-BQ27530-G1_14 Datasheet
964Kb / 20P
[Old version datasheet]   Battery Management Unit Impedance Track??Fuel Gauge for Use With the bq2416x Charger Controller
logo
List of Unclassifed Man...
SSD1963 ETC2-SSD1963 Datasheet
963Kb / 93P
   1215KB Embedded Display SRAM LCD Display Controller
logo
Texas Instruments
BQ27531-G1 TI-BQ27531-G1 Datasheet
854Kb / 21P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge for Use With the bq2419x Charger Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com