Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PI90LV048A Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part No. PI90LV048A
Description  3V LVDS Quad Flow-Through Differential Line Receivers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90LV048A Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI90LV048A_09 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI90LV048A_09 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI90LV048A_09 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI90LV048A_09 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI90LV048A_09 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI90LV048A_09 Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
PS8608B
10/28/09
ROUT1
ROUT2
VCC
GND
ROUT3
ROUT4
EN
EN
RIN1–
RIN1+
RIN2–
RIN3–
RIN3+
RIN4+
RIN4–
RIN2+
1
2
3
4
5
16
6
15
7
14
8
13
12
11
10
9
Block Diagram
Features
• 500 Mbps (250 MHz) switching rates
• Flow-through pinout simplifies PCB layout
• 150ps channel-to-channel skew (typical)
• 100ps differential skew (typical)
• 2.7ns maximum propagation delay
• 3.3V power supply design
• High impedance LVDS inputs on power down
• Low Power design (40mW, 3.3V static)
• Wide common-mode input voltage range: 0.2V to 2.7V
• Accepts small swing (350mV typical) differential signal levels
• Supports open, short and terminated input fail-safe
• Low-power state when in fail-safe
• Conforms to ANSI/TIA/EIA-644 Standard
• Industrial temperature operating range (–40°C to +85°C)
• Packaging (Pb-free & Green available):
-16-pinTSSOP(L)
Description
ThePI90LV048A/PI90LVT048Aquad flow-throughdifferentialline
receivers are designed for applications requiring ultra low-power
dissipation and high data rates. The device is designed to support
data rates in excess of 500 Mbps (250 MHz) using Low Voltage
Differential Signaling (LVDS) technology.
The devices accept low-voltage (350 mV typical) differential input
signals and translates them to 3V CMOS output levels. The receiver
supports a 3-state function, which may be used to multiplex outputs,
and also supports open, shorted and terminated (100-ohms) input fail-
safe. The receiver output will be HIGH for all fail-safe conditions.
PI90LVT048A features integrated parallel termination resistors
(nominally 110-ohms) that eliminate the requirement for four dis-
crete termination resistors and reduce stud length. PI90LV048A
inputs are high impedance and require an external termination
resistor when used in a point-to-point connection. The devices
have a flow-through pinout for easy PCB layout.
The EN and EN inputs are ANDed together and control the 3-state
outputs. The enables are common to all four receivers. The
PI90LV048A and companion LVDS line driver (eg. PI90LV047A)
provide a new alternative to high-power PECL/ECL devices for
high-speed point-to-point interface applications.
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI90LV048A/PI90LVT048A
3V LVDS Quad Flow-Through
Differential Line Receivers
s
e
l
b
a
n
Es
t
u
p
n
Is
t
u
p
t
u
O
N
EN
ER +
N
I
R
N
I
R T
U
O
Hn
e
p
O
r
o
L
V D
I
V
1
.
0H
V D
I
V
1
.
0
–L
d
e
t
a
n
i
m
r
e
t
r
o
T
R
O
H
S
/
N
E
P
O
e
f
a
s
-l
i
a
f
ll
u
FH
s
t
u
p
n
i
E
L
B
A
N
E
f
o
s
n
o
it
a
n
i
b
m
o
c
r
e
h
t
o
ll
AX
Z
TruthTable
PinConfiguration
RIN1+
EN
EN
ROUT1
ROUT2
ROUT3
ROUT4
RIN1–
RIN2+
RIN2–
RIN3+
RIN3–
RIN4+
RIN4–
R1
R2
R3
R4
100
4 Places
PI90LVT048A
Only
08-0295


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn