Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PI90LV048A Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part No. PI90LV048A
Description  3V LVDS Quad Flow-Through Differential Line Receivers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90LV048A Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI90LV048A_09 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI90LV048A_09 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI90LV048A_09 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI90LV048A_09 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI90LV048A_09 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI90LV048A_09 Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
PS8608B
10/28/09
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI90LV048A/PI90LVT048A
3V LVDS Quad Flow-Through
Differential Line Receivers
Parameter Measurement Information (continued)
Figure 4. Receiver 3-State Delay Waveforms
Data Input
Enable
RT 100
1/4 PI90LV047A
Data
Output
+
1/4 PI90LV048A
Figure 5. Point-to-Point Application
TypicalApplication
EN When EN = GND or OPEN
3V
0V
3V
0V
VOL
VOH
50%
50%
1.5V
1.5V
1.5V
1.5V
tPZL
0.5V
VCC
GND
tPLZ
tPZH
0.5V
tPHZ
EN When EN = VCC
Output When VID = –100mV
Output When VID = +100mV
08-0295


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn