Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI90LV028A Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

Part # PI90LV028A
Description  3V LVDS High-Speed Differential Line Receivers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90LV028A Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

  PI90LV028A Datasheet HTML 1Page - Pericom Semiconductor Corporation PI90LV028A Datasheet HTML 2Page - Pericom Semiconductor Corporation PI90LV028A Datasheet HTML 3Page - Pericom Semiconductor Corporation PI90LV028A Datasheet HTML 4Page - Pericom Semiconductor Corporation PI90LV028A Datasheet HTML 5Page - Pericom Semiconductor Corporation PI90LV028A Datasheet HTML 6Page - Pericom Semiconductor Corporation PI90LV028A Datasheet HTML 7Page - Pericom Semiconductor Corporation PI90LV028A Datasheet HTML 8Page - Pericom Semiconductor Corporation PI90LV028A Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
PS8423D
11/11/08
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI90LV032A/PI90LV028A/PI90LV018A
3V LVDS High-Speed Differential Line Receivers
Packaging Mechanical: 16-Pin TSSOP (4.4mm wide) - L
DESCRIPTION: 16-Pin, 173-Mil Wide, TSSOP
PACKAGE CODE: L
DOCUMENT CONTROL NO.
PD - 1310
REVISION: E
DATE: 03/09/05
Note:
1. Package Outline Exclusive of Mold Flash and Metal Burr
2. Controlling dimentions in millimeters
3. Ref: JEDEC MO-153F/AB
Pericom Semiconductor Corporation
3545 N. 1st Street, San Jose, CA 95134
1-800-435-2335 • www.pericom.com
.193
.201
.047
max.
.002
.006
SEATING
PLANE
.0256
BSC
.018
.030
.004
.008
.252
BSC
1
16
.169
.177
0.05
0.15
6.4
0.45
0.75
0.09
0.20
4.3
4.5
1.20
4.9
5.1
0.65
0.19
0.30
.007
.012
08-0295


Similar Part No. - PI90LV028A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LV028A PERICOM-PI90LV028A Datasheet
326Kb / 10P
   3V LVDS High-Speed Differential Line Drivers
More results

Similar Description - PI90LV028A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LV3486 PERICOM-PI90LV3486 Datasheet
265Kb / 9P
   LVDS High-Speed Differential Line Receivers
PI90LV9637 PERICOM-PI90LV9637_08 Datasheet
647Kb / 8P
   LVDS High-Speed Differential Line Receivers
PI90LV031A PERICOM-PI90LV031A Datasheet
326Kb / 10P
   3V LVDS High-Speed Differential Line Drivers
PI90LV031ALEX PERICOM-PI90LV031ALEX Datasheet
566Kb / 11P
   3V LVDS High-Speed Differential Line Drivers
PI90LV048A PERICOM-PI90LV048A_09 Datasheet
335Kb / 6P
   3V LVDS Quad Flow-Through Differential Line Receivers
PI90LV048A PERICOM-PI90LV048A Datasheet
154Kb / 7P
   3V LVDS Quad Flow-Through Differential Line Receivers
PI90LV179 PERICOM-PI90LV179 Datasheet
242Kb / 14P
   3.3V LVDS High-Speed Differential Line Drivers and Receivers
logo
Texas Instruments
SN75LVDS32 TI-SN75LVDS32 Datasheet
215Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32B STMICROELECTRONICS-STLVDS32B Datasheet
696Kb / 17P
   High speed differential line receivers
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386_08 Datasheet
437Kb / 8P
   High-Speed Differential Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com