Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI90LV02 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI90LV02
Description  SOTiny LVDS High-Speed Differential Line Receiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90LV02 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI90LV02_09 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI90LV02_09 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI90LV02_09 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI90LV02_09 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI90LV02_09 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI90LV02_09 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI90LV02_09 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI90LV02_09 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI90LV02_09 Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
PS8659C
10/30/09
Features
• Meets or Exceeds the Requirements of ANSI
TIA/EIA-644-1995Standard
• Signaling rates up to 400 Mbps
• InterfacestoLVDS,LVPECL
• Bus-TerminalESDexceeds10kV
• Differential Input Voltage Threshold less than 100mV
• Typical Propagation Delay Times of 2.6ns
• Typical Power Dissipation of 40mW @200 MHz
• Low Voltage TTL (LVTTL) Level is 5V Tolerant
• Open-Circuit Fail Safe
• Output are High Impedance with VCC <1.5V
• Integrated 110-ohm Line Termination Resistor (PI90LVT02)
• Operates from a 3.3V supply
• Input common-mode voltage range 0V–3.2V
• Industrial Temperature Operating Range: –40°C to 85°C
• Packaging (Pb-free & Green available):
- 5-pin space-saving SOT23 (T)
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI90LV02/PI90LVT02
SOTinyTM LVDS High-Speed
Differential Line Receiver
s
t
u
p
n
Is
t
u
p
t
u
O
V D
I
V
= A V
B
R
T
U
O
V D
I
V
m
0
5
>H
V
<
V
m
0
5
D
I
V
m
0
5
<?
V D
I
V
m
0
5
–L
n
e
p
OH
Description
The PI90LV02 and PI90LVT02 are single differential line receivers
that use low-voltage differential signaling (LVDS) to support data
rates up to 400 Mbps. These products are designed for applications
requiring high-speed, low-power consumption, low-noise genera-
tion, and a small package.
A differential input signal (350mV) is translated by the device to a
3.3VCMOSoutputlevel.ThePI90LVT02integratestheterminating
resistor while the PI90LV02 requires an external resistor.
Applications
Applications include point-to-point and multi-drop baseband data
transmissions over impedance media of approximately 100-ohms.
The transmission media can be printed circuit board traces,
backplanes, or cables.
ThePI90LV02andPI90LVT02andcompanionlinedrivers(PI90LV01
andPI90LVB01)providenewalternativestoRS-232,PECL,andECL
devices for high-speed, point-to-point interface applications.
H = high level
L = low level
? = indeterminate
Logic Diagram
Function Table
Pinout
5
3
A
4
B
ROUT
PI90LV02
5
3
A
4
110-ohm
B
ROUT
PI90LVT02
1
2
3
VCC
GND
A
ROUT
B
5
4
09-0002


Similar Part No. - PI90LV02_09

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LV022 PERICOM-PI90LV022 Datasheet
182Kb / 12P
   LVDS Mux/Repeater
PI90LV022B PERICOM-PI90LV022B Datasheet
182Kb / 12P
   LVDS Mux/Repeater
PI90LV022L PERICOM-PI90LV022L Datasheet
182Kb / 12P
   LVDS Mux/Repeater
PI90LV022LE PERICOM-PI90LV022LE Datasheet
182Kb / 12P
   LVDS Mux/Repeater
PI90LV022W PERICOM-PI90LV022W Datasheet
182Kb / 12P
   LVDS Mux/Repeater
More results

Similar Description - PI90LV02_09

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LV01 PERICOM-PI90LV01 Datasheet
198Kb / 8P
   SOTiny LVDS High-Speed Differential Line Driver
PI90LV01 PERICOM-PI90LV01_09 Datasheet
454Kb / 8P
   SOTiny LVDS High-Speed Differential Line Driver
PI90LV02 PERICOM-PI90LV02 Datasheet
181Kb / 9P
   SOTinyTM LVDS High-Speed Differential Line Receiver
PI90LV179 PERICOM-PI90LV179_15 Datasheet
995Kb / 11P
   3.3V LVDS High-Speed Differential Line Driver and Receiver
logo
NXP Semiconductors
PTN3332 PHILIPS-PTN3332 Datasheet
92Kb / 16P
   High speed differential line receiver
Rev. 01-07 January 2004
logo
Texas Instruments
SN65LVDS2 TI-SN65LVDS2 Datasheet
131Kb / 10P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVER
SN65LVDT2 TI-SN65LVDT2 Datasheet
133Kb / 10P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVER
logo
NXP Semiconductors
PTN3342 PHILIPS-PTN3342 Datasheet
91Kb / 16P
   High speed differential line receiver
Rev. 01-05 January 2004
logo
Texas Instruments
SN55LVDS32-SP TI1-SN55LVDS32-SP Datasheet
383Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVER
DSLVDS1048 TI1-DSLVDS1048 Datasheet
1Mb / 25P
[Old version datasheet]   3.3-V LVDS Quad Channel High-Speed Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com