Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI74LPT16244 Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI74LPT16244
Description  3.3V, 16-Bit Buffer/Line Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74LPT16244 Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

  PI74LPT16244_08 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74LPT16244_08 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74LPT16244_08 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74LPT16244_08 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74LPT16244_08 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74LPT16244_08 Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
PS2067G
11/10/08
PI74LPT16244
3.3V, 16-Bit Buffer/Line Driver
Pericom Semiconductor Corporation • 1-800-435-2336 • www.pericom.com
Ordering Information
Ordering Code
Package Code
Description
PI74LPT16244V
V
48-pin 300 mil wide plastic SSOP
PI74LPT16244CV
V
48-pin 300 mil wide plastic SSOP
PI74LPT16244AE
A
Pb-free & Green, 48-pin 240 mil wide plastic TSSOP
PI74LPT16244AAE
A
Pb-free & Green, 48-pin 240 mil wide plastic TSSOP
PI74LPT16244CAE
A
Pb-free & Green, 48-pin 240 mil wide plastic TSSOP
Notes:
Thermal characteristics can be found on the company web site at www.pericom.com/packaging/
E = Pb-free & Green
• Adding an X suffix = Tape/Reel
Packaging Mechanical: 48-pin SSOP (V)
0.20
0.51
1.01
0.25
0.381
0.635
.008
.008
.016
0-8˚
0.20
0.40
.110 2.79
.010
Gauge Plane
.02
.04
.015
.025
x 45˚
.025 BSC
0.635
.291
.299
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
7.39
7.59
.395
.420
10.03
10.67
.620
.630
15.75
16.00
.008
.0135
0.20
0.34
1
48
Nom.
Max
DESCRIPTION: 48-Pin, 300-Mil Wide, SSOP
PACKAGE CODE: V
DOCUMENT CONTROL NO.
PD - 1401
REVISION: E
DATE: 03/09/05
Notes:
1) Controlling dimensions in inches.
2) Ref: JEDEC MO-118B/AA
Pericom Semiconductor Corporation
3545 N. 1st Street, San Jose, CA 95134
1-800-435-2335 • www.pericom.com
08-0291


Similar Part No. - PI74LPT16244_08

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74LPT16244 PERICOM-PI74LPT16244 Datasheet
137Kb / 5P
   3.3V, 16-Bit Buffer/Line Driver
More results

Similar Description - PI74LPT16244_08

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74LPT16244 PERICOM-PI74LPT16244 Datasheet
137Kb / 5P
   3.3V, 16-Bit Buffer/Line Driver
logo
Renesas Technology Corp
IDT74FCT163244A RENESAS-IDT74FCT163244A Datasheet
241Kb / 7P
   3.3V CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
logo
Integrated Device Techn...
IDT74FCT163244 IDT-IDT74FCT163244 Datasheet
108Kb / 6P
   3.3V CMOS 16-BIT BUFFER/LINE DRIVER
IDT74FCT163244CPVG IDT-IDT74FCT163244CPVG Datasheet
84Kb / 6P
   3.3V CMOS 16-BIT BUFFER/LINE DRIVER
logo
Pericom Semiconductor C...
PI74FCT163244 PERICOM-PI74FCT163244 Datasheet
163Kb / 5P
   Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74LCX16244 PERICOM-PI74LCX16244 Datasheet
311Kb / 6P
   Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74LCX16240 PERICOM-PI74LCX16240 Datasheet
85Kb / 5P
   Fast CMOS 3.3V 16-Bit Buffer/Line Driver
logo
NXP Semiconductors
74ALVC16244 PHILIPS-74ALVC16244 Datasheet
84Kb / 10P
   2.5V/3.3V 16-bit buffer/line driver 3-State
1998 Jun 29
logo
Integrated Device Techn...
IDT74LVC16244A IDT-IDT74LVC16244A_15 Datasheet
107Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER
IDT74LVCH16244A IDT-IDT74LVCH16244A_15 Datasheet
224Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com