Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6ULS5V9306WE Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI6ULS5V9306WE
Description  SMBus voltage-level translator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6ULS5V9306WE Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI6ULS5V9306WE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6ULS5V9306WE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6ULS5V9306WE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6ULS5V9306WE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6ULS5V9306WE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6ULS5V9306WE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6ULS5V9306WE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6ULS5V9306WE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6ULS5V9306WE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-08-0006
PT0451-5
8/18/15
4
PI6ULS5V9306
Dual bidirectional I2C-bus and
SMBus voltage-level translator
Dynamic characteristics
TA = -40 C to +85 C; unless otherwise specified. Values guaranteed by design.
Symbol
Parameter
Conditions
CL = 50 pF
CL = 30 pF
CL = 15 pF
Unit
Min
Max
Min
Max
Min
Max
VI(EN) = 3.3 V; VIH = 3.3 V; VIL = 0 V; VM = 1.15 V
tPLH
LOW-to-HIGH
propagation delay
from (input) SCL2 or SDA2
to (output) SCL1 or SDA1
0
0.8
0
0.6
0
0.3
ns
tPHL
HIGH-to-LOW
propagation delay
from (input) SCL2 or SDA2
to (output) SCL1 or SDA1
0
1.2
0
1
0
0.5
ns
VI(EN) = 2.5 V; VIH = 3.3 V; VIL = 0 V; VM = 0.75 V
tPLH
LOW-to-HIGH
propagation delay
from (input) SCL2 or SDA2
to (output) SCL1 or SDA1
0
1
0
0.7
0
0.4
ns
tPHL
HIGH-to-LOW
propagation delay
from (input) SCL2 or SDA2
to (output) SCL1 or SDA1
0
1.3
0
1
0
0.6
ns
VI(EN) = 3.3 V; VIH = 2.3 V; VIL = 0 V; VT = 3.3 V; VM = 1.15 V; RL = 300
tPLH
LOW-to-HIGH
propagation delay
ffrom (input) SCL1 orSDA1
to (output) SCL2 or SDA2
0
0.9
0
0.6
0
0.4
ns
tPHL
HIGH-to-LOW
propagation delay
from (input) SCL1 or SDA1
to (output) SCL2 or SDA2
0
1.4
0
1.1
0
0.7
ns
VI(EN) = 2.5 V; VIH = 1.5 V; VIL = 0 V; VT = 2.5 V; VM = 0.75 V; RL = 300
tPLH
LOW-to-HIGH
propagation delay
from (input) SCL1 orSDA1
to (output) SCL2 or SDA2
0
1
0
0.6
0
0.4
ns
tPHL
HIGH-to-LOW
propagation delay
from (input) SCL1 or SDA1
to (output) SCL2 or SDA2
0
1.3
0
1.3
0
0.8
ns
Figure.2 Load Circuit for Outputs


Similar Part No. - PI6ULS5V9306WE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6ULS5V9509 PERICOM-PI6ULS5V9509 Datasheet
628Kb / 10P
   Level Translating SMBus Repeater with Tiny Package
PI6ULS5V9509UE PERICOM-PI6ULS5V9509UE Datasheet
628Kb / 10P
   Level Translating SMBus Repeater with Tiny Package
PI6ULS5V9509UEX PERICOM-PI6ULS5V9509UEX Datasheet
628Kb / 10P
   Level Translating SMBus Repeater with Tiny Package
PI6ULS5V9509WE PERICOM-PI6ULS5V9509WE Datasheet
628Kb / 10P
   Level Translating SMBus Repeater with Tiny Package
PI6ULS5V9509WEX PERICOM-PI6ULS5V9509WEX Datasheet
628Kb / 10P
   Level Translating SMBus Repeater with Tiny Package
More results

Similar Description - PI6ULS5V9306WE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCA9306 ONSEMI-PCA9306 Datasheet
141Kb / 12P
   SMBus Voltage-Level Translator
July, 2014 ??Rev. 6
logo
Global Mixed-mode Techn...
G3403 GMT-G3403 Datasheet
39Kb / 1P
   Bidirectional I2C Bus and SMBus Voltage Level Translator
logo
Unisonic Technologies
UCA9306 UTC-UCA9306 Datasheet
233Kb / 9P
   DUAL BIDIRECTIONAL I2C BUS SMBUS VOLTAGE-LEVEL TRANSLATOR
logo
Texas Instruments
PCA9306 TI-PCA9306_08 Datasheet
431Kb / 16P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
PCA9306 TI-PCA9306 Datasheet
205Kb / 13P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
PCA9306DQER TI1-PCA9306DQER Datasheet
1Mb / 22P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
logo
Union Semiconductor, In...
UM3212 UNIONSEMI-UM3212_15 Datasheet
285Kb / 11P
   Dual Bidirectional I2C-Bus and SMBus Voltage-Level Translator
logo
ON Semiconductor
NLA9306 ONSEMI-NLA9306 Datasheet
235Kb / 12P
   Dual Bidirectional I2C-bus and SMBus Voltage-Level Translator
August, 2019 ??Rev. 1
logo
NXP Semiconductors
PCA9306 NXP-PCA9306_V01 Datasheet
580Kb / 37P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 9.2 - 25 October 2022
PCA9306_1011 NXP-PCA9306_1011 Datasheet
504Kb / 26P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 6-25 November 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com