Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6ULS5V9509UE Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6ULS5V9509UE
Description  Level Translating SMBus Repeater with Tiny Package
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6ULS5V9509UE Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6ULS5V9509UE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6ULS5V9509UE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6ULS5V9509UE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6ULS5V9509UE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6ULS5V9509UE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6ULS5V9509UE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6ULS5V9509UE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6ULS5V9509UE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6ULS5V9509UE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-04-0005
PT0460-3
04/20/15
3
PI6ULS5V9509
Level Translating I
2C-Bus/SMBus
Repeater with Tiny Package
DC Electrical Characteristics
GND = 0 V; Tamb = -40 C to +85 C; unless otherwise specified
Parameter
Description
Test Conditions
Min
Typ
[1]
Max
Unit
Input and output of port A (A1&A2)
VIH
HIGH-level input voltage
-
0.7VCC(A)
-
VCC(A)
V
VIL
[2]
LOW-level input voltage
-
-0.5
-
+0.3
VILc
contention LOW-level input
voltage
-
−0.5
+0.15
-
V
VIK
input clamping voltage
IL= -18 mA
-1.5
-
-0.5
V
ILI
input leakage current
VI = VCC(A)
-
-
±1
μA
IIL
LOW-level input current
SDA, SCL; VI = 0.2 V
-1.5
-1.0
-0.45
mA
VOL
LOW-level output voltage
VCC(A) = 0.95 V to 1.2V
-
0.18
0.25
V
VCC(A) = > 1.2V to
(VCC(B) − 1 V)
-
0.2
0.3
VOL-VILc
difference between LOW-level
output and LOW-level input
voltage contention
guaranteed by design
-
50
-
mV
ILOH
HIGH-level output leakage
current
VO = VCC(A)
-
-
10
μA
Cio
input/output capacitance
-
-
6
-
pF
Input and output of port B (B1&B2)
VIH
HIGH-level input voltage
-
0.7VCC(B)
-
VCC(B)
V
VIL
LOW-level input voltage
-
-0.5
-
+0.3
VCC(B)
VIK
input clamping voltage
II = -18 mA
-1.5
-
-0.5
V
ILI
input leakage current
VI = 3.6 V
-1
-
1
μA
IIL
LOW-level input current
VI = 0.2 V
-
-
10
μA
VOL
LOW-level output voltage
IOL = 6 mA
-
0.1
0.2
V
ILOH
HIGH-level output leakage
current
VO = 3.6 V
-
-
10
μA
Cio
input/output capacitance
-
-
3
-
pF
Enable
VIH
HIGH-level input voltage
-
0.9VCC(A)
-
VCC(B)
V
VIL
LOW-level input voltage
-
-0.5
-
+0.1
VCC(A)
V
IIL
LOW-level input current
VI = 0.2 V, EN;
VCC = 3.6 V
-1
-
+1
μA
ILI
input leakage current
VI = VCC
-1
-
+1
μA
Ci
input capacitance
VI = 3.0 V or 0V
-
2
-
pF
Note:
1. Typical values with VCC(A) = 1.1 V, VCC(B) = 5 V.
2. VIL specification is for the falling edge seen by the port A input. VILC is for the static LOW levels seen by the port A input
resulting in port B output staying LOW.


Similar Part No. - PI6ULS5V9509UE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI6ULS5V9511A DIODES-PI6ULS5V9511A Datasheet
1Mb / 17P
   Hot Swappable I2C Bus/SMBus Buffer
December 2018
PI6ULS5V9511AUEX DIODES-PI6ULS5V9511AUEX Datasheet
1Mb / 17P
   Hot Swappable I2C Bus/SMBus Buffer
December 2018
PI6ULS5V9511AWEX DIODES-PI6ULS5V9511AWEX Datasheet
1Mb / 17P
   Hot Swappable I2C Bus/SMBus Buffer
December 2018
PI6ULS5V9511AZWEX DIODES-PI6ULS5V9511AZWEX Datasheet
1Mb / 17P
   Hot Swappable I2C Bus/SMBus Buffer
December 2018
logo
Pericom Semiconductor C...
PI6ULS5V9515A PERICOM-PI6ULS5V9515A Datasheet
494Kb / 10P
   SMBus Repeater
More results

Similar Description - PI6ULS5V9509UE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6ULS5V9517A PERICOM-PI6ULS5V9517A Datasheet
573Kb / 12P
   Level Translating SMBus Repeater
logo
Texas Instruments
TCA9509 TI1-TCA9509 Datasheet
318Kb / 14P
[Old version datasheet]   LEVEL-TRANSLATING I2C/SMBUS BUS REPEATER
JUNE2011
logo
NXP Semiconductors
PCA9509 PHILIPS-PCA9509 Datasheet
101Kb / 16P
   Level translating I2C-bus/SMBus repeater
Rev. 01-27 June 2006
logo
Texas Instruments
TCA9509 TI1-TCA9509_13 Datasheet
668Kb / 18P
[Old version datasheet]   LEVEL-TRANSLATING I2C/SMBUS BUS REPEATER
logo
Nuvoton Technology Corp...
NCT5917W NUVOTON-NCT5917W Datasheet
481Kb / 18P
   Level translating I2C-bus/SMBus Repeater
NCT5927W NUVOTON-NCT5927W Datasheet
718Kb / 16P
   Level translating I2C-bus/SMBus Repeater
logo
NXP Semiconductors
PCA9509 NXP-PCA9509 Datasheet
124Kb / 19P
   Level translating I2C-bus/SMBus repeater
Rev. 05-10 July 2009
PCA9509P NXP-PCA9509P Datasheet
1Mb / 23P
   Low power level translating I2C-bus/SMBus repeater
Rev. 1-14 August 2012
PCA9519 PHILIPS-PCA9519 Datasheet
108Kb / 17P
   4-channel level translating I2C-bus/SMBus repeater
Rev. 01-22 June 2006
PCA9519 NXP-PCA9519 Datasheet
121Kb / 18P
   4-channel level translating I2C-bus/SMBus repeater
Rev. 02-13 August 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com